Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC4538AFEL Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74HC4538AFEL
Description  Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4538AFEL Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC74HC4538AFEL Datasheet HTML 2Page - ON Semiconductor MC74HC4538AFEL Datasheet HTML 3Page - ON Semiconductor MC74HC4538AFEL Datasheet HTML 4Page - ON Semiconductor MC74HC4538AFEL Datasheet HTML 5Page - ON Semiconductor MC74HC4538AFEL Datasheet HTML 6Page - ON Semiconductor MC74HC4538AFEL Datasheet HTML 7Page - ON Semiconductor MC74HC4538AFEL Datasheet HTML 8Page - ON Semiconductor MC74HC4538AFEL Datasheet HTML 9Page - ON Semiconductor MC74HC4538AFEL Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MC74HC4538A
http://onsemi.com
6
OUTPUT PULSE WIDTH CHARACTERISTICS (CL = 50 pF)t
Symbol
Parameter
Conditions
Guaranteed Limits
Unit
Timing Components
VCC
V
–55 to 25
_C
v 85_C
v 125_C
Min
Max
Min
Max
Min
Max
τ
Output Pulse Width*
(Figures 6 and 8)
Rx = 10 kW, Cx = 0.1 mF
5.0
0.63
0.77
0.6
0.8
0.59
0.81
ms
Pulse Width Match Between
Circuits in the same Package
± 5.0
%
Pulse Width Match Variation
(Part to Part)
± 10
%
*For output pulse widths greater than 100
ms, typically τ = kRxCx, where the value of k may be found in Figure 3.
Figure 3. Typical Output Pulse Width Constant,
k, versus Supply Voltage
(For output pulse widths
> 100 ms: τ = kRxCx)
Figure 4. Output Pulse Width versus Timing Capacitance
Figure 5. Normalized Output Pulse Width versus Power Supply Voltage
0.8
0.7
0.6
0.5
0.4
0.3
10 s
1 s
100 ms
10 ms
1 ms
100
ms
10
ms
1
ms
100 ns
1.1
1
0.9
0.8
0.7
0.6
0.5
123
45
67
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1
2
3456
7
VCC, POWER SUPPLY VOLTAGE (VOLTS)
CAPACITANCE (
mF)
VCC, POWER SUPPLY VOLTAGE (VOLTS)
TA = 25°C
VCC = 5 V, TA = 25°C
TA = 25°C
Rx = 100 kW
Cx = 1000 pF
Rx = 1 MW
Cx = 0.1 mF
1 k
W
10 k
W
1 M
W
100 k
W


Similar Part No. - MC74HC4538AFEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
logo
Motorola, Inc
MC74HC4538A MOTOROLA-MC74HC4538A Datasheet
371Kb / 13P
   Dual precision Monostable Multivibrator (Retriggerable, Resettable)
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
168Kb / 14P
   Dual Precision Monostable Multivibrator
August, 2014 ??Rev. 15
MC74HC4538AD ONSEMI-MC74HC4538AD Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
logo
Motorola, Inc
MC74HC4538AD MOTOROLA-MC74HC4538AD Datasheet
371Kb / 13P
   Dual precision Monostable Multivibrator (Retriggerable, Resettable)
More results

Similar Description - MC74HC4538AFEL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Motorola, Inc
MC54HC4538A MOTOROLA-MC54HC4538A Datasheet
371Kb / 13P
   Dual precision Monostable Multivibrator (Retriggerable, Resettable)
MC14538B MOTOROLA-MC14538B Datasheet
275Kb / 10P
   DUAL PRECISION RETRIGGERABLE / RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC14538B ONSEMI-MC14538B_14 Datasheet
179Kb / 13P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
July, 2014 ??Rev. 11
MC14538BDWG ONSEMI-MC14538BDWG Datasheet
198Kb / 14P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
May, 2013 ??Rev. 10
logo
National Semiconductor ...
96L02 NSC-96L02 Datasheet
144Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com