Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA64LT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBTA64LT1G
Description  Darlington Transistors PNP Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBTA64LT1G Datasheet(HTML) 2 Page - ON Semiconductor

  MMBTA64LT1G Datasheet HTML 1Page - ON Semiconductor MMBTA64LT1G Datasheet HTML 2Page - ON Semiconductor MMBTA64LT1G Datasheet HTML 3Page - ON Semiconductor MMBTA64LT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBTA63LT1, MMBTA64LT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector −Emitter Breakdown Voltage
(IC = −100 mAdc)
V(BR)CEO
−30
Vdc
Collector Cutoff Current
(VCB = −30 Vdc)
ICBO
−100
nAdc
Emitter Cutoff Current
(VEB = −10 Vdc)
IEBO
−100
nAdc
ON CHARACTERISTICS
DC Current Gain (Note 3)
(IC = −10 mAdc, VCE = −5.0 Vdc)
MMBTA63
(IC = −10 mAdc, VCE = −5.0 Vdc)
MMBTA64
(IC = −100 mAdc, VCE = −5.0 Vdc)
MMBTA63
(IC = −100 mAdc, VCE = −5.0 Vdc)
MMBTA64
hFE
5,000
10,000
10,000
20,000
Collector −Emitter Saturation Voltage
(IC = −100 mAdc, IB = −0.1 mAdc)
VCE(sat)
−1.5
Vdc
Base − Emitter On Voltage
(IC = −100 mAdc, VCE = −5.0 Vdc)
VBE(on)
−2.0
Vdc
SMALL− SIGNAL CHARACTERISTICS
Current −Gain − Bandwidth Product
(IC = −10 mAdc, VCE = −5.0 Vdc, f = 100 MHz)
fT
125
MHz
3. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.


Similar Part No. - MMBTA64LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA64LT1G ONSEMI-MMBTA64LT1G Datasheet
131Kb / 4P
   Darlington Transistors
August, 2009 ??Rev. 4
MMBTA64LT1G ONSEMI-MMBTA64LT1G Datasheet
93Kb / 4P
   Darlington Transistors
October, 2016 ??Rev. 6
More results

Similar Description - MMBTA64LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBTA63LT1 LRC-MMBTA63LT1 Datasheet
115Kb / 3P
   Darlington Transistors(PNP Silicon)
logo
ON Semiconductor
MPSA62 ONSEMI-MPSA62 Datasheet
157Kb / 4P
   Darlington Transistors(PNP Silicon)
1996
MPSA75 ONSEMI-MPSA75 Datasheet
97Kb / 4P
   Darlington Transistors(PNP Silicon)
1996
logo
Infineon Technologies A...
BCV26 INFINEON-BCV26_11 Datasheet
528Kb / 7P
   PNP Silicon Darlington Transistors
2011-10-05
BCV28 INFINEON-BCV28 Datasheet
47Kb / 5P
   PNP Silicon Darlington Transistors
Jul-12-2001
logo
Siemens Semiconductor G...
BD976 SIEMENS-BD976 Datasheet
118Kb / 4P
   PNP SILICON DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28_07 Datasheet
72Kb / 8P
   PNP Silicon Darlington Transistors
2007-04-20
SMBTA63 INFINEON-SMBTA63 Datasheet
44Kb / 4P
   PNP Silicon Darlington Transistors
Nov-30-2001
logo
ON Semiconductor
MPSA62 ONSEMI-MPSA62_05 Datasheet
62Kb / 4P
   Darlington Transistors PNP Silicon
June, 2005 ??Rev. 2
MMBTA63LT1 ONSEMI-MMBTA63LT1 Datasheet
156Kb / 4P
   Darlington Transistors(PNP Silicon)
March, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com