Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC4852AD Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HC4852AD
Description  Analog Multiplexers/Demultiplexers with Injection Current Effect Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4852AD Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HC4852AD Datasheet HTML 1Page - ON Semiconductor MC74HC4852AD Datasheet HTML 2Page - ON Semiconductor MC74HC4852AD Datasheet HTML 3Page - ON Semiconductor MC74HC4852AD Datasheet HTML 4Page - ON Semiconductor MC74HC4852AD Datasheet HTML 5Page - ON Semiconductor MC74HC4852AD Datasheet HTML 6Page - ON Semiconductor MC74HC4852AD Datasheet HTML 7Page - ON Semiconductor MC74HC4852AD Datasheet HTML 8Page - ON Semiconductor MC74HC4852AD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MC74HC4851A, MC74HC4852A
http://onsemi.com
4
DC CHARACTERISTICS — Analog Section
Symbol
Parameter
Condition
VCC
Guaranteed Limit
Unit
−55 to 25
°C
≤85°C
≤125°C
Ron
Maximum “ON” Resistance
Vin = VIL or VIH;VIS = VCC to
GND; IS ≤ 2.0 mA
2.0
3.0
4.5
6.0
1700
1100
550
400
1750
1200
650
500
1800
1300
750
600
W
DRon
Delta “ON” Resistance
Vin = VIL or VIH; VIS = VCC/2
IS ≤ 2.0 mA
2.0
3.0
4.5
6.0
300
160
80
60
400
200
100
80
500
240
120
100
W
Ioff
Maximum Off−Channel Leakage Current,
Any One Channel
Common Channel
Vin = VCC or GND
6.0
±0.1
±0.2
±0.5
±2.0
±1.0
±4.0
mA
Ion
Maximum On−Channel Leakage
Channel−to−Channel
Vin = VCC or GND
6.0
±0.2
±2.0
±4.0
mA
AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Symbol
Parameter
VCC
−55 to 25
°C
≤85°C
≤125°C
Unit
tPHL,
tPLH
Maximum Propagation Delay, Analog Input to Analog Output
2.0
3.0
4.5
6.0
160
80
40
30
180
90
45
35
200
100
50
40
ns
tPHL,
tPHZ,PZH
tPLH,
tPLZ,PZL
Maximum Propagation Delay, Enable or Channel−Select to Analog Output
2.0
3.0
4.5
6.0
260
160
80
60
280
180
90
70
300
200
100
80
ns
Cin
Maximum Input Capacitance
Digital Pins
(All Switches Off)
Any Single Analog Pin
(All Switches Off)
Common Analog Pin
10
35
130
10
35
130
10
35
130
pF
CPD
Power Dissipation Capacitance
Typical
5.0
20
pF
INJECTION CURRENT COUPLING SPECIFICATIONS (VCC = 5V, TA = −55°C to +125°C)
Symbol
Parameter
Condition
Typ
Max
Unit
V
Dout
Maximum Shift of Output Voltage of Enabled Analog Channel
Iin* ≤ 1 mA, RS ≤ 3,9 kW
Iin* ≤ 10 mA, RS ≤ 3,9 kW
Iin* ≤ 1 mA, RS ≤ 20 kW
Iin* ≤ 10 mA, RS ≤ 20 kW
0.1
1.0
0.5
5.0
1.0
5.0
2.0
20
mV
* Iin = Total current injected into all disabled channels.


Similar Part No. - MC74HC4852AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4852AD ONSEMI-MC74HC4852AD Datasheet
294Kb / 12P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
March, 2000 ??Rev. 4
MC74HC4852ADG ONSEMI-MC74HC4852ADG Datasheet
210Kb / 16P
   Analog Multiplexers/ Demultiplexers
October, 2016 ??Rev. 21
MC74HC4852ADR2 ONSEMI-MC74HC4852ADR2 Datasheet
294Kb / 12P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
March, 2000 ??Rev. 4
MC74HC4852ADR2G ONSEMI-MC74HC4852ADR2G Datasheet
210Kb / 16P
   Analog Multiplexers/ Demultiplexers
October, 2016 ??Rev. 21
MC74HC4852ADT ONSEMI-MC74HC4852ADT Datasheet
294Kb / 12P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
March, 2000 ??Rev. 4
More results

Similar Description - MC74HC4852AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4851A ONSEMI-MC74HC4851A Datasheet
294Kb / 12P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
March, 2000 ??Rev. 4
MC74HC4851A ONSEMI-MC74HC4851A_11 Datasheet
230Kb / 15P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
May, 2011 ??Rev. 9
NLVHCT4851ADTR2G ONSEMI-NLVHCT4851ADTR2G Datasheet
166Kb / 14P
   Analog Multiplexers/ Demultiplexers with Injection Current Effect Control with LSTTL Compatible Inputs
April, 2013 ??Rev. 6
MC74HCT4851A ONSEMI-MC74HCT4851A Datasheet
205Kb / 13P
   Analog Multiplexers/ Demultiplexers with Injection Current Effect Control with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
MC74HCT4851ADTG ONSEMI-MC74HCT4851ADTG Datasheet
166Kb / 14P
   Analog Multiplexers/ Demultiplexers with
April, 2013 ??Rev. 6
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com