Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT373A Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74HCT373A
Description  Octal 3?뭆tate Noninverting Transparent Latch with LSTTL?묬ompatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT373A Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HCT373A_06 Datasheet HTML 1Page - ON Semiconductor MC74HCT373A_06 Datasheet HTML 2Page - ON Semiconductor MC74HCT373A_06 Datasheet HTML 3Page - ON Semiconductor MC74HCT373A_06 Datasheet HTML 4Page - ON Semiconductor MC74HCT373A_06 Datasheet HTML 5Page - ON Semiconductor MC74HCT373A_06 Datasheet HTML 6Page - ON Semiconductor MC74HCT373A_06 Datasheet HTML 7Page - ON Semiconductor MC74HCT373A_06 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74HCT373A
http://onsemi.com
5
EXPANDED LOGIC DIAGRAM
D0
3
DQ
LE
2
Q0
11
1
LATCH
ENABLE
OUTPUT
ENABLE
D1
4
DQ
LE
5
Q1
D2
7
DQ
LE
6
Q2
D3
8
DQ
LE
9
Q3
D4
13
DQ
LE
12
Q4
D5
14
DQ
LE
15
Q5
D6
17
DQ
LE
16
Q6
D7
18
DQ
LE
19
Q7
SWITCHING WAVEFORMS
Figure 1.
Figure 2.
3 V
GND
tf
tr
INPUT D
Q
0.3 V
1.3 V
2.7 V
10%
1.3 V
90%
tTLH
tPLH
tPHL
tTHL
3 V
GND
1.3 V
LATCH ENABLE
tPLH
tPHL
Q
tw
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
Q
tPZL
tPLZ
tPZH
tPHZ
10%
90%
3 V
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
Figure 3.
Figure 4.
Q
OUTPUT
ENABLE
1.3 V
INPUT D
LATCH ENABLE
3 V
3 V
GND
GND
VALID
th
tsu
1.3 V


Similar Part No. - MC74HCT373A_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT373ADT ONSEMI-MC74HCT373ADT Datasheet
185Kb / 8P
   Octal 3-State Noninverting Transceiver Latch with LSTTL-Compatible Inputs?
March, 2000 ??Rev. 8
MC74HCT373ADTR2 ONSEMI-MC74HCT373ADTR2 Datasheet
185Kb / 8P
   Octal 3-State Noninverting Transceiver Latch with LSTTL-Compatible Inputs?
March, 2000 ??Rev. 8
MC74HCT373ADTR2G ONSEMI-MC74HCT373ADTR2G Datasheet
153Kb / 9P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
June, 2011 ??Rev. 12
MC74HCT373ADTR2G ONSEMI-MC74HCT373ADTR2G Datasheet
124Kb / 7P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
September, 2014 ??Rev. 13
MC74HCT373ADW ONSEMI-MC74HCT373ADW Datasheet
185Kb / 8P
   Octal 3-State Noninverting Transceiver Latch with LSTTL-Compatible Inputs?
March, 2000 ??Rev. 8
More results

Similar Description - MC74HCT373A_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT573A ONSEMI-MC74HCT573A_06 Datasheet
162Kb / 7P
   Octal 3?뭆tate Noninverting Transparent Latch with LSTTL Compatible Inputs
March, 2006 ??Rev. 11
MC74HCT574A ONSEMI-MC74HCT574A_05 Datasheet
107Kb / 7P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
September, 2005 ??Rev. 9
MC74HCT374A ONSEMI-MC74HCT374A_05 Datasheet
116Kb / 8P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
June, 2005 ??Rev. 10
MC74HCT373A ONSEMI-MC74HCT373A_14 Datasheet
124Kb / 7P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
September, 2014 ??Rev. 13
MC74HCT244A ONSEMI-MC74HCT244A_06 Datasheet
113Kb / 8P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver with LSTTL?묬ompatible Inputs
December, 2006 ??Rev. 11
MC74HCT573A ONSEMI-MC74HCT573A Datasheet
186Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT573ADWR2G ONSEMI-MC74HCT573ADWR2G Datasheet
153Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
June, 2011 ??Rev. 12
MC74HCT573A ONSEMI-MC74HCT573A_14 Datasheet
120Kb / 6P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
September, 2014 ??Rev. 13
logo
Motorola, Inc
MC74HCT573A MOTOROLA-MC74HCT573A Datasheet
202Kb / 6P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
logo
ON Semiconductor
MC74HCT373ADWR2G ONSEMI-MC74HCT373ADWR2G Datasheet
153Kb / 9P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
June, 2011 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com