Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MV2101 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MV2101
Description  Silicon Tuning Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MV2101 Datasheet(HTML) 1 Page - ON Semiconductor

  MV2101 Datasheet HTML 1Page - ON Semiconductor MV2101 Datasheet HTML 2Page - ON Semiconductor MV2101 Datasheet HTML 3Page - ON Semiconductor MV2101 Datasheet HTML 4Page - ON Semiconductor MV2101 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 4
1
Publication Order Number:
MMBV2101LT1/D
MMBV2101LT1 Series,
MV2105, MV2101, MV2109,
LV2209
Preferred Device
Silicon Tuning Diodes
These devices are designed in popular plastic packages for the high
volume requirements of FM Radio and TV tuning and AFC, general
frequency control and tuning applications. They provide solid−state
reliability in replacement of mechanical tuning methods. Also
available in a Surface Mount Package up to 33 pF.
Features
High Q
Controlled and Uniform Tuning Ratio
Standard Capacitance Tolerance − 10%
Complete Typical Design Curves
Pb−Free Packages are Available
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
Vdc
Forward Current
IF
200
mAdc
Forward Power Dissipation
@ TA = 25°C
MMBV21xx
Derate above 25
°C
@ TA = 25°C
MV21xx
Derate above 25
°C
LV2209
PD
225
1.8
280
2.8
mW
mW/
°C
mW
mW/
°C
Junction Temperature
TJ
+150
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
(IR = 10 mAdc)
MMBV21xx, MV21xx
LV2209
V(BR)R
30
25
Vdc
Reverse Voltage Leakage Current
(VR = 25 Vdc, TA = 25°C)
IR
0.1
mAdc
Diode Capacitance Temperature Co-
efficient (VR = 4.0 Vdc, f = 1.0 MHz)
TCC
280
ppm/
°C
Preferred devices are recommended choices for future use
and best overall value.
3
Cathode
1
Anode
2
Cathode
1
Anode
SOT−23
TO−92
1
2
3
1
2
yy
yyyy
AYWW
G
G
TO−92 (TO−226AC)
CASE 182
STYLE 1
SOT−23 (TO−236)
CASE 318−08
STYLE 8
yyyyyy = Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
6.8−100 pF, 30 VOLTS
VOLTAGE VARIABLE
CAPACITANCE DIODES
1
xxx M
G
G
xxx = Specific Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
(Note: Microdot may be in either location)
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
MARKING
DIAGRAMS


Similar Part No. - MV2101

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MV2101 LRC-MV2101 Datasheet
61Kb / 3P
   Silicon Tuning Diode
logo
E-Tech Electronics LTD
MV2101 ETL-MV2101 Datasheet
123Kb / 3P
   Silicon Tuning Diode
logo
New Jersey Semi-Conduct...
MV2101 NJSEMI-MV2101 Datasheet
92Kb / 1P
   VOLTAGE-VARIABLE CAPACITANCE DIODES
logo
Microsemi Corporation
MV21010 MICROSEMI-MV21010 Datasheet
154Kb / 2P
   GaAs Varactor Diodes Abrupt Junction
More results

Similar Description - MV2101

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BBY58 INFINEON-BBY58_07 Datasheet
114Kb / 10P
   Silicon Tuning Diodes
2007-09-19
BB833 INFINEON-BB833 Datasheet
407Kb / 3P
   Silicon Tuning Diodes
Nov-07-2002
BBY52 INFINEON-BBY52 Datasheet
390Kb / 3P
   Silicon Tuning Diodes
Oct-24-2002
BBY55 INFINEON-BBY55 Datasheet
411Kb / 3P
   Silicon Tuning Diodes
Nov-14-2002
BBY55 INFINEON-BBY55_07 Datasheet
88Kb / 8P
   Silicon Tuning Diodes
2007-05-25
BB833 INFINEON-BB833_07 Datasheet
54Kb / 5P
   Silicon Tuning Diodes
2007-04-20
BBY66 INFINEON-BBY66_07 Datasheet
92Kb / 8P
   Silicon Tuning Diodes
2007-04-20
BBY66 INFINEON-BBY66 Datasheet
391Kb / 3P
   Silicon Tuning Diodes
Nov-14-2002
logo
New Jersey Semi-Conduct...
MVAM108 NJSEMI-MVAM108 Datasheet
91Kb / 1P
   SILICON TUNING DIODES
logo
Infineon Technologies A...
BBY52 INFINEON-BBY52_07 Datasheet
69Kb / 7P
   Silicon Tuning Diodes
2007-04-20
BBY58 INFINEON-BBY58 Datasheet
111Kb / 3P
   Silicon Tuning Diodes
Jul-25-2003
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com