Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDF1N05ER2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMDF1N05ER2G
Description  Power MOSFET 1 Amp, 50 Volts N-Channel SO-8, Dual
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF1N05ER2G Datasheet(HTML) 2 Page - ON Semiconductor

  MMDF1N05ER2G Datasheet HTML 1Page - ON Semiconductor MMDF1N05ER2G Datasheet HTML 2Page - ON Semiconductor MMDF1N05ER2G Datasheet HTML 3Page - ON Semiconductor MMDF1N05ER2G Datasheet HTML 4Page - ON Semiconductor MMDF1N05ER2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMDF1N05E
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0, ID = 250 mA)
V(BR)DSS
50
Vdc
Zero Gate Voltage Drain Current
(VDS = 50 V, VGS = 0)
IDSS
2
mAdc
Gate−Body Leakage Current
(VGS = 20 Vdc, VDS = 0)
IGSS
100
nAdc
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage (VDS = VGS, ID = 250 mAdc)
VGS(th)
1.0
3.0
Vdc
Drain−to−Source On−Resistance
(VGS = 10 Vdc, ID = 1.5 Adc)
(VGS = 4.5 Vdc, ID = 0.6 Adc)
RDS(on)
RDS(on)
0.30
0.50
W
Forward Transconductance (VDS = 15 V, ID = 1.5 A)
gFS
1.5
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 V, VGS = 0,
f = 1.0 MHz)
Ciss
330
pF
Output Capacitance
Coss
160
Reverse Transfer Capacitance
Crss
50
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
(VDD = 10 V, ID = 1.5 A, RL = 10 W,
VG = 10 V, RG = 50 W)
td(on)
20
ns
Rise Time
tr
30
Turn−Off Delay Time
td(off)
40
Fall Time
tf
25
Total Gate Charge
(VDS = 10 V, ID = 1.5 A,
VGS = 10 V)
Qg
12.5
nC
Gate−Source Charge
Qgs
1.9
Gate−Drain Charge
Qgd
3.0
SOURCE−DRAIN DIODE CHARACTERISTICS (TC = 25°C)
Forward Voltage (Note 2)
(IS = 1.5 A, VGS = 0 V)
(dIS/dt = 100 A/ms)
VSD
1.6
V
Reverse Recovery Time
trr
45
ns
2. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.
3. Switching characteristics are independent of operating junction temperature.


Similar Part No. - MMDF1N05ER2G

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MMDF1N05ER2G VBSEMI-MMDF1N05ER2G Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
ON Semiconductor
MMDF1N05ER2G ONSEMI-MMDF1N05ER2G Datasheet
211Kb / 7P
   Power MOSFET 2 A, 50 V, N-Channel SO-8, Dual
December, 2012 - Rev. 11
More results

Similar Description - MMDF1N05ER2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF1N05E ONSEMI-MMDF1N05E_V01 Datasheet
211Kb / 7P
   Power MOSFET 2 A, 50 V, N-Channel SO-8, Dual
December, 2012 - Rev. 11
MMSF5N02HD ONSEMI-MMSF5N02HD Datasheet
269Kb / 10P
   N-Channel SO-8 Power MOSFET
August, 2006 ??Rev. 7
MMDFS6N303 ONSEMI-MMDFS6N303 Datasheet
252Kb / 11P
   N-Channel SO-8 Power MOSFET
August, 2006 ??Rev. 3
MMDF3N02HD ONSEMI-MMDF3N02HD Datasheet
127Kb / 12P
   Power MOSFET 3 Amps, 20 Volts N-Channel SO-, DuaL
November, 2000 ??Rev. 6
logo
Solid States Devices, I...
SFF75N05M SSDI-SFF75N05M Datasheet
53Kb / 2P
   75 AMP 50 VOLTS 15mohm N-Channel Power MOSFET
logo
ON Semiconductor
NTMD6P02R2 ONSEMI-NTMD6P02R2 Datasheet
124Kb / 8P
   Power MOSFET 6 Amps, 20 Volts P-Channel SO-8, Dual
November, 2000 ??Rev. 1
logo
Solid States Devices, I...
SFF130-5 SSDI-SFF130-5 Datasheet
173Kb / 2P
   8 AMP / 100 Volts 0.18OHM N-Channel POWER MOSFET
logo
Xian Semipower Electron...
SW7960U SEMIPOWER-SW7960U Datasheet
592Kb / 6P
   Dual N-channel Enhanced mode SO-8 MOSFET
logo
Solid States Devices, I...
SFF440M SSDI-SFF440M Datasheet
218Kb / 2P
   8 AMP 500 Volts 0.85 OHM N-Channel POWER MOSFET
SFF440-28 SSDI-SFF440-28 Datasheet
221Kb / 2P
   8 AMP 500 Volts 0.88 OHM N-Channel POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com