Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMJT9410 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMJT9410
Description  Bipolar Power Transistors NPN Silicon
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMJT9410 Datasheet(HTML) 4 Page - ON Semiconductor

  MMJT9410 Datasheet HTML 1Page - ON Semiconductor MMJT9410 Datasheet HTML 2Page - ON Semiconductor MMJT9410 Datasheet HTML 3Page - ON Semiconductor MMJT9410 Datasheet HTML 4Page - ON Semiconductor MMJT9410 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMJT9410
http://onsemi.com
4
Figure 9. Current−Gain Bandwidth Product
10
0.1
IC, COLLECTOR CURRENT (AMP)
100
10
1.0
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
1.0
0.1
10
1.0
0.001
10
100
Figure 10. Active Region Safe Operating Area
0.01
0.1
VCE = 10 V
ftest = 1.0 MHz
TA = 25°C
BONDING WIRE LIMIT
THERMAL LIMIT (Single Pulse)
SECONDARY BREAKDOWN LIMIT
0.5 ms
100 ms
5.0 ms
Figure 11. Power Derating
150
25
T, TEMPERATURE (
°C)
4.0
3.0
2.0
1.0
0
50
75
100
125
TA
TC
There are two limitations on the power handling ability of
a transistor: average junction temperature and secondary
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 10 is based on TJ(pk) = 150°C; TC is
variable depending on conditions. Secondary breakdown
pulse limits are valid for duty cycles to 10% provided TJ(pk)
v 150°C. TJ(pk) may be calculated from the data in
Figure 12. At high case temperatures, thermal limitations
will reduce the power that can be handled to values less than
the limitations imposed by secondary breakdown.
Figure 12. Thermal Response
0.01
0.1
0.0001
t, TIME (seconds)
1.0
0.1
0.01
0.0001
0.001
0.001
10
100
1.0
1000
D = 0.5
SINGLE PULSE
0.2
0.1
0.05
0.02
0.01
RqJA(t) = r(t) qJA
qJA = 165°C/W
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TA = P(pk) qJA(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2


Similar Part No. - MMJT9410

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMJT9410 MOTOROLA-MMJT9410 Datasheet
95Kb / 4P
   Bipolar Power Transistors
More results

Similar Description - MMJT9410

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJT4031N ONSEMI-NJT4031N Datasheet
89Kb / 6P
   Bipolar Power Transistors NPN Silicon
August, 2007 - Rev. 0
MJW3281A ONSEMI-MJW3281A_10 Datasheet
160Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2010 ??Rev. 4
NJW3281G ONSEMI-NJW3281G_13 Datasheet
117Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
September, 2013 ??Rev. 1
MJL4281A ONSEMI-MJL4281A Datasheet
55Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
July, 2003 ??Rev. 1
NJW3281G ONSEMI-NJW3281G Datasheet
89Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
January, 2008 - Rev. 0
MJW3281A ONSEMI-MJW3281A Datasheet
91Kb / 8P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2002 ??Rev. 1
MJL4281A ONSEMI-MJL4281A_13 Datasheet
102Kb / 5P
   Complementary NPN-PN Silicon Power Bipolar Transistors
June, 2013 ??Rev. 3
logo
Unisonic Technologies
UD3018 UTC-UD3018 Datasheet
114Kb / 3P
   NPN POWER BIPOLAR TRANSISTORS
UD3018 UTC-UD3018_15 Datasheet
114Kb / 3P
   NPN POWER BIPOLAR TRANSISTORS
logo
Toshiba Semiconductor
TDTC114Y TOSHIBA-TDTC114Y Datasheet
224Kb / 5P
   Bipolar Transistors Silicon NPN Epitaxial Type
2020-11-13 Rev.4.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com