Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1610IPAPT Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS1610IPAPT
Description  16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1610IPAPT Datasheet(HTML) 4 Page - Burr-Brown (TI)

  ADS1610IPAPT Datasheet HTML 1Page - Burr-Brown (TI) ADS1610IPAPT Datasheet HTML 2Page - Burr-Brown (TI) ADS1610IPAPT Datasheet HTML 3Page - Burr-Brown (TI) ADS1610IPAPT Datasheet HTML 4Page - Burr-Brown (TI) ADS1610IPAPT Datasheet HTML 5Page - Burr-Brown (TI) ADS1610IPAPT Datasheet HTML 6Page - Burr-Brown (TI) ADS1610IPAPT Datasheet HTML 7Page - Burr-Brown (TI) ADS1610IPAPT Datasheet HTML 8Page - Burr-Brown (TI) ADS1610IPAPT Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (Continued)
4.4
f
CLK
60 MHz
4.6
f
CLK
60 MHz
4.9
f
CLK
60 MHz
3.0
60 MHz
f
CLK
5.5
60 MHz
f
CLK
ADS1610
SBAS344C – AUGUST 2005 – REVISED OCTOBER 2006
All specifications at –40
°C to 85°C, AVDD = 5V, DVDD = 3V, f
CLK = 60MHz, VREF = 3V, MODE = 00, VCM = 2.5V, and RBIAS
= 19k
Ω (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL FILTER CHARACTERISTICS
Passband
0
MHz
Passband ripple
±0.0002
dB
–0.1dB attenuation
Passband transition
MHz
–3.0dB attenuation
Stop band
5.6
54.4
MHz
Stop band attentuation
80
See Figure 34
dB
td(grp)
Group delay
µs
ts
Settling time
To ±0.001%
µs
STATIC SPECIFICATIONS
Resolution
No missing codes
16
Bits
Input rms noise
Shorted input
1.0
1.4
LSB (rms)
1V input
±0.4
LSB
Integral nonlinearity
2.5V input
±1.5
LSB
Differential nonlinearity
±0.5
LSB
VIO
Offset error
T = 25°C
0.05
%FS
Offset drift
5
ppm/°C
G(ERR)
Gain error
T = 25°C
±0.3(1)
%FS
G
Gain drift
Excluding reference drift
10
ppm/°C
CMRR
Common-mode rejection ratio
At DC
60
dB
PSRR
Supply-voltage rejection ratiio
At DC
80
dB
VOLTAGE REFERENCE
Vref
Reference voltage, (VREFP - VREFN)
2.9
3.0
3.1
V
VREFP
3.6
4.0
4.4
V
VREFN
0.9
1.0
1.1
V
VMID
2.2
2.5
3.8
V
DIGITAL INPUT/OUTPUT
VIH
High-level input voltage
0.7DVDD
DVDD
V
VIL
Low-level input voltage
DGND
0.3DVDD
V
VOH
High-level output voltage
IOH = –50µA
0.8DVDD
V
VOL
Low-level output voltage
IOL = 50µA
0.2DVDD
V
Ilkg
Input leakage current
DGND < VDIGITAL INPUT < DVDD
±10
µA
POWER-SUPPLY REQUIREMENTS
VAVDD
AVDD voltage
4.9
5.0
5.1
V
VDVDD
DVDD voltage
2.7
3.0
3.6
V
IAVDD
AVDD current
150
170
mA
IDVDD
DVDD current
70
80
mA
960
1100
PD
Power dissipation
mW
PD = low
4
(1)
There is a constant gain error of 3.8% in addition to the variable gain eror of
±0.3%. Therefore, the gain error is 3.8 ±0.3%.
4
Submit Documentation Feedback


Similar Part No. - ADS1610IPAPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1610IPAPT TI1-ADS1610IPAPT Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610IPAPTG4 TI1-ADS1610IPAPTG4 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1610IPAPT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1610 TI1-ADS1610_14 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9726BSVZ AD-AD9726BSVZ Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
AD9726 AD-AD9726_15 Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
logo
Texas Instruments
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900-Q1 TI-DAC900-Q1_15 Datasheet
720Kb / 29P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9467 AD-AD9467 Datasheet
987Kb / 32P
   16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
logo
Texas Instruments
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com