Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBV2109LT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBV2109LT1
Description  Silicon Tuning Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBV2109LT1 Datasheet(HTML) 2 Page - ON Semiconductor

  MMBV2109LT1 Datasheet HTML 1Page - ON Semiconductor MMBV2109LT1 Datasheet HTML 2Page - ON Semiconductor MMBV2109LT1 Datasheet HTML 3Page - ON Semiconductor MMBV2109LT1 Datasheet HTML 4Page - ON Semiconductor MMBV2109LT1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBV2101LT1 Series, MV2105, MV2101, MV2109, LV2209
http://onsemi.com
2
CT, Diode Capacitance
VR = 4.0 Vdc, f = 1.0 MHz
pF
Q, Figure of Merit
VR = 4.0 Vdc,
f = 50 MHz
TR, Tuning Ratio
C2/C30
f = 1.0 MHz
Device
Marking
Package
Shipping
Min
Nom
Max
Typ
Min
Typ
Max
MMBV2101LT1
M4G
SOT−23
3,000 / Tape & Reel
6.1
6.8
7.5
450
2.5
2.7
3.2
MMBV2101LT1G
M4G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
6.1
6.8
7.5
450
2.5
2.7
3.2
MMBV2101L
M4G
SOT−23
Bulk (Note 1)
6.1
6.8
7.5
450
2.5
2.7
3.2
MV2101
MV2101
TO−92
1,000 per Box
6.1
6.8
7.5
450
2.5
2.7
3.2
MV2101G
MV2101
TO−92
(Pb−Free)
1,000 per Box
6.1
6.8
7.5
450
2.5
2.7
3.2
MMBV2103LT1
4H
SOT−23
3,000 / Tape & Reel
9.0
10
11
400
2.5
2.9
3.2
MMBV2105LT1
4U
SOT−23
3,000 / Tape & Reel
13.5
15
16.5
400
2.5
2.9
3.2
MMBV2105LT1G
4U
SOT−23
(Pb−Free)
3,000 / Tape & Reel
13.5
15
16.5
400
2.5
2.9
3.2
MMBV2105L
4U
SOT−23
Bulk (Note 1)
13.5
15
16.5
400
2.5
2.9
3.2
MV2105
MV2105
TO−92
1,000 per Box
13.5
15
16.5
400
2.5
2.9
3.2
MV2105G
MV2105
TO−92
(Pb−Free)
1,000 per Box
13.5
15
16.5
400
2.5
2.9
3.2
MMBV2107LT1
4W
SOT−23
3,000 / Tape & Reel
19.8
22
24.2
350
2.5
2.9
3.2
MMBV2107LT1G
4W
SOT−23
(Pb−Free)
3,000 / Tape & Reel
19.8
22
24.2
350
2.5
2.9
3.2
MMBV2107L
4W
SOT−23
Bulk (Note 1)
19.8
22
24.2
350
2.5
2.9
3.2
MMBV2108LT1
4X
SOT−23
3,000 / Tape & Reel
24.3
27
29.7
300
2.5
3.0
3.2
MMBV2108LT1G
4X
SOT−23
(Pb−Free)
3,000 / Tape & Reel
24.3
27
29.7
300
2.5
3.0
3.2
LV2209
LV2209
TO−92
1,000 per Box
29.7
33
36.3
200
2.5
3.0
3.2
MMBV2109LT1
4J
SOT−23
3,000 / Tape & Reel
29.7
33
36.3
200
2.5
3.0
3.2
MMBV2109LT1G
4J
SOT−23
(Pb−Free)
3,000 / Tape & Reel
29.7
33
36.3
200
2.5
3.0
3.2
MMBV2109L
4J
SOT−23
Bulk (Note 1)
29.7
33
36.3
200
2.5
3.0
3.2
MV2109
MV2109
TO−92
1,000 per Box
29.7
33
36.3
200
2.5
3.0
3.2
MV2109G
MV2109
TO−92
(Pb−Free)
1,000 per Box
29.7
33
36.3
200
2.5
3.0
3.2
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.
1. MMBV2101LT1, MMBV2105LT1, MMBV2107LT1 thru MMBV2109LT1, are also available in bulk. Use the device title and drop the “T1”
suffix when ordering any of these devices in bulk.
PARAMETER TEST METHODS
1. CT, DIODE CAPACITANCE
(CT = CC + CJ). CT is measured at 1.0 MHz using a capacitance
bridge (Boonton Electronics Model 75A or equivalent).
2. TR, TUNING RATIO
TR is the ratio of CT measured at 2.0 Vdc divided by CT
measured at 30 Vdc.
3. Q, FIGURE OF MERIT
Q is calculated by taking the G and C readings of an admittance
bridge at the specified frequency and substituting in the
following equations:
Q
+ 2pfC
G
(Boonton Electronics Model 33AS8 or equivalent). Use Lead
Length
[ 1/16″.
4. TCC, DIODE CAPACITANCE TEMPERATURE
COEFFICIENT
TCC is guaranteed by comparing CT at VR = 4.0 Vdc, f = 1.0
MHz, TA = −65°C with CT at VR = 4.0 Vdc, f = 1.0 MHz, TA
= +85
°C in the following equation, which defines TCC:
TCC +
CT() 85°C) – CT(–65°C)
85
) 65
·
106
CT(25°C)
Accuracy limited by measurement of CT to ±0.1 pF.


Similar Part No. - MMBV2109LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV2109LT1 LRC-MMBV2109LT1 Datasheet
61Kb / 3P
   Silicon Tuning Diode
logo
E-Tech Electronics LTD
MMBV2109LT1 ETL-MMBV2109LT1 Datasheet
123Kb / 3P
   Silicon Tuning Diode
More results

Similar Description - MMBV2109LT1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BBY58 INFINEON-BBY58_07 Datasheet
114Kb / 10P
   Silicon Tuning Diodes
2007-09-19
BB833 INFINEON-BB833 Datasheet
407Kb / 3P
   Silicon Tuning Diodes
Nov-07-2002
BBY52 INFINEON-BBY52 Datasheet
390Kb / 3P
   Silicon Tuning Diodes
Oct-24-2002
BBY55 INFINEON-BBY55 Datasheet
411Kb / 3P
   Silicon Tuning Diodes
Nov-14-2002
BBY55 INFINEON-BBY55_07 Datasheet
88Kb / 8P
   Silicon Tuning Diodes
2007-05-25
BB833 INFINEON-BB833_07 Datasheet
54Kb / 5P
   Silicon Tuning Diodes
2007-04-20
BBY66 INFINEON-BBY66_07 Datasheet
92Kb / 8P
   Silicon Tuning Diodes
2007-04-20
BBY66 INFINEON-BBY66 Datasheet
391Kb / 3P
   Silicon Tuning Diodes
Nov-14-2002
logo
New Jersey Semi-Conduct...
MVAM108 NJSEMI-MVAM108 Datasheet
91Kb / 1P
   SILICON TUNING DIODES
logo
Infineon Technologies A...
BBY52 INFINEON-BBY52_07 Datasheet
69Kb / 7P
   Silicon Tuning Diodes
2007-04-20
BBY58 INFINEON-BBY58 Datasheet
111Kb / 3P
   Silicon Tuning Diodes
Jul-25-2003
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com