Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBV2109LT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBV2109LT1
Description  Silicon Tuning Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBV2109LT1 Datasheet(HTML) 3 Page - ON Semiconductor

  MMBV2109LT1 Datasheet HTML 1Page - ON Semiconductor MMBV2109LT1 Datasheet HTML 2Page - ON Semiconductor MMBV2109LT1 Datasheet HTML 3Page - ON Semiconductor MMBV2109LT1 Datasheet HTML 4Page - ON Semiconductor MMBV2109LT1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMBV2101LT1 Series, MV2105, MV2101, MV2109, LV2209
http://onsemi.com
3
TYPICAL DEVICE CHARACTERISTICS
Figure 1. Diode Capacitance versus Reverse Voltage
Figure 2. Normalized Diode Capacitance versus
Junction Temperature
Figure 3. Reverse Current versus Reverse Bias
Voltage
Figure 4. Figure of Merit versus Reverse Voltage
VR, REVERSE VOLTAGE (VOLTS)
1.0
2.0
0.2
10
30
20
1.0
2.0
5.0
10
1000
50
20
100
500
5.0
0.5
0.1
200
TA = 25°C
f = 1.0 MHz
MMBV2109LT1/MV2109
1.040
1.030
1.020
1.010
1.000
0.990
0.980
TJ, JUNCTION TEMPERATURE (°C)
+125
−75
−25
0
+25
+50
−50
+75
+100
0.970
0.960
VR = 2.0 Vdc
VR = 4.0 Vdc
VR = 30 Vdc
100
50
20
10
5.0
0.01
VR, REVERSE VOLTAGE (VOLTS)
5.0
10
20
15
25
30
0.02
0.05
0.10
0.20
0.50
1.0
2.0
TA = 125°C
TA = 75°C
TA = 25°C
100
200
500
1000
5000
2000
1.0
2.0
5.0
7.0
10
3.0
20
VR, REVERSE VOLTAGE (VOLTS)
2000
1000
200
500
300
100
f, FREQUENCY (MHz)
10
30
50
70
100
3000
50
30
20
10
20
200
250
TA = 25°C
f = 50 MHz
TA = 25°C
VR = 4.0 Vdc
Figure 5. Figure of Merit versus Frequency
MMBV2105LT1/MV2105
MMBV2101LT1/MV2101
3.0
0.3
0
10
20
50
300
3000
30
30
MMBV2101LT1/MV2101
MMBV2109LT1
5000
MMBV2101LT1/MV2101
MMBV2109LT1/MV2109
NORMALIZED TO CT
at TA = 25°C
VR = (CURVE)


Similar Part No. - MMBV2109LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV2109LT1 LRC-MMBV2109LT1 Datasheet
61Kb / 3P
   Silicon Tuning Diode
logo
E-Tech Electronics LTD
MMBV2109LT1 ETL-MMBV2109LT1 Datasheet
123Kb / 3P
   Silicon Tuning Diode
More results

Similar Description - MMBV2109LT1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BBY58 INFINEON-BBY58_07 Datasheet
114Kb / 10P
   Silicon Tuning Diodes
2007-09-19
BB833 INFINEON-BB833 Datasheet
407Kb / 3P
   Silicon Tuning Diodes
Nov-07-2002
BBY52 INFINEON-BBY52 Datasheet
390Kb / 3P
   Silicon Tuning Diodes
Oct-24-2002
BBY55 INFINEON-BBY55 Datasheet
411Kb / 3P
   Silicon Tuning Diodes
Nov-14-2002
BBY55 INFINEON-BBY55_07 Datasheet
88Kb / 8P
   Silicon Tuning Diodes
2007-05-25
BB833 INFINEON-BB833_07 Datasheet
54Kb / 5P
   Silicon Tuning Diodes
2007-04-20
BBY66 INFINEON-BBY66_07 Datasheet
92Kb / 8P
   Silicon Tuning Diodes
2007-04-20
BBY66 INFINEON-BBY66 Datasheet
391Kb / 3P
   Silicon Tuning Diodes
Nov-14-2002
logo
New Jersey Semi-Conduct...
MVAM108 NJSEMI-MVAM108 Datasheet
91Kb / 1P
   SILICON TUNING DIODES
logo
Infineon Technologies A...
BBY52 INFINEON-BBY52_07 Datasheet
69Kb / 7P
   Silicon Tuning Diodes
2007-04-20
BBY58 INFINEON-BBY58 Datasheet
111Kb / 3P
   Silicon Tuning Diodes
Jul-25-2003
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com