Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD202 Datasheet(PDF) 11 Page - Analog Devices

Part # AD202
Description  Low Cost, Miniature Isolation Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD202 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD202_02 Datasheet HTML 4Page - Analog Devices AD202_02 Datasheet HTML 5Page - Analog Devices AD202_02 Datasheet HTML 6Page - Analog Devices AD202_02 Datasheet HTML 7Page - Analog Devices AD202_02 Datasheet HTML 8Page - Analog Devices AD202_02 Datasheet HTML 9Page - Analog Devices AD202_02 Datasheet HTML 10Page - Analog Devices AD202_02 Datasheet HTML 11Page - Analog Devices AD202_02 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
REV. D
AD202/AD204
–11–
OUTLINE DIMENSIONS
Dimensions shown in inches and (millimeters)
AD202/AD204 SIP Package
0.625
(15.9)
MAX
0.15 (3.81) TYP
1
3
5
2
6
31
33
37
38
32
4
0.05 (1.3)TYP
1.30 (33.0)
0.010
0.020
(0.25
0.51)
0.20 (5.1)
0.143
(3.63)
0.12
(3.05)
0.10 (2.5)
TYP
0.250 (6.3) TYP
0.260 (6.6) MAX
2.08 (52.8) MAX
FRONT VIEW
BOTTOM VIEW
CL
AD202/AD204
SIDE
VIEW
NOTE:
PIN 31 IS PRESENT ONLY ON AD202
PIN 33 IS PRESENT ONLY ON AD204
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
AC1058 Mating Socket
0.30 (7.62)
MAX
0.24
(6.10)
0.10 (2.5) DIA
BOTH ENDS
2.65 (7.30)
2.50 (63.50)
0.10 (2.50) TYP
0.075 (1.90) TYP
AC1058 CAN BE USED AS A SOCKET
FOR AD202,AD204 AND AD246
NOTE: AMP ZP SOCKET (PIN 2 – 382006 – 3)
MAY BE USED IN PLACE OF THE AC1058
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
AD246JY Package
0.330 (8.4) MAX
0.10 (2.5) NOM
0.625
(15.9)
MAX
0.115 (2.9)
SIDE
VIEW
0.015 (0.38)
0.010 (0.25)
1
2
13
12
0.10
(2.5)
0.115
(2.9)
CL
BOTTOM
VIEW
0.05 (1.30)
NOM
0.10
(2.5)
MIN
0.995 (25.3) MAX
AD246JY
FRONT VIEW
0.55 (14.0)
0.197 (5.0)
0.015 (0.38)
0.010 (0.25)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
AD202/AD204 DIP Package
1.60 (40.6)
BOTTOM
VIEW
38 37 36
12 3
22 21 20
18 19
0.700
(17.8)
MAX
0.015 (0.38)
0.350
(8.9)
MAX
0.018 (0.46)
SQUARE
0.10
(2.5)
MIN
2.100 (53.3) MAX
NOTE:
PIN 20 IS PRESENT ONLY ON AD202
PIN 21 IS PRESENT ONLY ON AD204
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
AC1060 Mating Socket
2.35 (59.7)
2.60 (66.0)
0.50
(12.7)
0.10 (2.5) DIA
BOTH ENDS
0.70
(17.8)
0.125 (3.1)
TYP
0.30 (7.62)
MAX
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
AD246JN Package
FRONT VIEW
AD246JN
1.445 (36.7) MAX
0.100 (2.5)
MIN
0.35 (8.9)
MAX
0.020 (0.51)
0.010 (0.25)
0.145 (3.7)
0.020 (0.51)
0.015 (0.38)
1
12
14
24
BOTTOM VIEW
1.10 (27.9)
1.00 (25.4)
0. 50
(12.7)
0.70
(17.8)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN


Similar Part No. - AD202_02

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
AD2021 INTRONICS-AD2021 Datasheet
793Kb / 4P
   Low Cost 3 1/2 Digit Logic Powered DPM With LED Displays
logo
Analog Devices
AD2021 AD-AD2021_15 Datasheet
1Mb / 2P
   LOGIC POWERED DPM WITH LED DISPLAYS
REV. A
AD2022 AD-AD2022_15 Datasheet
2Mb / 6P
   LINE POWERED FUNCTIONAL DPM
AD2023 AD-AD2023_15 Datasheet
1Mb / 4P
   3 Digit DPM Module
AD2024 AD-AD2024_15 Datasheet
1Mb / 4P
   DPMs With LED Displays
More results

Similar Description - AD202_02

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD202 AD-AD202 Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
AD202 AD-AD202_15 Datasheet
934Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
AD204 AD-AD204_15 Datasheet
934Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
   Miniature Isolation Amplifiers
ACPL-C790-000E AVAGO-ACPL-C790-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C790-500E AVAGO-ACPL-C790-500E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79A-000E AVAGO-ACPL-C79A-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B AVAGO-ACPL-C79B Datasheet
309Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B-000E AVAGO-ACPL-C79B-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
logo
MicroPower Direct, LLC
A200EHI MPD-A200EHI Datasheet
190Kb / 2P
   Low Cost, Miniature DIP 2W, Very High Isolation DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com