Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS6560G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MPS6560G
Description  Audio Transistor NPN Silicon
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS6560G Datasheet(HTML) 2 Page - ON Semiconductor

  MPS6560G Datasheet HTML 1Page - ON Semiconductor MPS6560G Datasheet HTML 2Page - ON Semiconductor MPS6560G Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MPS6560
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector −Emitter Breakdown Voltage (Note 2)
(IC = 10 mAdc, IB = 0)
V(BR)CEO
25
Vdc
Collector −Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
V(BR)CBO
25
Vdc
Emitter −Base Breakdown Voltage
(IE = 100 mAdc, IC = 0)
V(BR)EBO
5.0
Vdc
Collector Cutoff Current
(VCE = 25 Vdc, IB = 0)
ICES
100
nAdc
Collector Cutoff Current
(VCB = 20 Vdc, IE = 0)
ICBO
100
nAdc
Emitter Cutoff Current
(VEB(off) = 4.0 Vdc, IC = 0)
IEBO
100
nAdc
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 10 mAdc, VCE = 1.0 Vdc)
(IC = 100 mAdc, VCE = 1.0 Vdc)
(IC = 500 mAdc, VCE = 1.0 Vdc)
hFE
35
50
50
200
Collector −Emitter Saturation Voltage
(IC = 500 mAdc, IB = 50 mAdc)
VCE(sat)
0.5
Vdc
Base −Emitter On Voltage
(IC = 500 mAdc, VCE = 1.0 Vdc)
VBE(on)
1.2
Vdc
SMALL− SIGNAL CHARACTERISTICS
Current −Gain — Bandwidth Product
(IC = 10 mAdc, VCE = 10 Vdc, f = 20 MHz)
fT
60
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
30
pF
2. Pulse Test: Pulse Width
v 300 ms; Duty Cycle v 2.0%.


Similar Part No. - MPS6560G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS6560 MOTOROLA-MPS6560 Datasheet
69Kb / 4P
   Audio Transistor
logo
Samsung semiconductor
MPS6560 SAMSUNG-MPS6560 Datasheet
33Kb / 1P
   NPN (AUDIO TRANSISTOR)
logo
Micro Electronics
MPS6560 MICRO-ELECTRONICS-MPS6560 Datasheet
122Kb / 2P
   COMPLEMENTARY SILICON AF MEDIUM POWER TRANSISTORS
logo
Continental Device Indi...
MPS6560 CDIL-MPS6560 Datasheet
355Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Central Semiconductor C...
MPS6560 CENTRAL-MPS6560 Datasheet
55Kb / 1P
   COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - MPS6560G

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE194 NTE-NTE194 Datasheet
22Kb / 2P
   Silicon NPN Transistor Audio Power Amplifier
NTE171 NTE-NTE171 Datasheet
21Kb / 2P
   Silicon NPN Transistor Audio/Video Amplifier
logo
NEC
2SD2228 NEC-2SD2228 Datasheet
279Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR AUDIO FREQUENCY AMPLIFIER
logo
NTE Electronics
NTE2504 NTE-NTE2504 Datasheet
20Kb / 2P
   Silicon NPN Transistor High Gain Audio Amplifier
NTE385 NTE-NTE385 Datasheet
25Kb / 2P
   Silicon NPN Transistor Audio Power Amp, Switch
logo
AUK corp
2SC5344 AUK-2SC5344 Datasheet
215Kb / 4P
   NPN Silicon Transistor (Audio power amplifier application)
2SC5344SF AUK-2SC5344SF Datasheet
88Kb / 4P
   NPN Silicon Transistor (Audio power amplifier application)
logo
NTE Electronics
NTE386 NTE-NTE386 Datasheet
21Kb / 2P
   Silicon NPN Transistor Audio Power Amp, Switch
NTE26 NTE-NTE26 Datasheet
19Kb / 2P
   Silicon NPN Transistor Low Noise Audio Amplifier
logo
Unisonic Technologies
UTC2SC945 UTC-UTC2SC945 Datasheet
58Kb / 2P
   NPN EPITAXIAL SILICON TRANSISTOR(AUDIO FREQUENCY AMPLIFIER)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com