Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NWK914B Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # NWK914B
Description  PHY/PMD High Speed Copper Media Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

NWK914B Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  NWK914B Datasheet HTML 1Page - Zarlink Semiconductor Inc NWK914B Datasheet HTML 2Page - Zarlink Semiconductor Inc NWK914B Datasheet HTML 3Page - Zarlink Semiconductor Inc NWK914B Datasheet HTML 4Page - Zarlink Semiconductor Inc NWK914B Datasheet HTML 5Page - Zarlink Semiconductor Inc NWK914B Datasheet HTML 6Page - Zarlink Semiconductor Inc NWK914B Datasheet HTML 7Page - Zarlink Semiconductor Inc NWK914B Datasheet HTML 8Page - Zarlink Semiconductor Inc NWK914B Datasheet HTML 9Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
NWK914D
NRZ to MLT3 Encoder
The serial data from the shifter then passes through an
encoder which converts the NRZI binary data into the three
level MLT-3 format for transmission by the 'TXO' outputs.
Transmit Line Drivers
There are two on-chip Line Drivers both of which share
the output pins TXOP and TXON. The N10/100 pin is used
to control which driver is active and allowed to drive the line.
When held high the MLT-3 data is output by the 100Mb/s
driver. This driver consists of differential current source
outputs with programmable sink capability, designed to
drive a nominal output impedance of 50
Ω.
Output current is set by the value of an external resistor
(RREF) between pin 'TXREF' and 'TXGND'.
This resistor defines an internal reference current derived
from an on-chip bandgap reference.
Final output current at the 'TXO' outputs is a multiple of
this current and is defined as:-
I TXO(mA) = 52/RREF(kΩ)
Transition times of the 'TXO' outputs are matched and
internally limited to approx. 2.5ns to reduce EMI emissions.
FUNCTIONAL DESCRIPTION
The functional blocks within the device are shown in Fig. 3.
These are described below:-
Transmit Section
Times Five Clock Multiplier 25MHz to 125MHz
This circuit consists of a phase lock loop (PLL) that is
operating at 125MHz, centre frequency. The 125MHz is
divided by 5 to produce a 25MHz clock which is phase
compared with a 25MHz crystal clock reference frequency
which is input on pin REFCLK. The 25MHz clock (pin TXC)
is then sent to the PCS layer to clock in in the 5 bit nibble
data. Pins LFTA and LFTB are provided to set the VCO
characteristics. The recommended loop filter components
are shown in Fig.6.
A control current is derived from the clock multiplier and
is used by the receive clock recovery circuit to centre the
PLL when no input data is present.
Five Bit Nibble to 125MHz Shifter
Data is input to the transmit side in 5 bit wide parallel
form on pins TDAT0 through TDAT4. This NRZ data is
clocked in on the positive edge of the 25MHz clock pin TXC.
The parallel data is first loaded into a 5 bit wide register prior
to being loaded into a 5 bit PISO where it is converted into
a serial data stream. The last stage of the shifter incorporates
a converter to change the data from NRZ to NRZI.
Fig.3 System block diagram
LBEN
TTLGND1
TXREF
REFCLK
LOW VOLTAGE
EQSEL
RXIP
RXIN
SHUT DOWN
SUBGND
TXOP
TXON
3
LEVEL
TXGND
RXV CC1
RXGND
RXVCC 2
TXPLLVCC
125
TDLV
CC
RXPLLVCC
TIMES FIVE
CLOCK
MULTIPLIER
SIGNAL
DETECT
ADAPTIVE
EQUALIZER
MLT-3 to NRZI
COMPARATORS
NRZI
MLT-3
to
DIVIDE
by FIVE
CLOCK
RDAT0
RDAT1
RDAT2
RDAT3
RDAT4
RXC
TDAT0
TDAT1
TDAT2
TDAT3
TDAT4
TXC
LFTB
TEST
N10/100
10TXIN
10TXIP
CURRENT
MHz
REFERENCE
LFRA
NRZ to NRZI
SHIFTER &
NRZI to NRZ
SDT
BGAPVCC
BGAPGND
RDLV
CC
LFTA
TTLVCC
TXV
CC
TTLGND2
LFRB
CLOCK
PLL,125MHZ
RECOVERY
TTL
TESTIP
TXPLLGND
RXPLLGND
B AND GAP
VOLTAGE
REFERENCE
SHIFTER &
100
Mb/s
10
Mb/s
TTL
TXOE


Similar Part No. - NWK914B

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
NWK914CG MITEL-NWK914CG Datasheet
122Kb / 9P
   PHY/PMD High Speed Copper Media Transceiver
NWK914D MITEL-NWK914D Datasheet
122Kb / 9P
   PHY/PMD High Speed Copper Media Transceiver
NWK914GP1N MITEL-NWK914GP1N Datasheet
122Kb / 9P
   PHY/PMD High Speed Copper Media Transceiver
More results

Similar Description - NWK914B

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
NWK914D MITEL-NWK914D Datasheet
122Kb / 9P
   PHY/PMD High Speed Copper Media Transceiver
logo
Integrated Device Techn...
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
   PHY (TC-PMD) for 25.6 Mbps ATM Networks
logo
Broadcom Corporation.
BCM5464SR BOARDCOM-BCM5464SR Datasheet
153Kb / 2P
   QUAD-PORT GIGABIT COPPER TRANSCEIVER WITH COPPER/FIBER MEDIA INTERFACE
BCM5464SA1IRBG BOARDCOM-BCM5464SA1IRBG Datasheet
113Kb / 2P
   QUAD-PORT GIGABIT COPPER TRANSCEIVER WITH COPPER/FIBER MEDIA INTERFACE
BCM5464SA1KRBG BOARDCOM-BCM5464SA1KRBG Datasheet
113Kb / 2P
   QUAD-PORT GIGABIT COPPER TRANSCEIVER WITH COPPER/FIBER MEDIA INTERFACE
BCM5466SR BOARDCOM-BCM5466SR Datasheet
96Kb / 2P
   QUAD-PORT GIGABIT ETHERNET COPPER TRANSCEIVER WITH COPPER/FIBER MEDIA INTERFACE
logo
Intel Corporation
LXT971A INTEL-LXT971A Datasheet
650Kb / 90P
   3.3V Dual-Speed Fast Ethernet PHY Transceiver
logo
Broadcom Corporation.
BCM5466SRA0KFBG BOARDCOM-BCM5466SRA0KFBG Datasheet
151Kb / 2P
   QUAD-PORT GIGABIT ETHERNET COPPER TRANSCEIVER WITH COPPER/ FIBER MEDIA INTERFACE
logo
Micro Linear Corporatio...
ML6673 MICRO-LINEAR-ML6673 Datasheet
183Kb / 8P
   Fast Ethernet/FDDI TP-PMD Transceiver
ML6691 MICRO-LINEAR-ML6691 Datasheet
143Kb / 10P
   100BASE-T MII-to-PMD Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com