Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M4034L-S08-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # M4034L-S08-T
Description  3-INPUT VIDEO SWITCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M4034L-S08-T Datasheet(HTML) 6 Page - Unisonic Technologies

  M4034L-S08-T Datasheet HTML 1Page - Unisonic Technologies M4034L-S08-T Datasheet HTML 2Page - Unisonic Technologies M4034L-S08-T Datasheet HTML 3Page - Unisonic Technologies M4034L-S08-T Datasheet HTML 4Page - Unisonic Technologies M4034L-S08-T Datasheet HTML 5Page - Unisonic Technologies M4034L-S08-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
M4034
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R124-005,A
TYPICAL APPLICATION CIRCUIT
Oscillation Prevention on light loading conditions
Recommended under circuit
C
VOUT 7
LPF
r
C 20pF
r 100Ω
Note: 0.1uF capacitor is required between INPUT and GND for bias type input at mute mode.
C
Input
C 0.1μF
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - M4034L-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M4034L-S08-T UTC-M4034L-S08-T Datasheet
206Kb / 6P
   3-INPUT VIDEO SWITCH
M4034L-S08-T UTC-M4034L-S08-T Datasheet
206Kb / 6P
   3-INPUT VIDEO SWITCH
More results

Similar Description - M4034L-S08-T

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2235 NJRC-NJM2235 Datasheet
205Kb / 5P
   3-INPUT VIDEO SWITCH?
NJM2249 NJRC-NJM2249 Datasheet
193Kb / 4P
   3-INPUT VIDEO SWITCH
NJM2234 NJRC-NJM2234 Datasheet
204Kb / 5P
   3-INPUT VIDEO SWITCH
logo
Unisonic Technologies
M4034 UTC-M4034_11 Datasheet
206Kb / 6P
   3-INPUT VIDEO SWITCH
logo
SG Micro Corp
SGM9141 SGMICRO-SGM9141 Datasheet
303Kb / 10P
   3-Input Video Switch
logo
Unisonic Technologies
M4034 UTC-M4034_15 Datasheet
206Kb / 6P
   3-INPUT VIDEO SWITCH
logo
New Japan Radio
NJM2508 NJRC-NJM2508 Datasheet
338Kb / 10P
   3-INPUT/2-INPUT VIDEO SWITCH?
NJM2513 NJRC-NJM2513 Datasheet
191Kb / 4P
   3-INPUT/2-INPUT VIDEO SWITCH?
NJM2506 NJRC-NJM2506 Datasheet
342Kb / 10P
   3-INPUT/2-INPUT VIDEO SWITCH?
NJM2503 NJRC-NJM2503 Datasheet
164Kb / 4P
   3-INPUT/2-INPUT VIDEO SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com