Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDSP1601ABOAC Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # PDSP1601ABOAC
Description  ALU and Barrel Shifter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

PDSP1601ABOAC Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button PDSP1601ABOAC Datasheet HTML 3Page - Zarlink Semiconductor Inc PDSP1601ABOAC Datasheet HTML 4Page - Zarlink Semiconductor Inc PDSP1601ABOAC Datasheet HTML 5Page - Zarlink Semiconductor Inc PDSP1601ABOAC Datasheet HTML 6Page - Zarlink Semiconductor Inc PDSP1601ABOAC Datasheet HTML 7Page - Zarlink Semiconductor Inc PDSP1601ABOAC Datasheet HTML 8Page - Zarlink Semiconductor Inc PDSP1601ABOAC Datasheet HTML 9Page - Zarlink Semiconductor Inc PDSP1601ABOAC Datasheet HTML 10Page - Zarlink Semiconductor Inc PDSP1601ABOAC Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PDSP1601/PDSP1601A
7
SV3
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
SV2
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
SV1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
SV0
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Shift
No shift
1 place
2 places
3 places
4 places
5 places
6 places
7 places
8 places
9 places
10 places
11 places
12 places
13 places
14 places
15 places
(1)
Priority encode the 16 bit input to the Barrel Shifter and
place the 4 bit value in either of the R1 or R2 registers and
output the value on the SV port (if enabled by SVOE).
(2)
Shift the 16 bit input by the amount indicated by the
Priority Encoder such that the output from the Barrel Shifter is
a normalised value.
SV Input
If the SV port is selected as the source of the shift value,
then the input to the Barrel Shifter is shifted by the value stored
in the internal SV register.
SVOE
SVOE
SVOE
SVOE
SVOE
The SV port acts as an input or an output depending upon
the IS0-3 instruction. If the user does not wish to use the
normalise instructions, then the SV port mat be forced to be
input only by typing SVOE control high. In this mode the SV
port may be considered an extension of the instruction inputs.
R1 and R2 Registers
The R1 and R2 registers may be loaded from the Priority
Encoder (NRMR1 and NRMR2) or from the SV input (LR1SV,
LR2SV).
Whilst the latter two instructions are executing, the Barrel
Shifter will pass its input to the output unshifted.
Priority Encoder
If the priority encoder is selected as the source of the shift
value (instructions:- NRMXX, NRMR1, MRMRZ), then within
one 100ns cycle or two 50ns cycles for the PDSP1601A (one
200ns or two 100ns cycles for the PDSP1601), the shift
circuitry will:
Table 3 Barrel shifter codes
R1
MUX
R2
MUX
MUX
4
16
PRIORITY ENCODER
INSTRUCTION
DECODE
4
4
IS0-3
SV
SVOE
Fig.3 Shift control block


Similar Part No. - PDSP1601ABOAC

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP1601AB0 MITEL-PDSP1601AB0 Datasheet
137Kb / 17P
   ALU and Barrel Shifter
PDSP1601AB0AC MITEL-PDSP1601AB0AC Datasheet
137Kb / 17P
   ALU and Barrel Shifter
More results

Similar Description - PDSP1601ABOAC

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP1601MC MITEL-PDSP1601MC Datasheet
142Kb / 18P
   ALU and Barrel Shifter
PDSP1601 MITEL-PDSP1601 Datasheet
137Kb / 17P
   ALU and Barrel Shifter
logo
Zarlink Semiconductor I...
PDSP1601MC ZARLINK-PDSP1601MC Datasheet
111Kb / 16P
   ALU and Barrel Shifter
logo
Mitel Networks Corporat...
PDSP1601 MITEL-PDSP1601_96 Datasheet
171Kb / 18P
   ALU and Barrel Shifter
logo
LOGIC Devices Incorpora...
LSH32 LODEV-LSH32 Datasheet
202Kb / 9P
   32-bit Cascadable Barrel Shifter
LSH33 LODEV-LSH33 Datasheet
218Kb / 8P
   32-bit Barrel Shifter with Registers
logo
HAMLIN Position and Mov...
59065-1-S-01-A HAMLIN-59065-1-S-01-A Datasheet
90Kb / 1P
   Threaded Barrel Features and Benefits
logo
Maxim Integrated Produc...
MAX13036 MAXIM-MAX13036_V01 Datasheet
1Mb / 17P
   Contact Monitor and Level Shifter
19-0808; Rev 1; 2/15
logo
NXP Semiconductors
PTN3300B NXP-PTN3300B Datasheet
133Kb / 23P
   DVI and HDMI level shifter
Rev. 01-8 July 2008
logo
Maxim Integrated Produc...
MAX13036 MAXIM-MAX13036 Datasheet
309Kb / 18P
   Automotive Contact Monitor and Level Shifter
Rev 0; 4/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com