Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS8598G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MPS8598G
Description  Amplifier Transistors Voltage and Current are Negative for PNP Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS8598G Datasheet(HTML) 1 Page - ON Semiconductor

  MPS8598G Datasheet HTML 1Page - ON Semiconductor MPS8598G Datasheet HTML 2Page - ON Semiconductor MPS8598G Datasheet HTML 3Page - ON Semiconductor MPS8598G Datasheet HTML 4Page - ON Semiconductor MPS8598G Datasheet HTML 5Page - ON Semiconductor MPS8598G Datasheet HTML 6Page - ON Semiconductor MPS8598G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 5
1
Publication Order Number:
MPS8098/D
(NPN) MPS8098, MPS8099*,
(PNP) MPS8598, MPS8599*
*Preferred Devices
Amplifier Transistors
Voltage and Current are Negative
for PNP Transistors
Features
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector −Emitter Voltage
MPS8098, MPS8598
MPS8099, MPS8599
VCEO
60
80
Vdc
Collector −Base Voltage
MPS8098, MPS8598
MPS8099, MPS8599
VCBO
60
80
Vdc
Emitter −Base Voltage
VEBO
4.0
Vdc
Collector Current − Continuous
IC
500
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
W
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
(Note 1)
RqJA
200
°C/W
Thermal Resistance, Junction−to−Case
RqJC
83.3
°C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. RqJA is measured with the device soldered into a typical printed circuit board.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Preferred devices are recommended choices for future use
and best overall value.
http://onsemi.com
COLLECTOR
3
2
BASE
1
EMITTER
STYLE 1
MPS8098,
MPS8099
NPN
COLLECTOR
3
2
BASE
1
EMITTER
STYLE 1
MPS8598,
MPS8599
PNP
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
MPS8x9y = Device Code
x = 0 or 5
y = 8 or 9
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
TO−92
CASE 29−11
STYLE 1
1
2
3
MARKING DIAGRAM
MPS
8x9y
AYWW
G
G


Similar Part No. - MPS8598G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS8598 MOTOROLA-MPS8598 Datasheet
248Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
MPS8598 ONSEMI-MPS8598 Datasheet
112Kb / 8P
   Amplifier Transistors
September, 2001 ??Rev. 2
logo
Samsung semiconductor
MPS8598 SAMSUNG-MPS8598 Datasheet
69Kb / 2P
   PNP (AMPLIFIER TRANSISTOR)
logo
Continental Device Indi...
MPS8598 CDIL-MPS8598 Datasheet
255Kb / 4P
   PNP SILICON PLANAR AMPLIFIER TRANSISTORS
logo
Central Semiconductor C...
MPS8598 CENTRAL-MPS8598 Datasheet
53Kb / 1P
   PNP SILICON TRANSISTORS
More results

Similar Description - MPS8598G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPSA05 ONSEMI-MPSA05_06 Datasheet
81Kb / 7P
   Amplifier Transistors Voltage and Current are Negative for PNP Transistors
January, 2006 ??Rev. 2
BCX17LT1 ONSEMI-BCX17LT1 Datasheet
64Kb / 4P
   General Purpose Transistors (Voltage and Current are Negative for PNP Transistors)
December, 2004 ??Rev. 3
2SA1020 ONSEMI-2SA1020 Datasheet
52Kb / 4P
   One Watt High Current PNP Transistor VOLTAGE AND CURRENT ARE NEGATIVE FOR PNP TRANSISTORS
May, 2006 ??Rev. 3
BC368 ONSEMI-BC368_05 Datasheet
56Kb / 4P
   Voltage and Current are Negative
September, 2005 ??Rev. 5
logo
Motorola, Inc
BC307 MOTOROLA-BC307 Datasheet
110Kb / 4P
   Amplifier Transistors(PNP)
LA733P MOTOROLA-LA733P Datasheet
126Kb / 4P
   Amplifier Transistors (PNP)
BC327 MOTOROLA-BC327 Datasheet
160Kb / 4P
   Amplifier Transistors(PNP)
logo
New Jersey Semi-Conduct...
2N3244 NJSEMI-2N3244 Datasheet
181Kb / 2P
   PNP SILICON, TRANSISTORS FOR MEDIUM-CURRENT
logo
Motorola, Inc
BC251 MOTOROLA-BC251 Datasheet
161Kb / 5P
   AMPLIFIER TRANSISTORS PNP SILICON
logo
ON Semiconductor
BC556 ONSEMI-BC556 Datasheet
158Kb / 6P
   Amplifier Transistors(PNP Silicon)
1996
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com