Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDSP16112 Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # PDSP16112
Description  Complex Accumulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

PDSP16112 Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  PDSP16112 Datasheet HTML 1Page - Zarlink Semiconductor Inc PDSP16112 Datasheet HTML 2Page - Zarlink Semiconductor Inc PDSP16112 Datasheet HTML 3Page - Zarlink Semiconductor Inc PDSP16112 Datasheet HTML 4Page - Zarlink Semiconductor Inc PDSP16112 Datasheet HTML 5Page - Zarlink Semiconductor Inc PDSP16112 Datasheet HTML 6Page - Zarlink Semiconductor Inc PDSP16112 Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PDSP16318/16318A
3
FUNCTIONAL DESCRIPTION
The PDSP16318 is a Dual 20-bit Adder/Subtractor
configured to support Complex Arithmetic. The device may be
used with each of the adders allocated to real or imaginary
data (e.g. Complex Conjugation), the entire device allocated
to Real or Imaginary Data (e.g. Radix 2 Butterflys) or each of
the adders configured as accumulators and allocated to real
or imaginary data (Complex Filters). Each of these modes
ensures that a full 20MHz throughput is maintained through
both adders, the first and last mode illustrating true Complex
operation, where both real and imaginary data is handled by
the single device.
Both
Adder/Subtractors
may
be
controlled
independently via the ASR and ASI inputs. These controls
permit A + B, A - B, B - A or pass A operations, where the A
input to the Adder is derived from the input multiplexer. The
CLR control line allows the clearing of both accumulator
registers. The two multiplexers may be controlled via the MS
inputs, to select either new input data, or fed-back data from
the accumulator registers. The PDSP16318 contains an 8-
cycle deskew register selected via the DEL control. This
deskew register is used in FFT applications to ensure correct
phasing of data that has not passed through the PDSP16112
Complex Multiplier.
The 16-bit outputs from the PDSP16318 are derived from
the 20-bit result generated by the Adders. The three bit S2:0
input selects eight different shifted output formats ranging
from the most significant 16 bits of the 20-bit data, to the least
significant 13 bits of the 20-bit data. In this mode the 14th, 15th
and 16th bits of the output are set to zero. The shift selected
is applied to both adder outputs, and determines the function
of the OVR flag. The OVR flag becomes active when either of
the two adders produces a result that has more significant
digits than the MSB of the 16-bit output from the device. In this
manner all cases when invalid data appears on the output are
flagged.
Symbol
A15:0
B15:0
C15:0
D15:0
CLK
CEA
CEB
OEC
OED
OVR
ASR1:0
ASI1:0
CLR
MS
S2:0
DEL
VCC
GND
Description
Data presented to this input is loaded into the input register on the rising edge of CLK. A15 is the MSB.
Data presented to this input is loaded into the input register on the rising edge of CLK. B15 is the MSB
and has the same weighting as A15.
New data appears on this output after the rising edge of CLK. C15 is the MSB.
New data appears on this output after the rising edge of CLK. C15 is the MSB.
Common Clock to all internal registers
Clock enable: when low the clock to the A input register is enabled.
Clock enable: when low the clock to the B input register is enabled.
Output enable: Asynchronous 3-state output control: The C outputs are in a high impedance
state when this input is high.
Output enable: Asynchronous 3-state output control: The D outputs are in a high impedance
state when this input is high.
Overflow flag: This flag will go high in any cycle during which either the output data overflows the number
range selected or either of the adder results overflow. A new OVR appears after the rising edge of the
CLK.
Add/subtract Real: Control input for the 'Real' adder. This input is latched by the rising edge of clock.
Add/subtract Imag: Control input for the 'Imag' adder. This input is latched by the rising edge of clock.
Accumulator Clear: Common accumulator clear for both Adder/Subtractor units. This input is latched by
the rising edge of CLK.
Mux select: Control input for both adder multiplexers. This input is latched by the rising edge of CLK.
When high the feedback path is selected.
Scaling control: This input selects the 16-bit field from the 20-bit adder result that is routed to the outputs.
This input is latched by the rising edge of CLK.
Delay Control: This input selects the delayed input to the real adder for operations involving the
PDSP16112. This input is latched by the rising edge of CLK.
+5V supply: Both Vcc pins must be connected.
0V supply: Both GND pins must be connected.
Type
Input
Input
Output
Output
Input
Input
Input
Input
Input
Output
Input
Input
Input
Input
Input
Input
Power
Ground


Similar Part No. - PDSP16112

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
   16 X 12 BIT COMPLEX MULTIPLIER
PDSP16112 ZARLINK-PDSP16112 Datasheet
121Kb / 16P
   ALU and Barrel Shifter
PDSP16112 ZARLINK-PDSP16112 Datasheet
149Kb / 18P
   16 by 16 Bit Complex Multiplier
PDSP16112 ZARLINK-PDSP16112 Datasheet
98Kb / 7P
   Pythagoras Processor
PDSP16112 ZARLINK-PDSP16112 Datasheet
89Kb / 8P
   Pythagoras Processor
More results

Similar Description - PDSP16112

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16318 MITEL-PDSP16318_96 Datasheet
137Kb / 8P
   Complex Accumulator
logo
Zarlink Semiconductor I...
PDSP16318MC ZARLINK-PDSP16318MC Datasheet
92Kb / 8P
   Complex Accumulator
logo
PHOENIX CONTACT
2701383 PHOENIX-2701383 Datasheet
51Kb / 2P
   Battery / accumulator - HMI BATTERY
09/12/2020
logo
Cystech Electonics Corp...
MBNP01Q40Q8 CYSTEKEC-MBNP01Q40Q8 Datasheet
467Kb / 11P
   Complex Transistors
logo
Xilinx, Inc
XC5VLX30 XILINX-XC5VLX30 Datasheet
319Kb / 13P
   Optional adder, subtracter, and accumulator
logo
Fairchild Semiconductor
FMS6G10US60 FAIRCHILD-FMS6G10US60 Datasheet
794Kb / 10P
   Compact & Complex Module
FMS6G15US60 FAIRCHILD-FMS6G15US60 Datasheet
738Kb / 10P
   Compact & Complex Module
FMS6G15US60S FAIRCHILD-FMS6G15US60S Datasheet
754Kb / 10P
   Compact & Complex Module
FMS7G10US60S FAIRCHILD-FMS7G10US60S Datasheet
799Kb / 10P
   Compact & Complex Module
FMS7G15US60 FAIRCHILD-FMS7G15US60 Datasheet
747Kb / 10P
   Compact & Complex Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com