Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTH10-C-AE3-CR Datasheet(PDF) 5 Page - Unisonic Technologies

Part # MMBTH10-C-AE3-CR
Description  RF TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTH10-C-AE3-CR Datasheet(HTML) 5 Page - Unisonic Technologies

  MMBTH10-C-AE3-CR Datasheet HTML 1Page - Unisonic Technologies MMBTH10-C-AE3-CR Datasheet HTML 2Page - Unisonic Technologies MMBTH10-C-AE3-CR Datasheet HTML 3Page - Unisonic Technologies MMBTH10-C-AE3-CR Datasheet HTML 4Page - Unisonic Technologies MMBTH10-C-AE3-CR Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MMBTH10
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R206-003,E
TYPICAL CHARACTERISTICS(Cont.)
60
-60
100
1000
Forward Transfer Admittance
200
500
0
VCE=10V
40
20
-20
-40
Ic=2mA
gfe
bfe
1.2
0
0
1000
Reverse Transfer Admittance
200
500
0.6
VCE=10V
1
0.8
0.4
0.2
Ic=2mA
-gre
-bre
Frequency, f (MHz)
Frequency, f (MHz)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - MMBTH10-C-AE3-CR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTH10-4L ONSEMI-MMBTH10-4L Datasheet
97Kb / 5P
   VHF/UHF Transistor
October, 2016 ??Rev. 6
MMBTH10-4LT1 ONSEMI-MMBTH10-4LT1 Datasheet
88Kb / 6P
   VHF/UHF Transistor
December, 2003 ??Rev. 2
MMBTH10-4LT1 ONSEMI-MMBTH10-4LT1 Datasheet
52Kb / 6P
   VHF/UHF Transistor (NPN Silicon)
December, 2003 ??Rev. 2
MMBTH10-4LT1G ONSEMI-MMBTH10-4LT1G Datasheet
128Kb / 5P
   VHF/UHF Transistor
August, 2009 ??Rev. 3
MMBTH10-4LT1G ONSEMI-MMBTH10-4LT1G Datasheet
97Kb / 5P
   VHF/UHF Transistor
October, 2016 ??Rev. 6
More results

Similar Description - MMBTH10-C-AE3-CR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBTH10 UTC-MMBTH10_10 Datasheet
234Kb / 5P
   RF TRANSISTOR
logo
ON Semiconductor
CPH6020 ONSEMI-CPH6020 Datasheet
505Kb / 6P
   RF Transistor
August, 2013
MCH4016 ONSEMI-MCH4016 Datasheet
291Kb / 10P
   RF Transistor
August, 2013
MCH4017 ONSEMI-MCH4017 Datasheet
291Kb / 9P
   RF Transistor
August, 2013
NSVF3007SG3 ONSEMI-NSVF3007SG3_17 Datasheet
491Kb / 10P
   RF Transistor
May 2017 - Rev. 0
logo
Motorola, Inc
BF224 MOTOROLA-BF224 Datasheet
145Kb / 6P
   RF Transistor
logo
ON Semiconductor
CPH6003A ONSEMI-CPH6003A Datasheet
520Kb / 7P
   RF Transistor
August, 2013
logo
Motorola, Inc
BF199 MOTOROLA-BF199 Datasheet
144Kb / 6P
   RF Transistor
logo
ON Semiconductor
CPH6021 ONSEMI-CPH6021 Datasheet
560Kb / 12P
   RF Transistor
August, 2013
MCH4015 ONSEMI-MCH4015 Datasheet
295Kb / 9P
   RF Transistor
August, 2013
logo
Unisonic Technologies
MPSH10 UTC-MPSH10_15 Datasheet
193Kb / 4P
   RF TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com