Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDSP16330A Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # PDSP16330A
Description  Pythagoras Processor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

PDSP16330A Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  PDSP16330A Datasheet HTML 1Page - Zarlink Semiconductor Inc PDSP16330A Datasheet HTML 2Page - Zarlink Semiconductor Inc PDSP16330A Datasheet HTML 3Page - Zarlink Semiconductor Inc PDSP16330A Datasheet HTML 4Page - Zarlink Semiconductor Inc PDSP16330A Datasheet HTML 5Page - Zarlink Semiconductor Inc PDSP16330A Datasheet HTML 6Page - Zarlink Semiconductor Inc PDSP16330A Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The PDSP16330 is a high speed digital CMOS IC that
converts Cartesian data (Real and Imaginary) into Polar form
(Magnitude and Phase), at rates up to 20MHz. Cartesian
16+16 bit 2's complement or Sign-Magnitude data is
converted into 16 bit Phase format. The Magnitude output may
be scaled in amplitude by powers of 2. The Phase output
represents a full 2 x
π field to eliminate phase ambiguities.
Polyimide is used as an inter-layer dielectric and as
glassivation.
The PDSP16330 is offered in three speed grades: a
basic 10MHz part (PDSP16330), a 20MHz version
(PDSP16330A) and a 25MHz version (PDSP16330). A MIL-
STD-883 version is also detailed in a separate datasheet.
Fig.1 Pin connections - bottom view (PGA)
AC84
1
2
3
4
5
6
7
8
9
10
11
L
K
J
H
G
F
E
D
C
B
A
PIN 1A INDEX MARK
ON TOP SURFACE
FEATURES
25MHz Cartesian to Polar Conversion
16-Bit Cartesian Inputs
16-Bit Magnitude Output
12-Bit Phase Output
2’s Complement or Sign-Magnitude Input Formats
Three-state Outputs and Independent
Data Enables Simplify System Interfacing
Magnitude Scaling Facility with Overflow Flag
Less than 400 mW Power Dissipation at 10MHz
84-pin PGA or 100 pin QFP Package or 84 LCC
APPLICATIONS
Digital Signal Processing
Digital Radio
Radar Processing
Sonar Processing
Robotics
ORDERING INFORMATION
Commercial (0
°C to +70°C)
PDSP16330A CO AC
(20MHZ - PGA Package)
PDSP16330B CO AC
(25MHZ - PGA Package)
Industrial (-40
°C to +85°C)
PDSP16330A BO AC
20MHZ - PGA Package
PDSP16330A/IG/GC1R
20MHZ - GC Package
PDSP16330B BO AC
25MHZ - PGA Package
Military (-55
°C to +125°C)
PDSP16330A AO AC
20MHZ - PGA Package
PDSP16330/MC/GC1R
10MHz - GC Package
Mil 883C Screened
Fig.2 Pin connections - QFP Package
GC100
ASSOCIATED PPODUCTS
PDSP16112
16 X 12 Complex Multiplier
PDSP16116
16 X 16 Complex Multiplier
PDSP16318
Complex Accumulator
PDSP16350
I/Q Splitter and NCO
PDSP16510A
Stand Alone FFT Processor
PDSP16330/A/B
Pythagoras Processor
DS3884
ISSUE 2.1
November 1998


Similar Part No. - PDSP16330A

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16330A MITEL-PDSP16330A Datasheet
173Kb / 9P
   Pythagoras Processor
PDSP16330A MITEL-PDSP16330A Datasheet
150Kb / 12P
   Pythagoras Processor
logo
Zarlink Semiconductor I...
PDSP16330A ZARLINK-PDSP16330A Datasheet
149Kb / 18P
   16 by 16 Bit Complex Multiplier
logo
Mitel Networks Corporat...
PDSP16330AAOAC MITEL-PDSP16330AAOAC Datasheet
173Kb / 9P
   Pythagoras Processor
PDSP16330ABOAC MITEL-PDSP16330ABOAC Datasheet
173Kb / 9P
   Pythagoras Processor
More results

Similar Description - PDSP16330A

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
PDSP16330MC ZARLINK-PDSP16330MC Datasheet
89Kb / 8P
   Pythagoras Processor
logo
Mitel Networks Corporat...
PDSP16330 MITEL-PDSP16330 Datasheet
173Kb / 9P
   Pythagoras Processor
PDSP16330MC MITEL-PDSP16330MC Datasheet
123Kb / 10P
   Pythagoras Processor
DS3884 MITEL-DS3884 Datasheet
150Kb / 12P
   Pythagoras Processor
logo
Axiomtek Co., Ltd.
CEM313 AXIOMTEK-CEM313 Datasheet
269Kb / 1P
   Intel짰 Pentium짰 processor N4200 & Celeron짰 processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
New Japan Radio
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1142 NJRC-NJW1142 Datasheet
123Kb / 14P
   AUDIO PROCESSOR
logo
List of Unclassifed Man...
TPU2735 ETC-TPU2735 Datasheet
1,019Kb / 37P
   Teletext Processor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com