Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDSP16488AAC Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # PDSP16488AAC
Description  Single Chip 2D Convolver with Integral Line Delays
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

PDSP16488AAC Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button PDSP16488AAC Datasheet HTML 4Page - Zarlink Semiconductor Inc PDSP16488AAC Datasheet HTML 5Page - Zarlink Semiconductor Inc PDSP16488AAC Datasheet HTML 6Page - Zarlink Semiconductor Inc PDSP16488AAC Datasheet HTML 7Page - Zarlink Semiconductor Inc PDSP16488AAC Datasheet HTML 8Page - Zarlink Semiconductor Inc PDSP16488AAC Datasheet HTML 9Page - Zarlink Semiconductor Inc PDSP16488AAC Datasheet HTML 10Page - Zarlink Semiconductor Inc PDSP16488AAC Datasheet HTML 11Page - Zarlink Semiconductor Inc PDSP16488AAC Datasheet HTML 12Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
PDSP16488A
8
1024
1024
1024
1024
4
34
OR
8
34
ARRAY
IP7:0
ODD
FIELD
Output is shifted
by 1 line in
every field
FIELD
DELAY
VIDEO
LINE N
12
L7:0
N
11
N
21
N
L7:0
512
512
512
512
8
38
ARRAY
512
512
512
512
IP7:0
FIELD
DELAY
Output is shifted
by 1 line in
every field
ODD
FIELD
DELAY
BYPASSED
REG B BIT 7 SET
VIDEO
LINE N
12
N
11
N
21
N
12
N
N
22
L7:0
512
512
512
512
8
38
ARRAY
512
512
512
512
IP7:0
FIELD
DELAY
Output is shifted
by 2 lines in
every field
ODD
FIELD
DELAY
BYPASSED
REG B BIT 7 SET
VIDEO
LINE N
14
N
13
N
11
N
14
N
N
22
N
21
N
23
N
12
C24
C56
C16
C48
C8
C40
C0
C32
LINE N
23
LINE N
22
LINE N
21
LINE N
LINE N
11
LINE N
12
LINE N
13
LINE N
14
C25
C57
C17
C49
C9
C41
C1
C33
C26
C58
C18
C50
C10
C42
C2
C34
C27
C59
C19
C51
C11
C43
C3
C35
C28
C60
C20
C52
C12
C44
C4
C36
C29
C61
C21
C53
C13
C45
C5
C37
C30
C62
C22
C54
C14
C46
C6
C38
C31
C63
C23
C55
C15
C47
C7
C39
8
38 WINDOW
C48
C8
C40
C0
C32
LINE N
22
LINE N
21
LINE N
LINE N
11
LINE N
12
C49
C9
C41
C1
C33
C50
C10
C42
C2
C34
C51
C11
C43
C3
C35
C52
C12
C44
C4
C36
5
35 WINDOW
C4
C8
C0
LINE N
21
LINE N
LINE N
11
C5
C9
C1
C6
C10
C2
3
33 WINDOW
Fig. 5 Line delay allocations in SINGLE device interlaced systems


Similar Part No. - PDSP16488AAC

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16488A MITEL-PDSP16488A Datasheet
412Kb / 33P
   Single Chip 2D Convolver with Integral Line Delays
PDSP16488A MITEL-PDSP16488A Datasheet
121Kb / 12P
   I/Q Splitter/NCO
PDSP16488A0 MITEL-PDSP16488A0 Datasheet
412Kb / 33P
   Single Chip 2D Convolver with Integral Line Delays
PDSP16488AC MITEL-PDSP16488AC Datasheet
412Kb / 33P
   Single Chip 2D Convolver with Integral Line Delays
PDSP16488ACBR MITEL-PDSP16488ACBR Datasheet
412Kb / 33P
   Single Chip 2D Convolver with Integral Line Delays
More results

Similar Description - PDSP16488AAC

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16488A MITEL-PDSP16488A Datasheet
412Kb / 33P
   Single Chip 2D Convolver with Integral Line Delays
PDSP16488AMA MITEL-PDSP16488AMA Datasheet
237Kb / 30P
   Single Chip 2D Convolver with Integral Line Delays
logo
Zarlink Semiconductor I...
PDSP16488AMA ZARLINK-PDSP16488AMA Datasheet
292Kb / 30P
   Single Chip 2D Convolver with Integral Line Delays
logo
Rhombus Industries Inc.
SL4 RHOMBUS-IND-SL4 Datasheet
19Kb / 1P
   SL4 Series Single-In-Line Passive Single Output 50 W Impedance Delays
logo
LOGIC Devices Incorpora...
LF48908 LODEV-LF48908 Datasheet
315Kb / 16P
   Two Dimensional Convolver
logo
Intersil Corporation
HSP48908 INTERSIL-HSP48908 Datasheet
110Kb / 18P
   Two Dimensional Convolver
HSP48908883 INTERSIL-HSP48908883 Datasheet
62Kb / 7P
   Two Dimensional Convolver
logo
List of Unclassifed Man...
745-0007 ETC1-745-0007 Datasheet
280Kb / 3P
   HEXADECIMAL DISPLAY WITH INTEGRAL TTL MSI CIRCUIT CHIP
logo
SICK AG
I2D-601M SICK-I2D-601M Datasheet
509Kb / 7P
   2D VISION
IVC-2DM1122 SICK-IVC-2DM1122 Datasheet
560Kb / 8P
   2D VISION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com