Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDSP16488AACBR Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # PDSP16488AACBR
Description  Single Chip 2D Convolver with Integral Line Delays
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

PDSP16488AACBR Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button PDSP16488AACBR Datasheet HTML 7Page - Zarlink Semiconductor Inc PDSP16488AACBR Datasheet HTML 8Page - Zarlink Semiconductor Inc PDSP16488AACBR Datasheet HTML 9Page - Zarlink Semiconductor Inc PDSP16488AACBR Datasheet HTML 10Page - Zarlink Semiconductor Inc PDSP16488AACBR Datasheet HTML 11Page - Zarlink Semiconductor Inc PDSP16488AACBR Datasheet HTML 12Page - Zarlink Semiconductor Inc PDSP16488AACBR Datasheet HTML 13Page - Zarlink Semiconductor Inc PDSP16488AACBR Datasheet HTML 14Page - Zarlink Semiconductor Inc PDSP16488AACBR Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
PDSP16488A
11
The data from the last device in a horizontal row of convolvers
feeds the expansion input of the first device in the next row. This
is shown in Fig. 7. With this arrangement, the position of the partial
window as illustrated, is the inverse of its vertical position on a
normal TV screen. Thus the top left hand device corresponds to
the bottom left hand portion of the complete window.
The output from the last device in the row is delayed with
respect to the original data input by an amount given by the
formula;
DELAY = 41S(N21), where N is the number of devices in a
row and S is the partial window width, i.e. 4 or 8.
The internal convolver sums, in each of the devices in the next
row, must be delayed by this amount before they are added to
results from the previous row. This is more conveniently achieved
by delaying data going into the line stores. The required cumula-
tive delay with respect to the first horizontal stripe is then
automatically obtained when more than two rows of devices are
needed.
Register D, bits 3:2 are used to define one of four delay
options. These delays have been selected to support systems
needing from two to eight devices and are described in the
applications section.
Coefficients
Sixty-four coefficients are stored internally and must be
initially loaded from an external source. Table 5 gives the
coefficient addresses within a device, with coefficient C0 speci-
fied by the least significant address and C63 by the most
significant address. Fig. 9 shows the physical window position
within the device that is allocated to each coefficient in the various
modes of operation. Horizontally the coefficient positions corre-
spond to the convolution process as if it were observed on a
viewing screen, i.e. the left hand pixel is multiplied with C0. In the
vertical direction the lines of coefficients are inverted with respect
to a visual screen, i.e. the line starting with C0 is actually at the
bottom of the visualized window.
The coefficients may be provided from a Host CPU using
conventional addressing, a read/not write line, data strobe, and
a chip enable. Alternatively, in stand alone systems, an EPROM
may be used. A single EPROM can support up to 16 devices with
no additional hardware.
When windows are to be fabricated which are smaller than
the maximum size that the device will provide in the required
configuration, then the areas which are not to be used must
contain zero coefficients. The pipeline delay will then be that of a
completely filled window.
Function
Mode Reg A
Mode Reg B
Mode Reg C
Mode Reg D
Comparator LSB
Comparator MSB
Scale value
Pixels/line LSB
Pixels/line MSB
C0-C15
C16-C31
C32-C47
C48-C63
Unused
Hex address
00
01
02
03
04
05
06
07
08
40-4F
50-5F
60-6F
70-7F
09-3F
Table 5 Internal register addressing
Data size
8
8
8
15
16
Window size
43 4
83 4
83 8
43 4
83 4
Pipeline delay
34
30
26
28
26
Ta
ble 6 Pipeline delays
Total Pipeline Delay
The total pipeline delay is dependent on the device configu-
ration and the number of devices in the system. Table 6 gives the
delays obtained with the various single device configurations
when the gain control is used. These delays are the internal
processing delays and do not include the delays needed to move
a given size window completely into a field of interest. When
multiple devices are needed, additional delays are produced
which must be calculated for the particular application. These
delays are discussed in the applications section.
The PDSP16488A contains facilities for outputting a delayed
version of HRES (DELOP) to match any processing delay.
Register C. bits 3:1 allow this delay to be selected from any value
between 29 and 92 pixel clocks as detailed in Table 9.
CLK
tRSU
HRES
(sync)
ACTIVE LINE PERIOD
23
4567
8
1
2
6
7
FIRST
PIXEL
VALID
(REG B3
SET)
FIRST
PIXEL
FROM
LINE
STORE
VALID
LAST2
PIXELS
INTER-
NALLY
STORED
ASYNCHRONOUS BACK EDGE
LINE STORE
WRITES INHIBITED
Fig.8 Pixel input delays


Similar Part No. - PDSP16488AACBR

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16488A MITEL-PDSP16488A Datasheet
412Kb / 33P
   Single Chip 2D Convolver with Integral Line Delays
PDSP16488A MITEL-PDSP16488A Datasheet
121Kb / 12P
   I/Q Splitter/NCO
PDSP16488A0 MITEL-PDSP16488A0 Datasheet
412Kb / 33P
   Single Chip 2D Convolver with Integral Line Delays
PDSP16488AC MITEL-PDSP16488AC Datasheet
412Kb / 33P
   Single Chip 2D Convolver with Integral Line Delays
PDSP16488ACBR MITEL-PDSP16488ACBR Datasheet
412Kb / 33P
   Single Chip 2D Convolver with Integral Line Delays
More results

Similar Description - PDSP16488AACBR

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16488A MITEL-PDSP16488A Datasheet
412Kb / 33P
   Single Chip 2D Convolver with Integral Line Delays
PDSP16488AMA MITEL-PDSP16488AMA Datasheet
237Kb / 30P
   Single Chip 2D Convolver with Integral Line Delays
logo
Zarlink Semiconductor I...
PDSP16488AMA ZARLINK-PDSP16488AMA Datasheet
292Kb / 30P
   Single Chip 2D Convolver with Integral Line Delays
logo
Rhombus Industries Inc.
SL4 RHOMBUS-IND-SL4 Datasheet
19Kb / 1P
   SL4 Series Single-In-Line Passive Single Output 50 W Impedance Delays
logo
LOGIC Devices Incorpora...
LF48908 LODEV-LF48908 Datasheet
315Kb / 16P
   Two Dimensional Convolver
logo
Intersil Corporation
HSP48908 INTERSIL-HSP48908 Datasheet
110Kb / 18P
   Two Dimensional Convolver
HSP48908883 INTERSIL-HSP48908883 Datasheet
62Kb / 7P
   Two Dimensional Convolver
logo
List of Unclassifed Man...
745-0007 ETC1-745-0007 Datasheet
280Kb / 3P
   HEXADECIMAL DISPLAY WITH INTEGRAL TTL MSI CIRCUIT CHIP
logo
SICK AG
I2D-601M SICK-I2D-601M Datasheet
509Kb / 7P
   2D VISION
IVC-2DM1122 SICK-IVC-2DM1122 Datasheet
560Kb / 8P
   2D VISION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com