Part Name
         Description
S8550

 LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR ( 2 Page)


UTC
100% 
Zoom Out Zoom In
   
 1 page
background image
UTC S8550
PNP EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R201-014,A
LOW VOLTAGE HIGH CURRENT
SMALL SIGNAL PNP
TRANSISTOR
DESCRIPTION
The UTC S8550 is a low voltage high current small
signal
PNP transistor, designed for Class B push-pull
audio amplifier and general purpose applications.
FEATURES
*Collector current up to 700mA
*Collector-Emitter voltage up to 20 V
*Complementary to UTC S8050
TO-92
1
1:EMITTER 2:BASE 3: COLLECTOR
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, unless otherwise specified)
PARAMETERS
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-30
V
Collector-Emitter Voltage
VCEO
-20
V
Emitter-Base Voltage
VEBO
-5
V
Collector Dissipation(Ta=25
°C)
Pc
1
W
Collector Current
Ic
-700
mA
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
Ic=-100
µA,IE=0
-30
V
Collector-Emitter Breakdown Voltage
BVCEO
Ic=-1mA,IB=0
-20
V
Emitter-Base Breakdown Voltage
BVEBO
IE=-100
µA,Ic=0
-5
V
Collector Cut-Off Current
ICBO
VCB=-30V,IE=0
-1
µA
Emitter Cut-Off Current
IEBO
VEB=-5V,Ic=0
-100
nA
DC Current Gain(note)
hFE1
hFE2
hFE3
VCE=-1V,Ic=-1mA
VCE=-1V,Ic=-150 mA
VCE=-1V,Ic=-500mA
100
120
40
110
400
Collector-Emitter Saturation Voltage
VCE(sat)
Ic=-500mA,IB=-50mA
-0.5
V
Base-Emitter Saturation Voltage
VBE(sat)
Ic=500mA,IB=-50mA
-1.2
V
Base-Emitter Saturation Voltage
VBE
VCE=-1V,Ic=-10mA
-1.0
V
Current Gain Bandwidth Product
fT
VCE=-10V,Ic=-50mA
100
MHz
Output Capacitance
Cob
VCB=10V,IE=0
f=1MHz
9.0
pF
1  2 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S8050LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR 1 2 Unisonic Technologies
STN888HIGH CURRENT HIGH PERFORMANCE LOW VOLTAGE PNP TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
STX790A_06Medium Current High Performance Low Voltage PNP Transistor 1 2 3 4 5 MoreSTMicroelectronics
STD790AT4Medium Current High Performance Low Voltage PNP Transistor 1 2 3 4 5 MoreSTMicroelectronics
STD888T4Medium Current High Performance Low Voltage PNP Transistor 1 2 3 4 5 MoreSTMicroelectronics
STN790A_06Medium Current High Performance Low Voltage PNP Transistor 1 2 3 4 5 MoreSTMicroelectronics
2SA1020One Watt High Current PNP Transistor VOLTAGE AND CURRENT ARE NEGATIVE FOR PNP TRANSISTORS 1 2 3 4 ON Semiconductor
2STF2220High Gain Low Voltage PNP Power Transistor 1 2 3 4 5 MoreSTMicroelectronics
2STX2220High Gain Low Voltage PNP Power Transistor 1 2 3 4 5 MoreSTMicroelectronics
MMBTA92HIGH VOLTAGE PNP TRANSISTOR 1 2 3 4 Unisonic Technologies

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl