Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX6524 Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # PX6524
Description  4 x 10 Gb/s TIA/LA Receiver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

PX6524 Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  PX6524 Datasheet HTML 1Page - Zarlink Semiconductor Inc PX6524 Datasheet HTML 2Page - Zarlink Semiconductor Inc PX6524 Datasheet HTML 3Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Zarlink Semiconductor Inc.
PX6524
Product Brief
Figure 1: Typical 10 Gb/s PRBS31 output data pattern with optical input
Figure 2: Application block diagram utilizing the PX6514 VCSEL driver and the PX6524 optical receiver
Optical Fiber
TX Data
50 Ohms
50 Ohms
50 Ohms
50 Ohms
50 Ohms
50 Ohms
50 Ohms
50 Ohms
50 Ohms
50 Ohms
50 Ohms
50 Ohms
TX_OUT0
TX_OUT1
TX_OUT3
TX_IN3_P
TX_IN3_N
TX_IN1_P
TX_IN1_N
TX_IN0_P
TX_IN0_N
RX_IN0
RX_IN1
RX_IN3
RX_OUT1_P
RX_OUT0_P
RX_OUT0_N
RX_OUT1_N
RX_OUT3_P
RX_OUT3_N
PX6514
PX6524
RX Data
CLK
D_OUT
STB
OPTIONAL MICRO
CONTROLLER
STB
DATA
CLK
DATA
CLK
2-Wire
Interface
4-Wire
Interface
DATA
D_IN
D_OUT
MICRO
CONTROLLER
DATA
DATA
CLK
2-Wire
Interface
4-Wire
Interface
DATA
D_IN
CLK
STB
STB
CLK
50 Ohms
50 Ohms
TX_IN1_P
TX_IN1_N
TX_OUT2
GND
GND
GND
GND
50 Ohms
50 Ohms
RX_OUT2_P
RX_OUT2_N
RX_IN2
DET_BIAS0
DET_BIAS1
DET_BIAS2
DET_BIAS3


Similar Part No. - PX6524

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
PX6514 ZARLINK-PX6514 Datasheet
232Kb / 3P
   4 x 10 Gb/s VCSEL Driver
More results

Similar Description - PX6524

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
PX5524 ZARLINK-PX5524 Datasheet
629Kb / 3P
   4 x 4 Gb/s TIA/LA Receiver
PX6429 ZARLINK-PX6429 Datasheet
229Kb / 3P
   12 x 10 Gb/s TIA/LA Optical Receiver
logo
ANADIGICS, Inc
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
   10 Gb/s High Overload TIA
AMT8630 ANADIGICS-AMT8630 Datasheet
166Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
logo
Zarlink Semiconductor I...
PX5420 ZARLINK-PX5420 Datasheet
485Kb / 3P
   Multi-Rate TIA/LA Optical Receiver
PX6420 ZARLINK-PX6420 Datasheet
395Kb / 3P
   Multi-Rate TIA/LA Optical Receiver
logo
ANADIGICS, Inc
AMT8650 ANADIGICS-AMT8650 Datasheet
161Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
logo
Zarlink Semiconductor I...
PX6514 ZARLINK-PX6514 Datasheet
232Kb / 3P
   4 x 10 Gb/s VCSEL Driver
logo
Eudyna Devices Inc
F0100604B EUDYNA-F0100604B Datasheet
1Mb / 9P
   10 Gb/s Receiver Transimpedance Amplifier
logo
Renesas Technology Corp
NR4211TH RENESAS-NR4211TH_15 Datasheet
207Kb / 8P
   RECEIVER (Limiting TIA, with DCA function) InAlAs APD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com