Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7840-55 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BUK7840-55
Description  TrenchMOS transistor Standard level FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7840-55 Datasheet(HTML) 8 Page - NXP Semiconductors

  BUK7840-55 Datasheet HTML 1Page - NXP Semiconductors BUK7840-55 Datasheet HTML 2Page - NXP Semiconductors BUK7840-55 Datasheet HTML 3Page - NXP Semiconductors BUK7840-55 Datasheet HTML 4Page - NXP Semiconductors BUK7840-55 Datasheet HTML 5Page - NXP Semiconductors BUK7840-55 Datasheet HTML 6Page - NXP Semiconductors BUK7840-55 Datasheet HTML 7Page - NXP Semiconductors BUK7840-55 Datasheet HTML 8Page - NXP Semiconductors BUK7840-55 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
BUK7840-55
Standard level FET
MECHANICAL DATA
Dimensions in mm
Net Mass: 0.11 g
Fig.19. SOT223 surface mounting package.
Notes
1. Observe the general handling precautions for electrostatic-discharge sensitive devices (ESDs) to prevent
damage to MOS gate oxide.
2. Refer to surface mounting instructions for SOT223 envelope.
3. Epoxy meets UL94 V0 at 1/8".
6.7
6.3
3.1
2.9
4
1
23
2.3
1.05
0.85
0.80
0.60
4.6
3.7
3.3
7.3
6.7
B
A
0.10
0.02
13
16
max
1.8
max
10
max
0.32
0.24
(4x)
B
M
0.1
A
M
0.2
January 1998
8
Rev 1.000


Similar Part No. - BUK7840-55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK78150-55 PHILIPS-BUK78150-55 Datasheet
54Kb / 9P
   TrenchMOS transistor Standard level FET
January 1998 Rev 1.000
BUK78150-55 PHILIPS-BUK78150-55 Datasheet
67Kb / 9P
   TrenchMOS transistor Standard level FET
January 1998 Rev 1.000
BUK78150-55A PHILIPS-BUK78150-55A Datasheet
295Kb / 13P
   TrenchMOS standard level FET
Rev. 01-30 January 2001
logo
Nexperia B.V. All right...
BUK78150-55A NEXPERIA-BUK78150-55A Datasheet
931Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02 - 16 June 2010
logo
NXP Semiconductors
BUK78150-55A PHILIPS-BUK78150-55A_15 Datasheet
341Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-16 June 2010
More results

Similar Description - BUK7840-55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7524-60 PHILIPS-BUK7524-60 Datasheet
22Kb / 5P
   TrenchMOS transistor Standard level FET
March 1997 Rev 1.000
BUK7675-55 PHILIPS-BUK7675-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Standard level FET
April 1998 Rev 1.100
PHB80N06T PHILIPS-PHB80N06T Datasheet
70Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHB87N03T PHILIPS-PHB87N03T Datasheet
65Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.200
PHP125N06T PHILIPS-PHP125N06T Datasheet
63Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP130N03T PHILIPS-PHP130N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
BUK7618-30 PHILIPS-BUK7618-30 Datasheet
51Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP60N06T PHILIPS-PHP60N06T Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP65N06T PHILIPS-PHP65N06T Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
November 1997 Rev 1.100
PHP87N03T PHILIPS-PHP87N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
PHB125N06T PHILIPS-PHB125N06T Datasheet
67Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com