Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL3522 Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # SL3522
Description  500MHz 75dB Logarithmic/Limiting Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL3522 Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button SL3522 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL3522 Datasheet HTML 4Page - Zarlink Semiconductor Inc SL3522 Datasheet HTML 5Page - Zarlink Semiconductor Inc SL3522 Datasheet HTML 6Page - Zarlink Semiconductor Inc SL3522 Datasheet HTML 7Page - Zarlink Semiconductor Inc SL3522 Datasheet HTML 8Page - Zarlink Semiconductor Inc SL3522 Datasheet HTML 9Page - Zarlink Semiconductor Inc SL3522 Datasheet HTML 10Page - Zarlink Semiconductor Inc SL3522 Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
SL3522
Fig.7 Video offset v. offset-adjust resistor (pin17 to gnd) across temperature
–1.00
1.25
1.00
.75
.50
.25
0.00
–.25
–.50
1.50
–.75
2200
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
Offset–adjust resistor (ohms)
Fig.8 Video slope v. gain-adjust resistor (pin19 to gnd) across temperature
10
28
26
24
22
20
18
16
14
30
12
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
Gain–adjust resistor (ohms)
2200
Fig.9 Network for attenuating limited RF output
10
RF O/P–
RF O/P+
RF O/P GND
9
8
1n
1n
R1
R1
50
50
SL3522


Similar Part No. - SL3522

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL3522 MITEL-SL3522 Datasheet
830Kb / 19P
   500MHz 75dB Logarithmic/Limiting Amplifier
SL3522AMC MITEL-SL3522AMC Datasheet
830Kb / 19P
   500MHz 75dB Logarithmic/Limiting Amplifier
SL3522CMC MITEL-SL3522CMC Datasheet
830Kb / 19P
   500MHz 75dB Logarithmic/Limiting Amplifier
SL3522NA1C MITEL-SL3522NA1C Datasheet
830Kb / 19P
   500MHz 75dB Logarithmic/Limiting Amplifier
More results

Similar Description - SL3522

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL3522 MITEL-SL3522 Datasheet
830Kb / 19P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
List of Unclassifed Man...
PS13201 ETC2-PS13201 Datasheet
1Mb / 22P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
Analog Devices
AD8306ARZ AD-AD8306ARZ Datasheet
401Kb / 16P
   Limiting-Logarithmic Amplifier
REV. A
logo
Maxim Integrated Produc...
MAX2015 MAXIM-MAX2015_07 Datasheet
587Kb / 13P
   0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
Rev 2; 2/07
MAX2015 MAXIM-MAX2015 Datasheet
628Kb / 10P
   0.1GHz to 2.5GHz, 75dB Logarithmic Detector/Controller
19-2998; Rev 1; 12/03
MAX2014_V1 MAXIM-MAX2014_V1 Datasheet
304Kb / 12P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
MAX2014 MAXIM-MAX2014 Datasheet
277Kb / 10P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 0; 6/06
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
   LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com