Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8401 Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # SP8401
Description  Very Low Phase Noise 300MHz10/11
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8401 Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  SP8401 Datasheet HTML 1Page - Zarlink Semiconductor Inc SP8401 Datasheet HTML 2Page - Zarlink Semiconductor Inc SP8401 Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8401 Datasheet HTML 4Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SP8401
Fig.4 Test circuit
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
SP8401
220nF
10nF
10nF
1nF
1nF
1nF
TTL/CMOS
MODULUS
CONTROL
VCC
RF
50R
SIGNAL
GENERATOR
2x330R
50R
OUTPUT


Similar Part No. - SP8401

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8401 MITEL-SP8401 Datasheet
98Kb / 5P
   Very Low Phase Noise 300MHz 첨10/11
SP8401KGMPES MITEL-SP8401KGMPES Datasheet
98Kb / 5P
   Very Low Phase Noise 300MHz 첨10/11
More results

Similar Description - SP8401

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8401 MITEL-SP8401 Datasheet
98Kb / 5P
   Very Low Phase Noise 300MHz 첨10/11
logo
ILSI America LLC
I428 ILSI-I428 Datasheet
134Kb / 2P
   Very Low Phase Noise Option
logo
EUROQUARTZ limited
T96 EUROQUARTZ-T96 Datasheet
86Kb / 1P
   Very Rugged - Low Phase Noise
logo
Intersil Corporation
EL5130 INTERSIL-EL5130_06 Datasheet
342Kb / 12P
   300MHz Low Noise Amplifiers
EL5130 INTERSIL-EL5130_07 Datasheet
320Kb / 12P
   300MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5130 RENESAS-EL5130 Datasheet
674Kb / 12P
   300MHz Low Noise Amplifiers
logo
Zarlink Semiconductor I...
SL560 ZARLINK-SL560 Datasheet
105Kb / 8P
   300MHz LOW NOISE AMPLIFIER
logo
List of Unclassifed Man...
SP8685A ETC2-SP8685A Datasheet
207Kb / 4P
   500MHz 첨 10/11 ECL Variable Modulus Divider
logo
Mitel Networks Corporat...
SP8400 MITEL-SP8400 Datasheet
113Kb / 6P
   Very Low Phase Noise Synthesiser Divider
logo
Zarlink Semiconductor I...
SP8400 ZARLINK-SP8400 Datasheet
383Kb / 5P
   Very Low Phase Noise Synthesiser Divider
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com