Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC125DR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74AC125DR2G
Description  Quad Buffer with 3?뭆tate Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC125DR2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC74AC125DR2G Datasheet HTML 1Page - ON Semiconductor MC74AC125DR2G Datasheet HTML 2Page - ON Semiconductor MC74AC125DR2G Datasheet HTML 3Page - ON Semiconductor MC74AC125DR2G Datasheet HTML 4Page - ON Semiconductor MC74AC125DR2G Datasheet HTML 5Page - ON Semiconductor MC74AC125DR2G Datasheet HTML 6Page - ON Semiconductor MC74AC125DR2G Datasheet HTML 7Page - ON Semiconductor MC74AC125DR2G Datasheet HTML 8Page - ON Semiconductor MC74AC125DR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC74AC125, MC74ACT125
http://onsemi.com
4
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74ACT
74ACT
Unit
Conditions
TA = +25°C
TA =
−40°C to
+85°C
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
4.5
1.5
2.2
2.0
V
VOUT = 0.1 V
5.5
1.5
2.0
2.0
or VCC − 0.1 V
VIL
Maximum Low Level
Input Voltage
4.5
1.5
0.8
0.8
V
VOUT = 0.1 V
5.5
1.5
0.8
0.8
or VCC − 0.1 V
VOH
Minimum High Level
Output Voltage
4.5
4.49
4.4
4.4
V
IOUT = − 50 mA
5.5
5.49
5.4
5.4
*VIN = VIL or VIH
4.5
3.86
3.76
V
IOH
− 24 mA
5.5
4.86
4.76
− 24 mA
VOL
Minimum Low Level
Output Voltage
4.5
0.001
0.1
0.1
V
IOUT = − 50 mA
5.5
0.001
0.1
0.1
V
*VIN = VIL or VIH
4.5
0.36
0.44
IOH
− 24 mA
5.5
0.36
0.44
− 24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
mA
VI = VCC, GND
IOZ
VI (OE) = VIL, VIH
VI = VCC, GND
5.5
±0.5
±5.0
mA
VI (OE) = VIL, VIH
VI = VCC, GND
VO = VCC , GND
VO = VCC, GND
DICCT
Additional Max. ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1 V
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent Supply Current
5.5
8.0
80
mA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one input loaded at a time.
AC CHARACTERISTICS
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Max
Min
Max
tPLH
Propagation Delay
Data to Output
5.0
1.0
9.0
1.0
10
ns
tPHL
Propagation Delay
Data to Output
5.0
1.0
9.0
1.0
10
ns
tPZH
Output Enable
Time
5.0
1.0
8.5
1.0
9.5
ns
tPZL
Output Enable
Time
5.0
1.0
9.5
1.0
10.5
ns
tPHZ
Output Disable
Time
5.0
1.0
9.5
1.0
10.5
ns
tPLZ
Output Disable
Time
5.0
1.0
10
1.0
10.5
ns
*Voltage Range 5.0 V is 5.0 V ±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
45
pF
VCC = 5.0 V


Similar Part No. - MC74AC125DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC125DR2G ONSEMI-MC74AC125DR2G Datasheet
91Kb / 8P
   Quad Buffer with 3-State Outputs
January, 2015 ??Rev. 8
More results

Similar Description - MC74AC125DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ126 ONSEMI-NL27WZ126_06 Datasheet
73Kb / 6P
   Dual Buffer with 3?뭆tate Outputs
April, 2006 ??Rev. 6
NL27WZ125 ONSEMI-NL27WZ125_06 Datasheet
71Kb / 5P
   Dual Buffer with 3?뭆tate Outputs
April, 2006 ??Rev. 5
MC74ACT241 ONSEMI-MC74ACT241 Datasheet
94Kb / 8P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 5
MC74AC244 ONSEMI-MC74AC244_06 Datasheet
117Kb / 9P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
September, 2006 ??Rev. 7
MC74AC540 ONSEMI-MC74AC540 Datasheet
131Kb / 12P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 8
SN74LS541 ONSEMI-SN74LS541 Datasheet
202Kb / 6P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
July, 2006 ??Rev. 4
MC74VHCT126A ONSEMI-MC74VHCT126A_11 Datasheet
144Kb / 7P
   Quad Bus Buffer with 3?뭆tate Control Inputs
May, 2011 ??Rev. 7
MC74AC240 ONSEMI-MC74AC240_06 Datasheet
108Kb / 10P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
November, 2006 ??Rev. 8
NLSF3T126 ONSEMI-NLSF3T126 Datasheet
92Kb / 6P
   Quad Bus Buffer with 3?뭆tate Control Inputs
May, 2006 ??Rev. 5
MC74VHC125 ONSEMI-MC74VHC125_11 Datasheet
139Kb / 9P
   Quad Bus Buffer with 3?뭆tate Control Inputs
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com