Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL6619TP1Q Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # SL6619TP1Q
Description  Direct Conversion FSK Data Receiver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL6619TP1Q Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  SL6619TP1Q Datasheet HTML 1Page - Zarlink Semiconductor Inc SL6619TP1Q Datasheet HTML 2Page - Zarlink Semiconductor Inc SL6619TP1Q Datasheet HTML 3Page - Zarlink Semiconductor Inc SL6619TP1Q Datasheet HTML 4Page - Zarlink Semiconductor Inc SL6619TP1Q Datasheet HTML 5Page - Zarlink Semiconductor Inc SL6619TP1Q Datasheet HTML 6Page - Zarlink Semiconductor Inc SL6619TP1Q Datasheet HTML 7Page - Zarlink Semiconductor Inc SL6619TP1Q Datasheet HTML 8Page - Zarlink Semiconductor Inc SL6619TP1Q Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
SL6619
Data Sheet
Electrical Characteristics (1)
Electrical Characteristics (1) are guaranteed over the following range of operating conditions unless otherwise stated
T
AMB = 125°C, VCC1
= 1·3V, VCC2 = 2·7V
0·95
1·9
1·20
260
0·95
0·25
375
1·15
25
7:9
VCC220·3V
0
21·0
21·0
1·04
1·0
25
21·0
21·0
Characteristic
Value
Typ.
Max.
Min.
VCC1<VCC220·8V
Including IRF
ILOAD = 3mA, external PNP(b>100, VCE = 0·1V)
External PNP (hFE>100, VCE = 0·1V)
PTAT, voltage on pin 1 = 0·3V and 1·3V
Typical temperature coefficient = 10·1mV/
°C
Output logic low, pin 21 voltage = 0·3V
Output logic high, pin 21 voltage = VCC2
Preamble at 1200 baud, Df = 4kHz,
pin 26 = 0V, BRF capacitor = 560pF,
DATA OP pullup resistor = 200k
Pin 20 = logic low
Pin 20 = logic low
Powered up
Powered down
Powered up
Powered down
Current sunk by pin 23 = 1
µA
Pin 28 voltage = 1·04V
Pin 28 voltage = 1·12V
Pin 28 voltage = 1·14V
VBATT = 1·14V
VBATT = 1·04V
V
V
mA
µA
V
mA
µA
V
µA
µA
µA
µA
µA
µA
V
V
µA
µA
V
µA
µA
µA
V
µA
µA
2·7
3·5
2·2
460
1·05
3
700
1·31
20
1·0
1·0
9:7
10
10
VCC2
0·3
1·0
1·0
1·12
1·0
2·0
1·0
1·0
1·3
2·7
1·60
350
1·0
500
1·25
0·5
2·0
1·08
Conditions
Units
Supply voltage, VCC1
Supply voltage, VCC2
Supply current, ICC1
Supply current, ICC2
1 volt regulator, VREG
1 volt regulator load current
LNA current source, IRF
Reference voltage, VREF
VREF source current
VREF sink current
Data Amplifier
DATA OP sink current
DATA OP leakage current
Output mark:space ratio
Battery Economy
Power down ICC1
Power down ICC2
BEC input logic high
BEC input logic low
BEC input current
BEC input current
Battery Flag
VBATT trigger point
BATT FLAG sink current
BATT FLAG sink current
BATT FLAG sink current
VBATT input voltage
VBATT input current
VBATT input current
Pin
11
22
11
22
7
7
1
18
18
18
21
21
21
11
22
20
20
20
20
28
23
23
23
28
28
28


Similar Part No. - SL6619TP1Q

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL6619TP1Q MITEL-SL6619TP1Q Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
More results

Similar Description - SL6619TP1Q

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL66491-1 ZARLINK-SL66491-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
ZIF100 ZARLINK-ZIF100 Datasheet
241Kb / 4P
   Direct Conversion 4FSK Data Receiver Target Specification
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com