Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF840L-TA3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UF840L-TA3-T
Description  8A, 500V, 0.85ohm, N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF840L-TA3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  UF840L-TA3-T Datasheet HTML 1Page - Unisonic Technologies UF840L-TA3-T Datasheet HTML 2Page - Unisonic Technologies UF840L-TA3-T Datasheet HTML 3Page - Unisonic Technologies UF840L-TA3-T Datasheet HTML 4Page - Unisonic Technologies UF840L-TA3-T Datasheet HTML 5Page - Unisonic Technologies UF840L-TA3-T Datasheet HTML 6Page - Unisonic Technologies UF840L-TA3-T Datasheet HTML 7Page - Unisonic Technologies UF840L-TA3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UF840
MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-047,C
ABSOLUTE MAXIMUM RATINGS (Ta = 25℃, unless Otherwise Specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain to Source Voltage (TJ =25℃~125℃)
VDSS
500
V
Drain to Gate Voltage (RGS = 20kΩ, TJ =25℃~125℃)
VDGR
500
V
Gate to Source Voltage
VGS
±20
V
Continuous
8.0
A
Tc = 100℃
ID
5.1
A
Drain Current
Pulsed
IDM
32
A
Total Power Dissipation (Ta = 25℃)
Derating above 25℃
PD
125
1.0
W
W/℃
Single Pulse Avalanche Energy Rating
(VDD=50V, starting TJ =25℃, L=14mH, RG=25Ω, peak IAS = 8A)
EAS
510
mJ
Operating Temperature Range
TOPR
-55 ~ +150
Storage Temperature Range
TSTG
-55 ~ +150
Note: 1.Signified recommend operating range that indicates conditions for which the device is intended to be
functional, but does not guarantee specific performance limits.
2.Absolute maximum ratings indicate limits beyond which damage to the device may occur.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance Junction-Ambient
θJA
62.5
Thermal Resistance Junction-Case
θJc
1.0
/W
ELECTRICAL SPECIFICATIONS (Ta =25℃, unless Otherwise Specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 16)
500
V
Gate to Threshold Voltage
VGS(THR) VGS = VDS, ID = 250µA
2
4
V
On-State Drain Current (Note 1)
ID(ON)
VDS > ID(ON) x RDS(ON)MAX, VGS = 10V
8
A
VDS = Rated BVDSS, VGS = 0V
25
µA
Zero Gate Voltage Drain Current
IDSS
VDS=0.8xRated BVDSS,VGS=0V,TJ= 125℃
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±20V
±100
nA
Drain to Source On Resistance
(Note 1)
RDS(ON) ID = 4.4A, VGS = 10V (Figure 14, 15)
0.8 0.85
Forward Transconductance (Note 1)
gFS
VDS ≥ 50V, ID = 4.4A (Figure 18)
4.9
7.4
S
Turn-On Delay Time
tDLY(ON)
15
21
ns
Rise Time
tR
21
35
ns
Turn-Off Delay Time
tDLY(OFF)
50
74
ns
Fall Time
tF
VDD=250V, ID ≈ 8A, RG = 9.1Ω, RL =30Ω
(Note 2)
20
30
ns
Total Gate Charge
QG(TOT)
42
63
nC
Gate to Source Charge
QGS
7
nC
Gate to Drain “Miller” Charge
QGD
VGS =10V, ID =8A,VDS =0.8 x Rated BVDSS
IG(REF) =1.5mA (Figure 20)
(Note 3)
22
nC
Input Capacitance
CISS
1225
pF
Output Capacitance
COSS
200
pF
Reverse - Transfer Capacitance
CRSS
VDS = 25V, VGS = 0V, f = 1.0MHz
(Figure 17)
85
pF
NOTE : 1. Pulse Test: Pulse width≤300µs, Duty Cycle≤2%.
2. MOSFET Switching Times are Essentially Independent of Operating Temperature.
3. Gate Charge is Essentially Independent of Operating Temperature.


Similar Part No. - UF840L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF840L-TA3-T UTC-UF840L-TA3-T Datasheet
432Kb / 8P
   8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
UF840L-TA3-T UTC-UF840L-TA3-T Datasheet
455Kb / 9P
   8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
UF840L-TA3-T UTC-UF840L-TA3-T Datasheet
455Kb / 9P
   N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
UF840L-TA3-T VBSEMI-UF840L-TA3-T Datasheet
1Mb / 9P
   N-Channel 500V (D-S) Power MOSFET
More results

Similar Description - UF840L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
8N50 UTC-8N50_12 Datasheet
182Kb / 6P
   8A, 500V N-CHANNEL POWER MOSFET
8N50H UTC-8N50H Datasheet
204Kb / 5P
   8A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT8N50 AOSMD-AOT8N50 Datasheet
147Kb / 6P
   500V, 8A N-Channel MOSFET
AOWF8N50 AOSMD-AOWF8N50 Datasheet
385Kb / 5P
   500V, 8A N-Channel MOSFET
logo
KIA Semiconductor Techn...
840U KIA-840U Datasheet
242Kb / 7P
   8A 500V N-CHANNEL MOSFET
logo
Tak Cheong Electronics ...
TFP840 TAK_CHEONG-TFP840 Datasheet
343Kb / 7P
   N-Channel Power MOSFET 8A, 500V, 0.9廓
logo
Jiangsu Donghai Semicon...
840 WXDH-840 Datasheet
1Mb / 12P
   8A 500V N-channel Enhancement Mode Power MOSFET
logo
Tak Cheong Electronics ...
TFF840 TAK_CHEONG-TFF840 Datasheet
323Kb / 7P
   N-Channel Power MOSFET 8A, 500V, 0.9廓
logo
Unisonic Technologies
UF840 UTC-UF840_14 Datasheet
455Kb / 9P
   8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com