Selected language     English  ▼


ULN2004 Datasheet(PDF) 2 Page - Unisonic Technologies

Part No. ULN2004
Description  7CH DARLINGTON SINK DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo 

   
 2 page
background image
ULN2004
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R113-008,A
PIN CONNECTION
10
11
12
13
14
15
16
9
1
23
4
5
6
78
O1
O2
O3
O4
O5
O6
O7
COMMON
I1
I2
I3
I4
I5
I6
I7
GND
BLOCK DIAGRAM
INPUT
COMMON
OUTPUT
GND
10.5kΩ
7.2kΩ
3kΩ
Note: The input and output parasitic diodes cannot be used as clamp diodes.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BU931T_03HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
BU941ZP_05HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
STP08C5968-BIT CONSTANT CURRENT LED SINK DRIVER 1 2 3 4 5 MoreSTMicroelectronics
STP16CP05Low voltage 16-Bit constant current LED sink driver 1 2 3 4 5 MoreSTMicroelectronics
CS3341_05Alternator Voltage Regulator Darlington Driver 1 2 3 4 5 MoreON Semiconductor
ULN2003AHIGH-VOLTAGE HIGH-CURRENT DARLINGTON ARRAYS 1 2 3 4 5 MoreAllegro MicroSystems
2N6035_06Plastic Darlington Complementary Silicon Power Transistors 1 2 3 4 5 MoreON Semiconductor
SGSD100_03COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics
MJ11021_05Complementary Darlington Silicon Power Transistors 1 2 3 4 5 ON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl