Selected language     English  ▼


ULN2004 Datasheet(PDF) 3 Page - Unisonic Technologies

Part No. ULN2004
Description  7CH DARLINGTON SINK DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo 

   
 3 page
background image
ULN2004
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R113-008,A
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATING
UNIT
Output Sustaining Voltage
VOUT
-0.5~50
V
Output Current
IOUT
500
mA / ch
Input Voltage
VIN
-0.5~30
V
Clamp Diode Reverse Voltage
VR
50
V
Clamp Diode Forward Current
IF
500
mA
DIP-16
1.47
W
Power Dissipation
SOP-16
PD
0.625
W
Junction Temperature
TJ
+125
Operating Temperature
TOPR
0~+70
Storage Temperature
TSTG
-40~+150
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The device is guaranteed to meet performance specification within 0℃~+70℃ operating temperature range
and assured by design from -20℃~+85℃.
RECOMMENDED OPERATING CONDITIONS (Ta=-40~+85℃)
CHARACTERISTIC
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Sustaining Voltage
VOUT
0
50
V
Duty = 10%
0
370
DIP-16
Duty = 50%
0
130
Duty = 10%
0
233
Output Current
SOP-16
IOUT
Tpw = 25ms
7 Circuits
Ta = 85℃
TJ = 120℃
Duty = 50%
0
70
mA/ch
Input Voltage
VIN
0
24
V
Input Voltage (Output On)
VIN (ON)
IOUT = 400mA, hFE = 800
6.2
24
V
Input Voltage (Output Off)
VIN (OFF)
0
1.0
V
Clamp Diode Reverse Voltage
VR
50
V
Clamp Diode Forward Current
IF
350
mA
DIP-16
Ta = 85℃
0.76
Power Dissipation
SOP-16
PD
Ta = 85℃
0.325
W
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITIONS
MIN TYP MAX UNIT
VCE = 50 V, Ta = 25℃
50
Output Leakage Current
ILEAK
1
VCE = 50 V, Ta = 85℃
100
µA
IOUT = 350 mA, IIN = 500 µA
1.3
1.6
IOUT = 200 mA, IIN = 350 µA
1.1
1.3
Collector-Emitter Saturation Voltage
VCEO(SAT)
2
IOUT = 100 mA, IIN = 250 µA
0.9
1.1
V
DC Current Transfer Ratio
hFE
2
VCE = 2 V, IOUT = 350 mA
1000
Input Current (Output On)
IIN (ON)
3
VIN = 9.5 V, IOUT = 350 mA
0.8
1.2
mA
Input Current (Output Off)
IIN (OFF)
4
IOUT = 500 µA, Ta = 85°C
50
65
µA
IOUT = 350 mA
4.7
Input Voltage (Output On)
VIN(ON)
5
VCE = 2 V
hFE = 800
IOUT = 200 mA
4.4
V
VR = 50 V, Ta = 25°C
50
Clamp Diode Reverse Current
IR
6
VR = 50 V, Ta = 85°C
100
µA
Clamp Diode Forward Voltage
VF
7
IF = 350 mA
2.0
V
Input Capacitance
CIN
15
pF
Turn-On Delay
tON
8
VOUT = 50 V, RL = 125 Ω
CL = 15 pF
0.1
Turn-Off Delay
tOFF
8
VOUT = 50 V, RL = 125 Ω
CL = 15 pF
0.2
µs




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BU931T_03HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
BU941ZP_05HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
STP08C5968-BIT CONSTANT CURRENT LED SINK DRIVER 1 2 3 4 5 MoreSTMicroelectronics
STP16CP05Low voltage 16-Bit constant current LED sink driver 1 2 3 4 5 MoreSTMicroelectronics
CS3341_05Alternator Voltage Regulator Darlington Driver 1 2 3 4 5 MoreON Semiconductor
ULN2003AHIGH-VOLTAGE HIGH-CURRENT DARLINGTON ARRAYS 1 2 3 4 5 MoreAllegro MicroSystems
2N6035_06Plastic Darlington Complementary Silicon Power Transistors 1 2 3 4 5 MoreON Semiconductor
SGSD100_03COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics
MJ11021_05Complementary Darlington Silicon Power Transistors 1 2 3 4 5 ON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl