Selected language     English  ▼


ULN2004 Datasheet(PDF) 6 Page - Unisonic Technologies

Part No. ULN2004
Description  7CH DARLINGTON SINK DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo 

   
 6 page
background image
ULN2004
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R113-008,A
PRECAUTIONS FOR USING
This IC does not include built-in protection circuits for excess current or overvoltage. If this IC is subjected to
excess current or overvoltage, it may be destroyed. Hence, the utmost care must be taken when systems which
incorporate this IC are designed. Utmost care is necessary in the design of the output line, COMMON and GND line
since IC may be destroyed due to short-circuit between outputs, air contamination fault, or fault by improper
grounding.
TYPICAL CHARACTERISTICS
500
400
300
200
100
020
40
60
80
100
SOP-16
Ta=25℃
On PCB
n-ch
ACTIVE
IOUT - Duty Cycle
Duty Cycle (%)
n=1
2
3
4
5
6
7
50
0
40
0
30
0
200
10
0
0
020
40
60
80
100
IOUT - Duty Cycle
Duty Cycle (%)
n=1
2
3
4
5
6
7
SOP-16
Ta=85℃
On PCB
n-ch
ACTIVE
500
400
300
200
0
20
40
60
80
DIP-16
Ta=25℃
FREE AIR
n-ch
ACTIVE
IOUT - Duty Cycle
Duty Cycle (%)
2
3
4
5
6
7
500
400
300
200
0
20
40
60
80
DIP-16
Ta=85℃
FREE AIR
n-ch
ACTIVE
IOUT - Duty Cycle
Duty Cycle (%)
2
3
4
5
6
7
100
100
100
100
n=1
n=1
0
0
3
2
1
0
0
10
20
30
40
IN - VIN
Input Voltage VIN (V)
Ta=25℃
IOUT=100mA
200
300
IN - VIN
0
1
0
2
7
911
Input Voltage VIN (V)
Max.
Typ.
Min.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BU931T_03HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
BU941ZP_05HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
STP08C5968-BIT CONSTANT CURRENT LED SINK DRIVER 1 2 3 4 5 MoreSTMicroelectronics
STP16CP05Low voltage 16-Bit constant current LED sink driver 1 2 3 4 5 MoreSTMicroelectronics
CS3341_05Alternator Voltage Regulator Darlington Driver 1 2 3 4 5 MoreON Semiconductor
ULN2003AHIGH-VOLTAGE HIGH-CURRENT DARLINGTON ARRAYS 1 2 3 4 5 MoreAllegro MicroSystems
2N6035_06Plastic Darlington Complementary Silicon Power Transistors 1 2 3 4 5 MoreON Semiconductor
SGSD100_03COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics
MJ11021_05Complementary Darlington Silicon Power Transistors 1 2 3 4 5 ON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl