Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC175AN Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HC175AN
Description  Quad D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC175AN Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HC175AN Datasheet HTML 1Page - ON Semiconductor MC74HC175AN Datasheet HTML 2Page - ON Semiconductor MC74HC175AN Datasheet HTML 3Page - ON Semiconductor MC74HC175AN Datasheet HTML 4Page - ON Semiconductor MC74HC175AN Datasheet HTML 5Page - ON Semiconductor MC74HC175AN Datasheet HTML 6Page - ON Semiconductor MC74HC175AN Datasheet HTML 7Page - ON Semiconductor MC74HC175AN Datasheet HTML 8Page - ON Semiconductor MC74HC175AN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC74HC175A
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Unit
Guaranteed Limit
VCC
V
Test Conditions
Parameter
Symbol
Unit
v 125_C
v 85_C
– 55 to
25
_C
VCC
V
Test Conditions
Parameter
Symbol
VOL
Maximum Low−Level Output
Voltage
Vin = VIH or VIL
|Iout| v 20 mA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIH or VIL
|Iout| v 2.4 mA
|Iout| v 4.0 mA
|Iout| v 5.2 mA
3.0
4.5
6.0
0.26
0.26
0.26
0.33
0.33
0.33
0.40
0.40
0.40
Iin
Maximum Input Leakage Current
Vin = VCC or GND
6.0
± 0.1
± 1.0
± 1.0
mA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0 mA
6.0
4
40
160
mA
NOTE: Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High−Speed CMOS Data Book
(DL129/D).
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
– 55 to
25
_C
v 85_C
v 125_C
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figures 1 and 4)
2.0
3.0
4.5
6.0
6
10
30
35
4.8
8.0
24
28
4
6
20
24
MHz
tPLH,
tPHL
Maximum Propagation Delay, Clock to Q or Q
(Figures 1 and 4)
2.0
3.0
4.5
6.0
150
75
26
22
190
90
32
28
225
110
38
33
ns
tPHL
Maximum Propagation Delay, Reset to Q or Q
(Figures 2 and 4)
2.0
3.0
4.5
6.0
125
70
22
19
155
85
27
24
190
110
34
30
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 4)
2.0
3.0
4.5
6.0
75
27
15
13
95
32
19
16
110
36
22
19
ns
Cin
Maximum Input Capacitance
10
10
10
pF
NOTES:
1. For propagation delays with loads other than 50 pF, see Chapter 2 of the ON Semiconductor High−Speed CMOS Data Book (DL129/D).
2. Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High−Speed CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Flip−Flop)*
Typical @ 25
°C, VCC = 5.0 V
pF
35
* Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
ON Semiconductor High−Speed CMOS Data Book (DL129/D).


Similar Part No. - MC74HC175AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC175AN ONSEMI-MC74HC175AN Datasheet
191Kb / 8P
   Quad D Flip-Flop with Common Clock and Reset
March, 2000 ??Rev. 2
MC74HC175ANG ONSEMI-MC74HC175ANG Datasheet
157Kb / 11P
   Quad D Flip-Flop with Common Clock and Reset
July, 2012 ??Rev. 5
More results

Similar Description - MC74HC175AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC174A ONSEMI-MC74HC174A_06 Datasheet
132Kb / 9P
   Hex D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 10
MC74HC273A ONSEMI-MC74HC273A_05 Datasheet
138Kb / 10P
   Octal D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
74HC74 ONSEMI-74HC74 Datasheet
133Kb / 8P
   Dual D Flip?묯lop with Set and Reset High?뭁erformance Silicon?묰ate CMOS
February, 2007 ??Rev. 0
MC74HC74A ONSEMI-MC74HC74A_06 Datasheet
179Kb / 9P
   Dual D Flip?묯lop with Set and Reset High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
MC74HC377A ONSEMI-MC74HC377A Datasheet
161Kb / 9P
   Octal D Flip-Flop with Common Clock and Enable High?뭁erformance Silicon?묰ate CMOS
February, 2010 ??Rev. 1
MC74HC574A ONSEMI-MC74HC574A_05 Datasheet
122Kb / 10P
   Octal 3?뭆tate Noninverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
NLSF1174 ONSEMI-NLSF1174_06 Datasheet
82Kb / 6P
   Hex D Flip?묯lop with Common Clock and Reset
May, 2006 ??Rev. 5
MC74HC374A ONSEMI-MC74HC374A_05 Datasheet
138Kb / 10P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HC73A ONSEMI-MC74HC73A Datasheet
160Kb / 9P
   Dual J-K Flip-Flop with Reset High?뭁erformance Silicon?묰ate CMOS
December, 2009 ??Rev. 7
MC74HC112A ONSEMI-MC74HC112A Datasheet
181Kb / 8P
   Dual J-K Flip-Flop with Set and Reset High?뭁erformance Silicon?묰ate CMOS
December, 2009 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com