Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC245ADT Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HC245ADT
Description  Octal 3?뭆tate Noninverting Bus Transceiver High?뭁erformance Silicon?묰ate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC245ADT Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HC245ADT Datasheet HTML 1Page - ON Semiconductor MC74HC245ADT Datasheet HTML 2Page - ON Semiconductor MC74HC245ADT Datasheet HTML 3Page - ON Semiconductor MC74HC245ADT Datasheet HTML 4Page - ON Semiconductor MC74HC245ADT Datasheet HTML 5Page - ON Semiconductor MC74HC245ADT Datasheet HTML 6Page - ON Semiconductor MC74HC245ADT Datasheet HTML 7Page - ON Semiconductor MC74HC245ADT Datasheet HTML 8Page - ON Semiconductor MC74HC245ADT Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC74HC245A
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Guaranteed Limit
Symbol
Parameter
Test Conditions
VCC
V
–55 to
25
_C
v 85_C
v 125_C
Unit
VIH
Minimum High−Level Input Voltage
Vout = VCC – 0.1 V
|Iout| v 20 mA
2.0
3.0
4.5
6.0
1.5
2.1
3.15
4.2
1.5
2.1
3.15
4.2
1.5
2.1
3.15
4.2
V
VIL
Maximum Low−Level Input Voltage
Vout = 0.1 V
|Iout| v 20 mA
2.0
3.0
4.5
6.0
0.5
0.9
1.35
1.8
0.5
0.9
1.35
1.8
0.5
0.9
1.35
1.8
V
VOH
Minimum High−Level Output
Voltage
Vin = VIH
|Iout| v 20 mA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
Vin = VIH |Iout| v 2.4 mA
|Iout| v 6.0 mA
|Iout| v 7.8 mA
3.0
4.5
6.0
2.48
3.98
5.48
2.34
3.84
5.34
2.2
3.7
5.2
VOL
Maximum Low−Level Output
Voltage
Vin = VIL
|Iout| v 20 mA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIL |Iout| v 2.4 mA
|Iout| v 6.0 mA
|Iout| v 7.8 mA
3.0
4.5
6.0
0.26
0.26
0.26
0.33
0.33
0.33
0.4
0.4
0.4
Iin
Maximum Input Leakage Current
Vin = VCC or GND
6.0
± 0.1
± 1.0
± 1.0
mA
IOZ
Maximum Three−State Leakage
Current
Output in High−Impedance State
Vin = VIL or VIH
Vout = VCC or GND
6.0
± 0.5
± 5.0
± 10
mA
ICC
Maximum Quiescent Supply Cur-
rent (per Package)
Vin = VCC or GND
Iout = 0 mA
6.0
4.0
40
160
mA
7. Information on typical parametric values and high frequency or heavy load considerations can be found in the ON Semiconductor
High−Speed CMOS Data Book (DL129/D).
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
–55 to
25
_C
v 85_C
v 125_C
tPLH,
tPHL
Maximum Propagation Delay,
A to B, B to A
(Figures 1 and 3)
2.0
3.0
4.5
6.0
75
55
15
13
95
70
19
16
110
80
22
19
ns
tPLZ,
tPHZ
Maximum Propagation Delay,
Direction or Output Enable to A or B
(Figures 2 and 4)
2.0
3.0
4.5
6.0
110
90
22
19
140
110
28
24
165
130
33
28
ns
tPZL,
tPZH
Maximum Propagation Delay,
Output Enable to A or B
(Figures 2 and 4)
2.0
3.0
4.5
6.0
110
90
22
19
140
110
28
24
165
130
33
28
ns
tTLH,
tTHL
Maximum Output Transition Time,
Any Output
(Figures 1 and 3)
2.0
3.0
4.5
6.0
60
23
12
10
75
27
15
13
90
32
18
15
ns
Cin
Maximum Input Capacitance (Pin 1 or Pin 19)
10
10
10
pF
Cout
Maximum Three−State I/O Capacitance
(I/O in High−Impedance State)
15
15
15
pF
8. For propagation delays with loads other than 50 pF, and information on typical parametric values, see the ON Semiconductor High−Speed
CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Transceiver Channel) (Note 9)
Typical @ 25
°C, VCC = 5.0 V
pF
40
9. Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see the ON
Semiconductor High−Speed CMOS Data Book (DL129/D).


Similar Part No. - MC74HC245ADT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC245ADT ONSEMI-MC74HC245ADT Datasheet
129Kb / 10P
   Octal 3-State Noninverting Bus Transceiver
July, 2005 ??Rev. 11
MC74HC245ADTG ONSEMI-MC74HC245ADTG Datasheet
129Kb / 10P
   Octal 3-State Noninverting Bus Transceiver
July, 2005 ??Rev. 11
MC74HC245ADTG ONSEMI-MC74HC245ADTG Datasheet
91Kb / 7P
   Octal 3-State Noninverting Bus Transceiver
November, 2014 ??Rev. 16
MC74HC245ADTR2 ONSEMI-MC74HC245ADTR2 Datasheet
129Kb / 10P
   Octal 3-State Noninverting Bus Transceiver
July, 2005 ??Rev. 11
MC74HC245ADTR2G ONSEMI-MC74HC245ADTR2G Datasheet
129Kb / 10P
   Octal 3-State Noninverting Bus Transceiver
July, 2005 ??Rev. 11
More results

Similar Description - MC74HC245ADT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC573A ONSEMI-MC74HC573A_05 Datasheet
118Kb / 8P
   Octal 3?뭆tate Noninverting Transparent Latch High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 11
MC74HC574A ONSEMI-MC74HC574A_05 Datasheet
122Kb / 10P
   Octal 3?뭆tate Noninverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HC244A ONSEMI-MC74HC244A_06 Datasheet
115Kb / 8P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/ Line Receiver High?뭁erformance Silicon?묰ate CMOS
April, 2006 ??Rev. 11
MC74HC541A ONSEMI-MC74HC541A_05 Datasheet
122Kb / 10P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 4
74HC245 ONSEMI-74HC245 Datasheet
127Kb / 8P
   Octal 3?뭆tate Noninverting Bus Transceiver
March, 2007 ??Rev. 1
MC74HC373A ONSEMI-MC74HC373A_05 Datasheet
119Kb / 10P
   Octal 3?뭆tate Non?묲nverting Transparent Latch High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 12
MC74HC374A ONSEMI-MC74HC374A_05 Datasheet
138Kb / 10P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HC540A ONSEMI-MC74HC540A_05 Datasheet
119Kb / 8P
   Octal 3?뭆tate Inverting Buffer/Line Driver/Line Receiver High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 9
MC74VHC4051DTR2G ONSEMI-MC74VHC4051DTR2G Datasheet
206Kb / 17P
   High?뭁erformance Silicon?묰ate CMOS
May, 2011 ??Rev. 6
MC74HC160A ONSEMI-MC74HC160A Datasheet
162Kb / 12P
   High?뭁erformance Silicon?묰ate CMOS
May, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com