Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC273ADWR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HC273ADWR2G
Description  Octal D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC273ADWR2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HC273ADWR2G Datasheet HTML 1Page - ON Semiconductor MC74HC273ADWR2G Datasheet HTML 2Page - ON Semiconductor MC74HC273ADWR2G Datasheet HTML 3Page - ON Semiconductor MC74HC273ADWR2G Datasheet HTML 4Page - ON Semiconductor MC74HC273ADWR2G Datasheet HTML 5Page - ON Semiconductor MC74HC273ADWR2G Datasheet HTML 6Page - ON Semiconductor MC74HC273ADWR2G Datasheet HTML 7Page - ON Semiconductor MC74HC273ADWR2G Datasheet HTML 8Page - ON Semiconductor MC74HC273ADWR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC74HC273A
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Guaranteed Limit
Unit
v 125_C
v 85_C
– 55 to
25
_C
VCC
V
Test Conditions
Parameter
Symbol
Iin
Maximum Input Leakage Current
Vin = VCC or GND
6.0
± 0.1
± 1.0
± 1.0
mA
IOZ
Maximum Three−State Leakage
Current
Output in High−Impedance State
Vin = VIL or VIH
Vout = VCC or GND
6.0
± 0.5
± 5.0
± 10
mA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0 mA
6.0
4.0
40
160
mA
NOTE: Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High−Speed CMOS Data Book
(DL129/D).
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
– 55 to
25
_C
v 85_C
v 125_C
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figures 1 and 4)
2.0
3.0
4.5
6.0
6.0
15
30
35
5.0
10
24
28
4.0
8.0
20
24
MHz
tPLH
tPHL
Maximum Propagation Delay, Clock to Q
(Figures 1 and 4)
2.0
3.0
4.5
6.0
145
90
29
25
180
120
36
31
220
140
44
38
ns
tPHL
Maximum Propagation Delay, Reset to Q
(Figures 2 and 4)
2.0
3.0
4.5
6.0
145
90
29
25
180
120
36
31
220
140
44
38
ns
tTLH
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 4)
2.0
3.0
4.5
6.0
75
27
15
13
95
32
19
16
110
36
22
19
ns
Cin
Maximum Input Capacitance
10
10
10
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the ON
Semiconductor High−Speed CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Enabled Output)*
Typical @ 25
°C, VCC = 5.0 V
pF
48
* Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
ON Semiconductor High−Speed CMOS Data Book (DL129/D).


Similar Part No. - MC74HC273ADWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC273ADWR2G ONSEMI-MC74HC273ADWR2G Datasheet
155Kb / 9P
   Octal D Flip-Flop with Common Clock and Reset
May, 2011 ??Rev. 13
MC74HC273ADWR2G ONSEMI-MC74HC273ADWR2G Datasheet
96Kb / 8P
   Octal D Flip-Flop with Common Clock and Reset
October, 2015 ??Rev. 17
More results

Similar Description - MC74HC273ADWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC174A ONSEMI-MC74HC174A_06 Datasheet
132Kb / 9P
   Hex D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 10
MC74HC175A ONSEMI-MC74HC175A_05 Datasheet
121Kb / 10P
   Quad D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 3
74HC74 ONSEMI-74HC74 Datasheet
133Kb / 8P
   Dual D Flip?묯lop with Set and Reset High?뭁erformance Silicon?묰ate CMOS
February, 2007 ??Rev. 0
MC74HC74A ONSEMI-MC74HC74A_06 Datasheet
179Kb / 9P
   Dual D Flip?묯lop with Set and Reset High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
MC74HC377A ONSEMI-MC74HC377A Datasheet
161Kb / 9P
   Octal D Flip-Flop with Common Clock and Enable High?뭁erformance Silicon?묰ate CMOS
February, 2010 ??Rev. 1
MC74HC574A ONSEMI-MC74HC574A_05 Datasheet
122Kb / 10P
   Octal 3?뭆tate Noninverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HC374A ONSEMI-MC74HC374A_05 Datasheet
138Kb / 10P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
NLSF1174 ONSEMI-NLSF1174_06 Datasheet
82Kb / 6P
   Hex D Flip?묯lop with Common Clock and Reset
May, 2006 ??Rev. 5
MC74HCT273A ONSEMI-MC74HCT273A_06 Datasheet
148Kb / 8P
   Octal D Flip?묯lop with Common Clock and Reset with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 10
MC74HC73A ONSEMI-MC74HC73A Datasheet
160Kb / 9P
   Dual J-K Flip-Flop with Reset High?뭁erformance Silicon?묰ate CMOS
December, 2009 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com