Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC373ADWG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC373ADWG
Description  Octal 3?뭆tate Non?묲nverting Transparent Latch High?뭁erformance Silicon?묰ate CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC373ADWG Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC373ADWG Datasheet HTML 1Page - ON Semiconductor MC74HC373ADWG Datasheet HTML 2Page - ON Semiconductor MC74HC373ADWG Datasheet HTML 3Page - ON Semiconductor MC74HC373ADWG Datasheet HTML 4Page - ON Semiconductor MC74HC373ADWG Datasheet HTML 5Page - ON Semiconductor MC74HC373ADWG Datasheet HTML 6Page - ON Semiconductor MC74HC373ADWG Datasheet HTML 7Page - ON Semiconductor MC74HC373ADWG Datasheet HTML 8Page - ON Semiconductor MC74HC373ADWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2005
July, 2005 − Rev. 12
1
Publication Order Number:
MC74HC373A/D
MC74HC373A
Octal 3−State Non−Inverting
Transparent Latch
High−Performance Silicon−Gate CMOS
The MC74HC373A is identical in pinout to the LS373. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LSTTL outputs.
These latches appear transparent to data (i.e., the outputs change
asynchronously) when Latch Enable is high. When Latch Enable goes
low, data meeting the setup and hold time becomes latched.
The Output Enable input does not affect the state of the latches, but
when Output Enable is high, all device outputs are forced to the
high−impedance state. Thus, data may be latched even when the
outputs are not enabled.
The HC373A is identical in function to the HC573A which has the
data inputs on the opposite side of the package from the outputs to
facilitate PC board layout.
The HC373A is the non−inverting version of the HC533A.
Features
Output Drive Capability: 15 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS and TTL
Operating Voltage Range: 2.0 to 6.0 V
Low Input Current: 1.0 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance with the JEDEC Standard No. 7.0 A Requirements
Chip Complexity: 186 FETs or 46.5 Equivalent Gates
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
MARKING
DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G
= Pb−Free Package
G
= Pb−Free Package
(Note: Microdot may be in either location)
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
20
1
1
20
SOIC−20
DW SUFFIX
CASE 751D
74HC373A
AWLYYWWG
HC
373A
ALYW
G
G
TSSOP−20
DT SUFFIX
CASE 948E
SOEIAJ−20
F SUFFIX
CASE 967
74HC373A
AWLYWWG
1
1
1
20
1
20
20
20
PDIP−20
N SUFFIX
CASE 738
1
20
MC74HC373AN
AWLYYWWG
1
20


Similar Part No. - MC74HC373ADWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC373ADWG ONSEMI-MC74HC373ADWG Datasheet
122Kb / 7P
   Octal 3-State Non-Inverting Transparent Latch
August, 2014 ??Rev. 15
More results

Similar Description - MC74HC373ADWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC573A ONSEMI-MC74HC573A_05 Datasheet
118Kb / 8P
   Octal 3?뭆tate Noninverting Transparent Latch High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 11
MC74HC374A ONSEMI-MC74HC374A_05 Datasheet
138Kb / 10P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
74HC373 ONSEMI-74HC373 Datasheet
129Kb / 9P
   Octal 3?뭆tate Non?묲nverting Transparent Latch
March, 2007 ??Rev. 0
MC74HC245A ONSEMI-MC74HC245A_06 Datasheet
115Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver High?뭁erformance Silicon?묰ate CMOS
April, 2006 ??Rev. 12
MC74HC574A ONSEMI-MC74HC574A_05 Datasheet
122Kb / 10P
   Octal 3?뭆tate Noninverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HC244A ONSEMI-MC74HC244A_06 Datasheet
115Kb / 8P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/ Line Receiver High?뭁erformance Silicon?묰ate CMOS
April, 2006 ??Rev. 11
MC74HC540A ONSEMI-MC74HC540A_05 Datasheet
119Kb / 8P
   Octal 3?뭆tate Inverting Buffer/Line Driver/Line Receiver High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 9
MC74HC541A ONSEMI-MC74HC541A_05 Datasheet
122Kb / 10P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 4
MC74VHC4051DTR2G ONSEMI-MC74VHC4051DTR2G Datasheet
206Kb / 17P
   High?뭁erformance Silicon?묰ate CMOS
May, 2011 ??Rev. 6
MC74HC160A ONSEMI-MC74HC160A Datasheet
162Kb / 12P
   High?뭁erformance Silicon?묰ate CMOS
May, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com