Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC390ANG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC390ANG
Description  Dual 4?뭆tage Binary Ripple Counter with /2and /5 Sections High?뭁erformance Silicon?묰ate CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC390ANG Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC390ANG Datasheet HTML 1Page - ON Semiconductor MC74HC390ANG Datasheet HTML 2Page - ON Semiconductor MC74HC390ANG Datasheet HTML 3Page - ON Semiconductor MC74HC390ANG Datasheet HTML 4Page - ON Semiconductor MC74HC390ANG Datasheet HTML 5Page - ON Semiconductor MC74HC390ANG Datasheet HTML 6Page - ON Semiconductor MC74HC390ANG Datasheet HTML 7Page - ON Semiconductor MC74HC390ANG Datasheet HTML 8Page - ON Semiconductor MC74HC390ANG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2005
June, 2005 − Rev. 3
1
Publication Order Number:
MC74HC390A/D
MC74HC390A
Dual 4−Stage Binary Ripple
Counter with
÷ 2 and ÷ 5
Sections
High−Performance Silicon−Gate CMOS
The MC74HC390A is identical in pinout to the LS390. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LSTTL outputs.
This device consists of two independent 4−bit counters, each
composed of a divide−by−two and a divide−by−five section. The
divide−by−two and divide−by−five counters have separate clock
inputs, and can be cascaded to implement various combinations of
÷ 2
and/or
÷ 5 up to a ÷ 100 counter.
Flip−flops internal to the counters are triggered by high−to−low
transitions of the clock input. A separate, asynchronous reset is
provided for each 4−bit counter. State changes of the Q outputs do not
occur simultaneously because of internal ripple delays. Therefore,
decoded output signals are subject to decoding spikes and should not
be used as clocks or strobes except when gated with the Clock of the
HC390A.
Features
Output Drive Capability: 10 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 2.0 to 6.0 V
Low Input Current: 1 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance with the Requirements Defined by JEDEC Standard
No 7A
Chip Complexity: 244 FETs or 61 Equivalent Gates
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
MARKING
DIAGRAMS
SOIC−16
D SUFFIX
CASE 751B
TSSOP−16
DT SUFFIX
CASE 948F
1
16
PDIP−16
N SUFFIX
CASE 648
1
16
1
16
1
16
MC74HC390AN
AWLYYWWG
1
16
HC390AG
AWLYWW
HC
390A
ALYW
G
G
1
16
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW
= Work Week
G
= Pb−Free Package
G
= Pb−Free Package
(Note: Microdot may be in either location)
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
1
16
74HC390A
ALYWG
SOEIAJ−16
F SUFFIX
CASE 966
1
16


Similar Part No. - MC74HC390ANG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC390AN ONSEMI-MC74HC390AN Datasheet
204Kb / 8P
   Dual 4-Stage Binary Ripple Counter with 첨2 and 첨5 Sections
March, 2000 ??Rev. 2
More results

Similar Description - MC74HC390ANG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC393A ONSEMI-MC74HC393A_06 Datasheet
180Kb / 11P
   Dual 4?뭆tage Binary Ripple Counter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 4
MC74HC4020A ONSEMI-MC74HC4020A_05 Datasheet
114Kb / 10P
   14?뭆tage Binary Ripple Counter High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 4
MC74HC4040A ONSEMI-MC74HC4040A_05 Datasheet
114Kb / 10P
   12?뭆tage Binary Ripple Counter High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 5
MC74AC4040 ONSEMI-MC74AC4040 Datasheet
84Kb / 6P
   12?뭆tage Binary Ripple Counter
November, 2006 ??Rev. 7
MC74HC4060A ONSEMI-MC74HC4060A_06 Datasheet
147Kb / 14P
   14?뭆tage Binary Ripple Counter With Oscillator
January, 2006 ??Rev. 5
SN74LS393 ONSEMI-SN74LS393 Datasheet
217Kb / 8P
   Dual 4?뭆tage Binary Counter
July, 2006 ??Rev. 2
MC74HC390A ONSEMI-MC74HC390A Datasheet
204Kb / 8P
   Dual 4-Stage Binary Ripple Counter with 첨2 and 첨5 Sections
March, 2000 ??Rev. 2
MC54-74HC390 ONSEMI-MC54-74HC390 Datasheet
216Kb / 8P
   Dual 4-Stage Binary Ripple Counter with 첨2 and 첨5 Sections
REV 6
MC74VHC4051DTR2G ONSEMI-MC74VHC4051DTR2G Datasheet
206Kb / 17P
   High?뭁erformance Silicon?묰ate CMOS
May, 2011 ??Rev. 6
MC74HC160A ONSEMI-MC74HC160A Datasheet
162Kb / 12P
   High?뭁erformance Silicon?묰ate CMOS
May, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com