Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC393AN Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HC393AN
Description  Dual 4?뭆tage Binary Ripple Counter High?뭁erformance Silicon?묰ate CMOS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC393AN Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HC393AN Datasheet HTML 1Page - ON Semiconductor MC74HC393AN Datasheet HTML 2Page - ON Semiconductor MC74HC393AN Datasheet HTML 3Page - ON Semiconductor MC74HC393AN Datasheet HTML 4Page - ON Semiconductor MC74HC393AN Datasheet HTML 5Page - ON Semiconductor MC74HC393AN Datasheet HTML 6Page - ON Semiconductor MC74HC393AN Datasheet HTML 7Page - ON Semiconductor MC74HC393AN Datasheet HTML 8Page - ON Semiconductor MC74HC393AN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MC74HC393A
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Unit
Guaranteed Limit
VCC
V
Test Conditions
Parameter
Symbol
Unit
v 125_C
v 85_C
– 55 to
25_C
VCC
V
Test Conditions
Parameter
Symbol
VOL
Maximum Low−Level Output
Voltage
Vin = VIH or VIL
|Iout| v 20 mA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIH or VIL
|Iout| v 2.4 mA
|Iout| v 4.0 mA
|Iout| v 5.2 mA
3.0
4.5
6.0
0.26
0.26
0.26
0.33
0.33
0.33
0.40
0.40
0.40
Iin
Maximum Input Leakage Current Vin = VCC or GND
6.0
± 0.1
± 1.0
± 1.0
mA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0 mA
6.0
4
40
160
mA
NOTE: Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High−Speed CMOS Data Book
(DL129/D).
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
– 55 to
25_C
v 85_C
v 125_C
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figures 1 and 3)
2.0
3.0
4.5
6.0
10
15
30
50
9
14
28
45
8
12
25
40
MHz
tPLH,
tPHL
Maximum Propagation Delay, Clock to Q1
(Figures 1 and 3)
2.0
3.0
4.5
6.0
70
40
24
20
80
45
30
26
90
50
36
31
ns
tPLH,
tPHL
Maximum Propagation Delay, Clock to Q2
(Figures 1 and 3)
2.0
3.0
4.5
6.0
100
56
34
20
105
70
45
38
180
100
55
48
ns
tPLH,
tPHL
Maximum Propagation Delay, Clock to Q3
(Figures 1 and 3)
2.0
3.0
4.5
6.0
130
80
44
37
150
105
55
47
180
130
70
58
ns
tPLH,
tPHL
Maximum Propagation Delay, Clock to Q4
(Figures 1 and 3)
2.0
3.0
4.5
6.0
160
110
52
44
250
185
65
55
300
210
82
65
ns
tPHL
Maximum Propagation Delay, Reset to any Q
(Figures 2 and 3)
2.0
3.0
4.5
6.0
80
48
30
26
95
65
38
33
110
75
50
43
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 3)
2.0
3.0
4.5
6.0
75
27
15
13
95
32
19
16
110
36
22
19
ns
Cin
Maximum Input Capacitance
10
10
10
pF
NOTES:
1. For propagation delays with loads other than 50 pF, see Chapter 2 of the ON Semiconductor High−Speed CMOS Data Book (DL129/D).
2. Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High−Speed CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Counter)*
Typical @ 25°C, VCC = 5.0 V
pF
35
* Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
ON Semiconductor High−Speed CMOS Data Book (DL129/D).


Similar Part No. - MC74HC393AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC393AN ONSEMI-MC74HC393AN Datasheet
188Kb / 8P
   Dual 4-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
More results

Similar Description - MC74HC393AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A_05 Datasheet
114Kb / 10P
   14?뭆tage Binary Ripple Counter High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 4
MC74HC4040A ONSEMI-MC74HC4040A_05 Datasheet
114Kb / 10P
   12?뭆tage Binary Ripple Counter High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 5
MC74HC390A ONSEMI-MC74HC390A_05 Datasheet
127Kb / 10P
   Dual 4?뭆tage Binary Ripple Counter with /2and /5 Sections High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 3
MC74AC4040 ONSEMI-MC74AC4040 Datasheet
84Kb / 6P
   12?뭆tage Binary Ripple Counter
November, 2006 ??Rev. 7
SN74LS393 ONSEMI-SN74LS393 Datasheet
217Kb / 8P
   Dual 4?뭆tage Binary Counter
July, 2006 ??Rev. 2
MC74VHC4051DTR2G ONSEMI-MC74VHC4051DTR2G Datasheet
206Kb / 17P
   High?뭁erformance Silicon?묰ate CMOS
May, 2011 ??Rev. 6
MC74HC160A ONSEMI-MC74HC160A Datasheet
162Kb / 12P
   High?뭁erformance Silicon?묰ate CMOS
May, 2013 ??Rev. 2
MC74HC4351 ONSEMI-MC74HC4351 Datasheet
356Kb / 13P
   High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 7
MC74HC4016 ONSEMI-MC74HC4016 Datasheet
286Kb / 11P
   High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 7
MC74HC4060A ONSEMI-MC74HC4060A_06 Datasheet
147Kb / 14P
   14?뭆tage Binary Ripple Counter With Oscillator
January, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com