Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC574A Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HC574A
Description  Octal 3?뭆tate Noninverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC574A Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HC574A_05 Datasheet HTML 1Page - ON Semiconductor MC74HC574A_05 Datasheet HTML 2Page - ON Semiconductor MC74HC574A_05 Datasheet HTML 3Page - ON Semiconductor MC74HC574A_05 Datasheet HTML 4Page - ON Semiconductor MC74HC574A_05 Datasheet HTML 5Page - ON Semiconductor MC74HC574A_05 Datasheet HTML 6Page - ON Semiconductor MC74HC574A_05 Datasheet HTML 7Page - ON Semiconductor MC74HC574A_05 Datasheet HTML 8Page - ON Semiconductor MC74HC574A_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC74HC574A
http://onsemi.com
4
ORDERING INFORMATION
Device
Package
Shipping
MC74HC574AN
PDIP−20
18 Units / Box
MC74HC574ANG
PDIP−20
(Pb−Free)
18 Units / Box
MC74HC574ADW
SOIC−20 WIDE
38 Units / Rail
MC74HC574ADWG
SOIC−20 WIDE
(Pb−Free)
38 Units / Rail
MC74HC574ADWR2
SOIC−20 WIDE
1000 Tape & Reel
MC74HC574ADWR2G
SOIC−20 WIDE
(Pb−Free)
1000 Tape & Reel
MC74HC574ADTR2
TSSOP−20*
2500 Tape & Reel
MC74HC574ADTR2G
TSSOP−20*
2500 Tape & Reel
MC74HC574AF
SOEIAJ−20
40 Units / Rail
MC74HC574AFG
SOEIAJ−20
(Pb−Free)
40 Units / Rail
MC74HC574AFEL
SOEIAJ−20
2000 Tape & Reel
MC74HC574AFELG
SOEIAJ−20
(Pb−Free)
2000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
V
Guaranteed Limit
Symbol
Parameter
Test Conditions
*55 to 25_C
v85_C
v125_C
Unit
VIH
Minimum High−Level Input
Voltage
Vout = VCC – 0.1 V
|Iout| v 20 mA
2.0
3.0
4.5
6.0
1.5
2.1
3.15
4.2
1.5
2.1
3.15
4.2
1.5
2.1
3.15
4.2
V
VIL
Maximum Low−Level Input
Voltage
Vout = 0.1 V
|Iout| v 20 mA
2.0
3.0
4.5
6.0
0.5
0.9
1.35
1.8
0.5
0.9
1.35
1.8
0.5
0.9
1.35
1.8
V
VOH
Minimum High−Level Output
Voltage
Vin = VIH
|Iout| v 20 mA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
VOH
Minimum High−Level Output
Voltage
Vin = VIH
|Iout| v 2.4 mA
|Iout| v 6.0 mA
|Iout| v 7.8 mA
3.0
4.5
6.0
2.48
3.98
5.48
2.34
3.84
5.34
2.2
3.7
5.2
V
VOL
Maximum Low−Level Output
Voltage
Vin = VIL
|Iout| v 20 mA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIL
|Iout| v 2.4 mA
|Iout| v 6.0 mA
|Iout| v 7.8 mA
3.0
4.5
6.0
0.26
0.26
0.26
0.33
0.33
0.33
0.4
0.4
0.4
Iin
Maximum Input Leakage
Current
Vin = VCC or GND
6.0
$0.1
$1.0
$1.0
mA
IOZ
Maximum Three−State
Leakage Current
Output in High−Impedance State
Vin = VIL or VIH
Vout = VCC or GND
6.0
$0.5
$5.0
$10
mA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0 mA
6.0
4.0
40
160
mA
8. Information on typical parametric values can be found in the ON Semiconductor High−Speed CMOS Data Book (DL129/D).


Similar Part No. - MC74HC574A_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC574ADTR2G ONSEMI-MC74HC574ADTR2G Datasheet
153Kb / 9P
   Octal 3-State Noninverting D Flip-Flop
May, 2011 ??Rev. 13
MC74HC574ADTR2G ONSEMI-MC74HC574ADTR2G Datasheet
133Kb / 9P
   Octal 3-State Noninverting D Flip-Flop
August, 2014 ??Rev. 15
MC74HC574ADW ONSEMI-MC74HC574ADW Datasheet
178Kb / 8P
   Octal 3-State Noninverting D Flip-Flop
March, 2000 ??Rev. 8
logo
Motorola, Inc
MC74HC574ADW MOTOROLA-MC74HC574ADW Datasheet
100Kb / 7P
   OCTAL 3-STARE NONINVERTING D FLIP-FLOP
logo
ON Semiconductor
MC74HC574ADWG ONSEMI-MC74HC574ADWG Datasheet
153Kb / 9P
   Octal 3-State Noninverting D Flip-Flop
May, 2011 ??Rev. 13
More results

Similar Description - MC74HC574A_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A_05 Datasheet
138Kb / 10P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HC245A ONSEMI-MC74HC245A_06 Datasheet
115Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver High?뭁erformance Silicon?묰ate CMOS
April, 2006 ??Rev. 12
MC74HC573A ONSEMI-MC74HC573A_05 Datasheet
118Kb / 8P
   Octal 3?뭆tate Noninverting Transparent Latch High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 11
74HC574 ONSEMI-74HC574 Datasheet
132Kb / 8P
   Octal 3?뭆tate Noninverting D Flip?묯lop
March, 2007 ??Rev. 1
MC74HC244A ONSEMI-MC74HC244A_06 Datasheet
115Kb / 8P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/ Line Receiver High?뭁erformance Silicon?묰ate CMOS
April, 2006 ??Rev. 11
MC74HC541A ONSEMI-MC74HC541A_05 Datasheet
122Kb / 10P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 4
MC74HC273A ONSEMI-MC74HC273A_05 Datasheet
138Kb / 10P
   Octal D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HCT574A ONSEMI-MC74HCT574A_05 Datasheet
107Kb / 7P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
September, 2005 ??Rev. 9
MC74HC373A ONSEMI-MC74HC373A_05 Datasheet
119Kb / 10P
   Octal 3?뭆tate Non?묲nverting Transparent Latch High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 12
MC74HCT374A ONSEMI-MC74HCT374A_05 Datasheet
116Kb / 8P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
June, 2005 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com