Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC541ANG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HC541ANG
Description  Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver High?뭁erformance Silicon?묰ate CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC541ANG Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HC541ANG Datasheet HTML 1Page - ON Semiconductor MC74HC541ANG Datasheet HTML 2Page - ON Semiconductor MC74HC541ANG Datasheet HTML 3Page - ON Semiconductor MC74HC541ANG Datasheet HTML 4Page - ON Semiconductor MC74HC541ANG Datasheet HTML 5Page - ON Semiconductor MC74HC541ANG Datasheet HTML 6Page - ON Semiconductor MC74HC541ANG Datasheet HTML 7Page - ON Semiconductor MC74HC541ANG Datasheet HTML 8Page - ON Semiconductor MC74HC541ANG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC74HC541A
http://onsemi.com
4
DC CHARACTERISTICS (Voltages Referenced to GND)
Guaranteed Limit
Symbol
Parameter
Condition
VCC
V
*55 to
25
_C
v85_C v125_C
Unit
VIH
Minimum High−Level Input Voltage
VOUT = 0.1 V
|IOUT| ≤ 20 mA
2.0
3.0
4.5
6.0
1.50
2.10
3.15
4.20
1.50
2.10
3.15
4.20
1.50
2.10
3.15
4.20
V
VIL
Maximum Low−Level Input Voltage
VOUT = VCC − 0.1 V
|IOUT| ≤ 20 mA
2.0
3.0
4.5
6.0
0.50
0.90
1.35
1.80
0.50
0.90
1.35
1.80
0.50
0.90
1.35
1.80
V
VOH
Minimum High−Level Output Voltage
VIN = VIL
|IOUT| ≤ 20 mA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
VIN = VIL
|IOUT| ≤ 3.6 mA
|IOUT| ≤ 6.0 mA
|IOUT| ≤ 7.8 mA
3.0
4.5
6.0
2.48
3.98
5.48
2.34
3.84
5.34
2.20
3.70
5.20
VOL
Maximum Low−Level Output Voltage
VIN = VIH
|IOUT| ≤ 20 mA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN = VIH
|IOUT| ≤ 3.6 mA
|IOUT| ≤ 6.0 mA
|IOUT| ≤ 7.8 mA
3.0
4.5
6.0
0.26
0.26
0.26
0.33
0.33
0.33
0.40
0.40
0.40
IIN
Maximum Input Leakage Current
VIN = VCC or GND
6.0
$0.1
$1.0
$1.0
mA
IOZ
Maximum 3−State Leakage Current
Output in High Impedance State
VIN = VIL or VIH
VOUT = VCC or GND
6.0
$0.5
$5.0
$10.0
mA
ICC
Maximum Quiescent Supply
Current (per Package)
VIN = VCC or GND
IOUT = 0 mA
6.0
4
40
160
mA
8. Information on typical parametric values can be found in the ON Semiconductor High−Speed CMOS Data Book (DL129/D).
AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Guaranteed Limit
Symbol
Parameter
VCC
V
*55 to
25
_C
v85_C
v125_C
Unit
tPLH,
tPHL
Maximum Propagation Delay, Input A to Output Y
(Figures 3 and 5)
2.0
3.0
4.5
6.0
80
30
18
15
100
40
23
20
120
55
28
25
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Output Enable to Output Y
(Figures 4 and 6)
2.0
3.0
4.5
6.0
110
45
25
21
140
60
31
26
165
75
38
31
ns
tPZL,
tPZH
Maximum Propagation Delay, Output Enable to Output Y
(Figures 4 and 6)
2.0
3.0
4.5
6.0
110
45
25
21
140
60
31
26
165
75
38
31
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 3 and 5)
2.0
3.0
4.5
6.0
60
22
12
10
75
28
15
13
90
34
18
15
ns
CIN
Maximum Input Capacitance
10
10
10
pF
COUT
Maximum 3−State Output Capacitance (High Impedance State Output)
15
15
15
pF
9. For propagation delays with loads other than 50 pF, and information on typical parametric values, see the ON Semiconductor High−Speed
CMOS Data Book (DL129/D).
Typical @ 25
°C, VCC = 5.0 V, VEE = 0 V
CPD
Power Dissipation Capacitance (Per Buffer) (Note 10)
35
pF
10. Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see the ON
Semiconductor High−Speed CMOS Data Book (DL129/D).


Similar Part No. - MC74HC541ANG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC541AN ONSEMI-MC74HC541AN Datasheet
127Kb / 8P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 2
More results

Similar Description - MC74HC541ANG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC244A ONSEMI-MC74HC244A_06 Datasheet
115Kb / 8P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/ Line Receiver High?뭁erformance Silicon?묰ate CMOS
April, 2006 ??Rev. 11
MC74HC540A ONSEMI-MC74HC540A_05 Datasheet
119Kb / 8P
   Octal 3?뭆tate Inverting Buffer/Line Driver/Line Receiver High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 9
74HC244 ONSEMI-74HC244 Datasheet
126Kb / 7P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver
March, 2007 ??Rev. 0
MC74HC245A ONSEMI-MC74HC245A_06 Datasheet
115Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver High?뭁erformance Silicon?묰ate CMOS
April, 2006 ??Rev. 12
MC74HC573A ONSEMI-MC74HC573A_05 Datasheet
118Kb / 8P
   Octal 3?뭆tate Noninverting Transparent Latch High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 11
MC74HC574A ONSEMI-MC74HC574A_05 Datasheet
122Kb / 10P
   Octal 3?뭆tate Noninverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HCT244A ONSEMI-MC74HCT244A_06 Datasheet
113Kb / 8P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver with LSTTL?묬ompatible Inputs
December, 2006 ??Rev. 11
logo
Integral Corp.
IN74AC244 INTEGRAL-IN74AC244 Datasheet
159Kb / 4P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
IN74AC241 INTEGRAL-IN74AC241 Datasheet
167Kb / 4P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT241 KODENSHI-KK74ACT241 Datasheet
294Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com