Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT573A Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74HCT573A
Description  Octal 3?뭆tate Noninverting Transparent Latch with LSTTL Compatible Inputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT573A Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HCT573A_06 Datasheet HTML 1Page - ON Semiconductor MC74HCT573A_06 Datasheet HTML 2Page - ON Semiconductor MC74HCT573A_06 Datasheet HTML 3Page - ON Semiconductor MC74HCT573A_06 Datasheet HTML 4Page - ON Semiconductor MC74HCT573A_06 Datasheet HTML 5Page - ON Semiconductor MC74HCT573A_06 Datasheet HTML 6Page - ON Semiconductor MC74HCT573A_06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC74HCT573A
http://onsemi.com
5
SWITCHING WAVEFORMS
3.0 V
GND
tf
tr
INPUT D
Q
0.3 V
1.3 V
2.7 V
10%
1.3 V
90%
tTLH
tPLH
tPHL
tTHL
OUTPUT
ENABLE
Q
Q
1.3 V
1.3 V
1.3 V
90%
10%
tPZL
tPLZ
tPZH
tPHZ
3.0 V
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 kΩ
Figure 1.
Figure 2.
Figure 3.
Figure 4.
3.0 V
GND
1.3 V
1.3 V
LATCH
ENABLE
tPLH
tPHL
Q
tw
Figure 5. Test Circuit
Figure 6. Test Circuit
EXPANDED LOGIC DIAGRAM
D
LE
Q
D0 2
19 Q0
D
LE
Q
D1 3
18 Q1
D
LE
Q
D2 4
17 Q2
D
LE
Q
D3 5
16 Q3
D
LE
Q
D4 6
15 Q4
D
LE
Q
D5 7
14 Q5
D
LE
Q
D6 8
13 Q6
D
LE
Q
D7 9
12 Q7
LATCH ENABLE
OUTPUT ENABLE
11
1
3.0 V
GND
3.0 V
GND
1.3 V
1.3 V
VALID
tSU
th
INPUT D
LATCH
ENABLE


Similar Part No. - MC74HCT573A_06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HCT573ADT MOTOROLA-MC74HCT573ADT Datasheet
202Kb / 6P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
logo
ON Semiconductor
MC74HCT573ADT ONSEMI-MC74HCT573ADT Datasheet
186Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT573ADTR2 ONSEMI-MC74HCT573ADTR2 Datasheet
186Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT573ADTR2G ONSEMI-MC74HCT573ADTR2G Datasheet
153Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
June, 2011 ??Rev. 12
MC74HCT573ADTR2G ONSEMI-MC74HCT573ADTR2G Datasheet
153Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
June, 2011 ??Rev. 12
More results

Similar Description - MC74HCT573A_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT373A ONSEMI-MC74HCT373A_06 Datasheet
163Kb / 8P
   Octal 3?뭆tate Noninverting Transparent Latch with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 11
MC74HCT373A ONSEMI-MC74HCT373A_14 Datasheet
124Kb / 7P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
September, 2014 ??Rev. 13
MC74HCT573A ONSEMI-MC74HCT573A Datasheet
186Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT573ADWR2G ONSEMI-MC74HCT573ADWR2G Datasheet
153Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
June, 2011 ??Rev. 12
logo
Motorola, Inc
MC74HCT573A MOTOROLA-MC74HCT573A Datasheet
202Kb / 6P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
logo
ON Semiconductor
MC74HCT573A ONSEMI-MC74HCT573A_14 Datasheet
120Kb / 6P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
September, 2014 ??Rev. 13
MC74HCT373ADWR2G ONSEMI-MC74HCT373ADWR2G Datasheet
153Kb / 9P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
June, 2011 ??Rev. 12
MC74HCT573ADWG ONSEMI-MC74HCT573ADWG Datasheet
153Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
June, 2011 ??Rev. 12
MC74HCT245A ONSEMI-MC74HCT245A_07 Datasheet
118Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver with LSTTL Compatible Inputs
January, 2007 ??Rev. 10
MC74HCT373A ONSEMI-MC74HCT373A Datasheet
185Kb / 8P
   Octal 3-State Noninverting Transceiver Latch with LSTTL-Compatible Inputs?
March, 2000 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com