Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC4020ADR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74HC4020ADR2G
Description  14?뭆tage Binary Ripple Counter High?뭁erformance Silicon?묰ate CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4020ADR2G Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HC4020ADR2G Datasheet HTML 1Page - ON Semiconductor MC74HC4020ADR2G Datasheet HTML 2Page - ON Semiconductor MC74HC4020ADR2G Datasheet HTML 3Page - ON Semiconductor MC74HC4020ADR2G Datasheet HTML 4Page - ON Semiconductor MC74HC4020ADR2G Datasheet HTML 5Page - ON Semiconductor MC74HC4020ADR2G Datasheet HTML 6Page - ON Semiconductor MC74HC4020ADR2G Datasheet HTML 7Page - ON Semiconductor MC74HC4020ADR2G Datasheet HTML 8Page - ON Semiconductor MC74HC4020ADR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC74HC4020A
http://onsemi.com
5
TIMING REQUIREMENTS (Input tr = tf = 6 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
−55 to 25
°C
≤85°C
≤125°C
trec
Minimum Recovery Time, Reset Inactive to Clock
(Figure 2)
2.0
3.0
4.5
6.0
30
20
5
4
40
25
8
6
50
30
12
9
ns
tw
Minimum Pulse Width, Clock
(Figure 1)
2.0
3.0
4.5
6.0
70
40
15
13
80
45
19
16
90
50
24
20
ns
tw
Minimum Pulse Width, Reset
(Figure 2)
2.0
3.0
4.5
6.0
70
40
15
13
80
45
19
16
90
50
24
20
ns
tr, tf
Maximum Input Rise and Fall Times
(Figure 1)
2.0
3.0
4.5
6.0
1000
800
500
400
1000
800
500
400
1000
800
500
400
ns
NOTE: Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High−Speed CMOS Data Book
(DL129/D).
PIN DESCRIPTIONS
INPUTS
Clock (Pin 10)
Negative−edge triggering clock input. A high−to−low
transition on this input advances the state of the counter.
Reset (Pin 11)
Active−high reset. A high level applied to this input
asynchronously resets the counter to its zero state, thus
forcing all Q outputs low.
OUTPUTS
Q1, Q4—Q14 (Pins 9, 7, 5, 4, 6, 13, 12, 14, 15, 1, 2, 3)
Active−high outputs. Each Qn output divides the Clock
input frequency by 2N.
SWITCHING WAVEFORMS
tf
Clock
Q1
VCC
GND
90%
50%
10%
tr
tw
90%
50%
10%
tPHL
1/fMAX
tPLH
tTLH
tTHL
Clock
VCC
GND
tw
trec
50%
Figure 3.
Reset
VCC
GND
50%
Any Q
50%
tPHL
Figure 4.


Similar Part No. - MC74HC4020ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4020ADR2G ONSEMI-MC74HC4020ADR2G Datasheet
123Kb / 8P
   14-Stage Binary Ripple Counter
August, 2014 ??Rev. 8
More results

Similar Description - MC74HC4020ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4040A ONSEMI-MC74HC4040A_05 Datasheet
114Kb / 10P
   12?뭆tage Binary Ripple Counter High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 5
MC74HC393A ONSEMI-MC74HC393A_06 Datasheet
180Kb / 11P
   Dual 4?뭆tage Binary Ripple Counter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 4
MC74HC390A ONSEMI-MC74HC390A_05 Datasheet
127Kb / 10P
   Dual 4?뭆tage Binary Ripple Counter with /2and /5 Sections High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 3
MC74HC4060A ONSEMI-MC74HC4060A_06 Datasheet
147Kb / 14P
   14?뭆tage Binary Ripple Counter With Oscillator
January, 2006 ??Rev. 5
MC74AC4040 ONSEMI-MC74AC4040 Datasheet
84Kb / 6P
   12?뭆tage Binary Ripple Counter
November, 2006 ??Rev. 7
MC74VHC4051DTR2G ONSEMI-MC74VHC4051DTR2G Datasheet
206Kb / 17P
   High?뭁erformance Silicon?묰ate CMOS
May, 2011 ??Rev. 6
MC74HC160A ONSEMI-MC74HC160A Datasheet
162Kb / 12P
   High?뭁erformance Silicon?묰ate CMOS
May, 2013 ??Rev. 2
MC74HC4351 ONSEMI-MC74HC4351 Datasheet
356Kb / 13P
   High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 7
MC74HC4016 ONSEMI-MC74HC4016 Datasheet
286Kb / 11P
   High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 7
MC74HCT541A ONSEMI-MC74HCT541A_17 Datasheet
93Kb / 6P
   High?뭁erformance Silicon?묰ate CMOS
June, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com