Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC595ADTR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74HC595ADTR2
Description  8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High?뭁erformance Silicon?묰ate CMOS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC595ADTR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MC74HC595ADTR2 Datasheet HTML 1Page - ON Semiconductor MC74HC595ADTR2 Datasheet HTML 2Page - ON Semiconductor MC74HC595ADTR2 Datasheet HTML 3Page - ON Semiconductor MC74HC595ADTR2 Datasheet HTML 4Page - ON Semiconductor MC74HC595ADTR2 Datasheet HTML 5Page - ON Semiconductor MC74HC595ADTR2 Datasheet HTML 6Page - ON Semiconductor MC74HC595ADTR2 Datasheet HTML 7Page - ON Semiconductor MC74HC595ADTR2 Datasheet HTML 8Page - ON Semiconductor MC74HC595ADTR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC74HC595A
http://onsemi.com
2
LOGIC DIAGRAM
SERIAL
DATA
INPUT
14
11
10
12
13
SHIFT
CLOCK
RESET
LATCH
CLOCK
OUTPUT
ENABLE
SHIFT
REGISTER
LATCH
15
1
2
3
4
5
6
7
9
QA
QB
QC
QD
QE
QF
QG
QH
SQH
A
VCC = PIN 16
GND = PIN 8
PARALLEL
DATA
OUTPUTS
SERIAL
DATA
OUTPUT
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
LATCH CLOCK
OUTPUT ENABLE
A
QA
VCC
SQH
RESET
SHIFT CLOCK
QE
QD
QC
QB
GND
QH
QG
QF
ORDERING INFORMATION
Device
Package
Shipping
MC74HC595AN
PDIP−16
500 Units / Rail
MC74HC595ANG
PDIP−16
(Pb−Free)
500 Units / Rail
MC74HC595AD
SOIC−16
48 Units / Rail
MC74HC595ADG
SOIC−16
(Pb−Free)
48 Units / Rail
MC74HC595ADR2
SOIC−16
2500 Tape & Reel
MC74HC595ADR2G
SOIC−16
(Pb−Free)
2500 Tape & Reel
MC74HC595ADT
TSSOP−16*
96 Units / Rail
MC74HC595ADTR2
TSSOP−16*
2500 Tape & Reel
MC74HC595AFEL
SOEIAJ−16
2000 Tape & Reel
MC74HC595AFELG
SOEIAJ−16
(Pb−Free)
2000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.


Similar Part No. - MC74HC595ADTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC595ADTR2 ONSEMI-MC74HC595ADTR2 Datasheet
248Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
March, 2000 ??Rev. 8
logo
ARTSCHIP ELECTRONICS CO...
MC74HC595ADTR2 ARTSCHIP-MC74HC595ADTR2 Datasheet
1Mb / 10P
   High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HC595ADTR2G ONSEMI-MC74HC595ADTR2G Datasheet
159Kb / 11P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register
September, 2012 ??Rev. 14
MC74HC595ADTR2G ONSEMI-MC74HC595ADTR2G Datasheet
158Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
July, 2013 ??Rev. 15
MC74HC595ADTR2G ONSEMI-MC74HC595ADTR2G Datasheet
122Kb / 13P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register
December, 2016 ??Rev. 23
More results

Similar Description - MC74HC595ADTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC589A ONSEMI-MC74HC589A_05 Datasheet
141Kb / 14P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High?뭁erformance Silicon?묰ate CMOS
February, 2005 ??Rev. 3
MC74HC595A ONSEMI-MC74HC595A Datasheet
248Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
March, 2000 ??Rev. 8
MC74HC595ADTG ONSEMI-MC74HC595ADTG Datasheet
158Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
July, 2013 ??Rev. 15
logo
System Logic Semiconduc...
SL74HC595 SLS-SL74HC595 Datasheet
81Kb / 10P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
logo
Integral Corp.
IN74HC595A INTEGRAL-IN74HC595A Datasheet
156Kb / 9P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
logo
IK Semicon Co., Ltd
IN74HC595A IKSEMICON-IN74HC595A Datasheet
199Kb / 10P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC595A KODENSHI-KK74HC595A Datasheet
319Kb / 10P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High-Performance Silicon-Gate CMOS
logo
Renesas Technology Corp
HD74HC589 RENESAS-HD74HC589 Datasheet
198Kb / 9P
   8-bit Serial or Parallel-input/Serial-output Shift Register (with 3-state outputs)
logo
ON Semiconductor
MC74HC165A ONSEMI-MC74HC165A_05 Datasheet
135Kb / 12P
   8?묪it Serial or Parallel?묲nput/ Serial?뭀utput Shift Register High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 5
MC74HC589A ONSEMI-MC74HC589A Datasheet
240Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output
March, 2000 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com