Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT574ADTR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74HCT574ADTR2G
Description  Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT574ADTR2G Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HCT574ADTR2G Datasheet HTML 1Page - ON Semiconductor MC74HCT574ADTR2G Datasheet HTML 2Page - ON Semiconductor MC74HCT574ADTR2G Datasheet HTML 3Page - ON Semiconductor MC74HCT574ADTR2G Datasheet HTML 4Page - ON Semiconductor MC74HCT574ADTR2G Datasheet HTML 5Page - ON Semiconductor MC74HCT574ADTR2G Datasheet HTML 6Page - ON Semiconductor MC74HCT574ADTR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC74HCT574A
http://onsemi.com
5
SWITCHING WAVEFORMS
CLOCK
Q
tr
tf
3.0 V
GND
2.7 V
1.3 V
0.3 V
90%
1.3 V
10%
tPLH
tPHL
tTLH
tTHL
tw
1/fmax
Q
Q
1.3 V
1.3 V
90%
10%
tPZL
tPLZ
tPZH
tPHZ
3.0 V
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
OUTPUT
ENABLE
1.3 V
Figure 3.
1.3 V
CLOCK
3.0 V
VALID
GND
3.0 V
GND
tsu
th
1.3 V
DATA
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 kW
Figure 4.
Figure 5.
Figure 6. Test Circuit
Figure 7. Test Circuit


Similar Part No. - MC74HCT574ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT574ADTR2G ONSEMI-MC74HCT574ADTR2G Datasheet
143Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
June, 2011 ??Rev. 10
MC74HCT574ADTR2G ONSEMI-MC74HCT574ADTR2G Datasheet
124Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
September, 2014 ??Rev. 11
More results

Similar Description - MC74HCT574ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT374A ONSEMI-MC74HCT374A_05 Datasheet
116Kb / 8P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
June, 2005 ??Rev. 10
MC74HCT373A ONSEMI-MC74HCT373A_06 Datasheet
163Kb / 8P
   Octal 3?뭆tate Noninverting Transparent Latch with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 11
74HC574 ONSEMI-74HC574 Datasheet
132Kb / 8P
   Octal 3?뭆tate Noninverting D Flip?묯lop
March, 2007 ??Rev. 1
MC74HCT244A ONSEMI-MC74HCT244A_06 Datasheet
113Kb / 8P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver with LSTTL?묬ompatible Inputs
December, 2006 ??Rev. 11
MC74HCT273A ONSEMI-MC74HCT273A_06 Datasheet
148Kb / 8P
   Octal D Flip?묯lop with Common Clock and Reset with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 10
MC74HCT245A ONSEMI-MC74HCT245A_07 Datasheet
118Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver with LSTTL Compatible Inputs
January, 2007 ??Rev. 10
MC74HCT573A ONSEMI-MC74HCT573A_06 Datasheet
162Kb / 7P
   Octal 3?뭆tate Noninverting Transparent Latch with LSTTL Compatible Inputs
March, 2006 ??Rev. 11
MC74AC574 ONSEMI-MC74AC574_06 Datasheet
115Kb / 10P
   Octal D Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 8
MC74HCT574A ONSEMI-MC74HCT574A Datasheet
162Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
March, 2000 ??Rev. 8
MC74VHC374 ONSEMI-MC74VHC374 Datasheet
180Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com