Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX139MEL Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74LCX139MEL
Description  Dual Low?뭋oltage CMOS 2?뭪o?? Decoder/Demultiplexer With 5V?뭈olerant Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX139MEL Datasheet(HTML) 6 Page - ON Semiconductor

  MC74LCX139MEL Datasheet HTML 1Page - ON Semiconductor MC74LCX139MEL Datasheet HTML 2Page - ON Semiconductor MC74LCX139MEL Datasheet HTML 3Page - ON Semiconductor MC74LCX139MEL Datasheet HTML 4Page - ON Semiconductor MC74LCX139MEL Datasheet HTML 5Page - ON Semiconductor MC74LCX139MEL Datasheet HTML 6Page - ON Semiconductor MC74LCX139MEL Datasheet HTML 7Page - ON Semiconductor MC74LCX139MEL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC74LCX139
http://onsemi.com
6
PACKAGE DIMENSIONS
SOIC−16
D SUFFIX
CASE 751B−05
ISSUE J
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
18
16
9
SEATING
PLANE
F
J
M
R X 45
_
G
8 PL
P
−B−
−A−
M
0.25 (0.010)
B S
−T−
D
K
C
16 PL
S
B
M
0.25 (0.010)
A S
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
9.80
10.00
0.386
0.393
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019
__
__
TSSOP−16
DT SUFFIX
CASE 948F−01
ISSUE O
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
4.90
5.10
0.193
0.200
B
4.30
4.50
0.169
0.177
C
−−−
1.20
−−−
0.047
D
0.05
0.15
0.002
0.006
F
0.50
0.75
0.020
0.030
G
0.65 BSC
0.026 BSC
H
0.18
0.28
0.007
0.011
J
0.09
0.20
0.004
0.008
J1
0.09
0.16
0.004
0.006
K
0.19
0.30
0.007
0.012
K1
0.19
0.25
0.007
0.010
L
6.40 BSC
0.252 BSC
M
0
8
0
8
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD FLASH.
PROTRUSIONS OR GATE BURRS. MOLD FLASH
OR GATE BURRS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED
0.25 (0.010) PER SIDE.
5. DIMENSION K DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN
EXCESS OF THE K DIMENSION AT MAXIMUM
MATERIAL CONDITION.
6. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
7. DIMENSION A AND B ARE TO BE DETERMINED
AT DATUM PLANE −W−.
__
_
_
SECTION N−N
SEATING
PLANE
IDENT.
PIN 1
1
8
16
9
DETAIL E
J
J1
B
C
D
A
K
K1
H
G
DETAIL E
F
M
L
2X
L/2
−U−
S
U
0.15 (0.006) T
S
U
0.15 (0.006) T
S
U
M
0.10 (0.004)
V S
T
0.10 (0.004)
−T−
−V−
−W−
0.25 (0.010)
16X
REF
K
N
N


Similar Part No. - MC74LCX139MEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX139 ONSEMI-MC74LCX139 Datasheet
100Kb / 8P
   Dual Low-Voltage CMOS 2-to-4 Decoder/Demultiplexer
January, 2005 ??Rev. 3
MC74LCX139 ONSEMI-MC74LCX139 Datasheet
162Kb / 7P
   Dual Low-Voltage CMOS 2-to-4 Decoder/Demultiplexer
October, 2012 ??Rev. 7
MC74LCX139DR2G ONSEMI-MC74LCX139DR2G Datasheet
162Kb / 7P
   Dual Low-Voltage CMOS 2-to-4 Decoder/Demultiplexer
October, 2012 ??Rev. 7
MC74LCX139DTG ONSEMI-MC74LCX139DTG Datasheet
162Kb / 7P
   Dual Low-Voltage CMOS 2-to-4 Decoder/Demultiplexer
October, 2012 ??Rev. 7
MC74LCX139DTR2G ONSEMI-MC74LCX139DTR2G Datasheet
162Kb / 7P
   Dual Low-Voltage CMOS 2-to-4 Decoder/Demultiplexer
October, 2012 ??Rev. 7
More results

Similar Description - MC74LCX139MEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT139A ONSEMI-MC74VHCT139A Datasheet
102Kb / 7P
   Dual 2?뭪o?? Decoder/ Demultiplexer
January, 2006 ??Rev. 4
MC74VHC139 ONSEMI-MC74VHC139 Datasheet
121Kb / 8P
   Dual 2?뭪o?? Decoder/Demultiplexer
August, 2004 ??Rev. 3
MC74LCX138 ONSEMI-MC74LCX138_05 Datasheet
95Kb / 8P
   Low-Voltage CMOS 3-to-8 Decoder/Demultiplexer With 5 V?뭈olerant Inputs
January, 2005 ??Rev. 5
NL7SZ19 ONSEMI-NL7SZ19_07 Datasheet
115Kb / 6P
   1?뭪o?? Decoder/Demultiplexer
February, 2007 ??Rev. 10
logo
Motorola, Inc
MC74LCX138 MOTOROLA-MC74LCX138 Datasheet
162Kb / 8P
   Low-Voltage CMOS 1-of-8 Decoder/Demultiplexer With 5V-Tolerant Inputs
logo
ON Semiconductor
MC74LVX138 ONSEMI-MC74LVX138 Datasheet
105Kb / 8P
   3-to-8 Line Decoder With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
Fairchild Semiconductor
74LCX138 FAIRCHILD-74LCX138 Datasheet
76Kb / 12P
   Low Voltage 1-of-8 Decoder/Demultiplexer with 5V Tolerant Inputs
logo
ON Semiconductor
MC74LCX240 ONSEMI-MC74LCX240_06 Datasheet
91Kb / 7P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
March, 2006 ??Rev. 7
MC74LVX126 ONSEMI-MC74LVX126 Datasheet
91Kb / 5P
   Quad Bus Buffe With 5V?뭈olerant Inputs
February, 2005 ??Rev. 2
logo
STMicroelectronics
74LCX139 STMICROELECTRONICS-74LCX139_06 Datasheet
315Kb / 17P
   Low voltage CMOS Dual 2 to 4 decoder / demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com