Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX139MEL Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC74LCX139MEL
Description  Dual Low?뭋oltage CMOS 2?뭪o?? Decoder/Demultiplexer With 5V?뭈olerant Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX139MEL Datasheet(HTML) 7 Page - ON Semiconductor

  MC74LCX139MEL Datasheet HTML 1Page - ON Semiconductor MC74LCX139MEL Datasheet HTML 2Page - ON Semiconductor MC74LCX139MEL Datasheet HTML 3Page - ON Semiconductor MC74LCX139MEL Datasheet HTML 4Page - ON Semiconductor MC74LCX139MEL Datasheet HTML 5Page - ON Semiconductor MC74LCX139MEL Datasheet HTML 6Page - ON Semiconductor MC74LCX139MEL Datasheet HTML 7Page - ON Semiconductor MC74LCX139MEL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC74LCX139
http://onsemi.com
7
PACKAGE DIMENSIONS
SOEIAJ−16
M SUFFIX
CASE 966−01
ISSUE O
HE
A1
DIM
MIN
MAX
MIN
MAX
INCHES
−−−
2.05
−−−
0.081
MILLIMETERS
0.05
0.20
0.002
0.008
0.35
0.50
0.014
0.020
0.18
0.27
0.007
0.011
9.90
10.50
0.390
0.413
5.10
5.45
0.201
0.215
1.27 BSC
0.050 BSC
7.40
8.20
0.291
0.323
0.50
0.85
0.020
0.033
1.10
1.50
0.043
0.059
0
0.70
0.90
0.028
0.035
−−−
0.78
−−−
0.031
A1
HE
Q1
LE
_ 10_
0
_ 10_
LE
Q1
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH OR PROTRUSIONS AND ARE MEASURED
AT THE PARTING LINE. MOLD FLASH OR
PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006)
PER SIDE.
4. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
5. THE LEAD WIDTH DIMENSION (b) DOES NOT
INCLUDE DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.08 (0.003)
TOTAL IN EXCESS OF THE LEAD WIDTH
DIMENSION AT MAXIMUM MATERIAL CONDITION.
DAMBAR CANNOT BE LOCATED ON THE LOWER
RADIUS OR THE FOOT. MINIMUM SPACE
BETWEEN PROTRUSIONS AND ADJACENT LEAD
TO BE 0.46 ( 0.018).
M
L
DETAIL P
VIEW P
c
A
b
e
M
0.13 (0.005)
0.10 (0.004)
1
16
9
8
D
Z
E
A
b
c
D
E
e
L
M
Z


Similar Part No. - MC74LCX139MEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX139 ONSEMI-MC74LCX139 Datasheet
100Kb / 8P
   Dual Low-Voltage CMOS 2-to-4 Decoder/Demultiplexer
January, 2005 ??Rev. 3
MC74LCX139 ONSEMI-MC74LCX139 Datasheet
162Kb / 7P
   Dual Low-Voltage CMOS 2-to-4 Decoder/Demultiplexer
October, 2012 ??Rev. 7
MC74LCX139DR2G ONSEMI-MC74LCX139DR2G Datasheet
162Kb / 7P
   Dual Low-Voltage CMOS 2-to-4 Decoder/Demultiplexer
October, 2012 ??Rev. 7
MC74LCX139DTG ONSEMI-MC74LCX139DTG Datasheet
162Kb / 7P
   Dual Low-Voltage CMOS 2-to-4 Decoder/Demultiplexer
October, 2012 ??Rev. 7
MC74LCX139DTR2G ONSEMI-MC74LCX139DTR2G Datasheet
162Kb / 7P
   Dual Low-Voltage CMOS 2-to-4 Decoder/Demultiplexer
October, 2012 ??Rev. 7
More results

Similar Description - MC74LCX139MEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT139A ONSEMI-MC74VHCT139A Datasheet
102Kb / 7P
   Dual 2?뭪o?? Decoder/ Demultiplexer
January, 2006 ??Rev. 4
MC74VHC139 ONSEMI-MC74VHC139 Datasheet
121Kb / 8P
   Dual 2?뭪o?? Decoder/Demultiplexer
August, 2004 ??Rev. 3
MC74LCX138 ONSEMI-MC74LCX138_05 Datasheet
95Kb / 8P
   Low-Voltage CMOS 3-to-8 Decoder/Demultiplexer With 5 V?뭈olerant Inputs
January, 2005 ??Rev. 5
NL7SZ19 ONSEMI-NL7SZ19_07 Datasheet
115Kb / 6P
   1?뭪o?? Decoder/Demultiplexer
February, 2007 ??Rev. 10
logo
Motorola, Inc
MC74LCX138 MOTOROLA-MC74LCX138 Datasheet
162Kb / 8P
   Low-Voltage CMOS 1-of-8 Decoder/Demultiplexer With 5V-Tolerant Inputs
logo
ON Semiconductor
MC74LVX138 ONSEMI-MC74LVX138 Datasheet
105Kb / 8P
   3-to-8 Line Decoder With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
Fairchild Semiconductor
74LCX138 FAIRCHILD-74LCX138 Datasheet
76Kb / 12P
   Low Voltage 1-of-8 Decoder/Demultiplexer with 5V Tolerant Inputs
logo
ON Semiconductor
MC74LCX240 ONSEMI-MC74LCX240_06 Datasheet
91Kb / 7P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
March, 2006 ??Rev. 7
MC74LVX126 ONSEMI-MC74LVX126 Datasheet
91Kb / 5P
   Quad Bus Buffe With 5V?뭈olerant Inputs
February, 2005 ??Rev. 2
logo
STMicroelectronics
74LCX139 STMICROELECTRONICS-74LCX139_06 Datasheet
315Kb / 17P
   Low voltage CMOS Dual 2 to 4 decoder / demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com