Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX158DT Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74LCX158DT
Description  Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs (Inverting)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX158DT Datasheet(HTML) 5 Page - ON Semiconductor

  MC74LCX158DT Datasheet HTML 1Page - ON Semiconductor MC74LCX158DT Datasheet HTML 2Page - ON Semiconductor MC74LCX158DT Datasheet HTML 3Page - ON Semiconductor MC74LCX158DT Datasheet HTML 4Page - ON Semiconductor MC74LCX158DT Datasheet HTML 5Page - ON Semiconductor MC74LCX158DT Datasheet HTML 6Page - ON Semiconductor MC74LCX158DT Datasheet HTML 7Page - ON Semiconductor MC74LCX158DT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74LCX158
http://onsemi.com
5
DC ELECTRICAL CHARACTERISTICS
TA = −40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
VIH
Minimum HIGH Level Input Voltage (Note 2)
2.3 V
≤ VCC ≤ 2.7 V
1.7
V
2.7 V
≤ VCC ≤ 3.0 V
2.0
3.0 V
≤ VCC ≤ 3.6 V
2.0
VIL
Maximum LOW Level Input Voltage (Note 2)
2.3 V
≤ VCC ≤ 2.7 V
0.7
V
2.7 V
≤ VCC ≤ 3.0 V
0.8
3.0 V
≤ VCC ≤ 3.6 V
0.8
VOH
Minimum HIGH Level Output Voltage
2.3 V
≤ VCC ≤ 3.6 V; IOH = −100 mA
VCC − 0.2
V
VCC = 2.3 V; IOH = −8 mA
1.7
VCC = 2.7 V; IOH = −12 mA
2.2
VCC = 3.0 V; IOH = −18 mA
2.4
VCC = 3.0 V; IOH = −24 mA
2.2
VOL
Maximum LOW Level Output Voltage
2.3 V
≤ VCC ≤ 3.6 V; IOH = 100 mA
0.2
V
VCC = 2.3 V; IOH = 8 mA
0.7
VCC = 2.7 V; IOH = 12 mA
0.4
VCC = 3.0 V; IOH = 16 mA
0.4
VCC = 3.0 V; IOH = 24 mA
0.55
II
Input Leakage Current
2.3 V
≤ VCC ≤ 3.6 V; 0 V ≤ VI ≤ 5.5 V
±5.0
mA
ICC
Quiescent Supply Current
2.3 V
≤ VCC ≤ 3.6 V; VI = VCC or GND
10
mA
2.3 V
≤ VCC ≤ 3.6 V; 3.6 V ≤ VI ≤ 5.5 V
±10
DICC
Increase in ICC per Input
2.3 V
≤ VCC ≤ 3.6 V; VIH = VCC − 0.6 V
500
mA
2. These values of VI are used to test DC electrical characteristics only.
AC CHARACTERISTICS
Limits
TA = −40°C to +85°C
VCC = 3.0 V ± 3.6 V
VCC = 2.7 V
VCC = 2.3 V to 2.7 V
CL = 50 pF
CL = 50 pF
CL = 30 pF
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay
1.0
6.5
1.0
7.5
1.0
8.5
ns
tPHL
A or B to Y
1.0
6.5
1.0
7.5
1.0
8.5
tPLH
Propagation Delay
1.0
7.0
1.0
8.0
1.0
9.0
ns
tPHL
S to Y
1.0
7.0
1.0
8.0
1.0
9.0
tPLH
Propagation Delay
1.0
7.0
1.0
8.0
1.0
9.0
ns
tPHL
Output Enable to Y
1.0
7.0
1.0
8.0
1.0
9.0
tOSHL
Output−to−Output Skew
1.0
ns
tOSLH
1.0
DYNAMIC SWITCHING CHARACTERISTICS
TA = +25°C
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VOLP
Dynamic LOW Peak Voltage (Note 3)
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
0.8
V
VOLV
Dynamic LOW Valley Voltage (Note 3)
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
0.8
V
3. Number of outputs defined as “n”. Measured with “n−1” outputs switching from HIGH−to−LOW or LOW−to−HIGH. The remaining output is
measured in the LOW state.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 3.3 V, VI = 0 V or VCC
7
pF
COUT
Output Capacitance
VCC = 3.3 V, VI = 0 V or VCC
8
pF
CPD
Power Dissipation Capacitance
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
25
pF


Similar Part No. - MC74LCX158DT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX158DT MOTOROLA-MC74LCX158DT Datasheet
115Kb / 4P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74LCX158DTG ONSEMI-MC74LCX158DTG Datasheet
159Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 7
MC74LCX158DTR2G ONSEMI-MC74LCX158DTR2G Datasheet
159Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 7
More results

Similar Description - MC74LCX158DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX258 ONSEMI-MC74LCX258 Datasheet
90Kb / 10P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
January, 2005 ??Rev. 4
MC74LCX157A ONSEMI-MC74LCX157A Datasheet
313Kb / 9P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs (Non?묲nverting)
June, 2021 - Rev. 0
MC74LCX157 ONSEMI-MC74LCX157_05 Datasheet
85Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs (Non?묲nverting)
January, 2005 ??Rev. 4
MC74LCX32 ONSEMI-MC74LCX32_05 Datasheet
79Kb / 8P
   Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
MC74LCX02 ONSEMI-MC74LCX02_05 Datasheet
81Kb / 8P
   Low-Voltage CMOS Quad 2-Input NOR Gate With 5 V?뭈olerant Inputs
January, 2005 ??Rev. 5
MC74LCX08 ONSEMI-MC74LCX08_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 6
MC74LCX86 ONSEMI-MC74LCX86_05 Datasheet
79Kb / 8P
   Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
MC74LVX08 ONSEMI-MC74LVX08_05 Datasheet
82Kb / 6P
   Quad 2-Input NAND Gate With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
MC74LVX02 ONSEMI-MC74LVX02_05 Datasheet
82Kb / 6P
   Quad 2-Input NOR Gate With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
MC74LVX00 ONSEMI-MC74LVX00_05 Datasheet
83Kb / 6P
   Quad 2-Input NAND Gate With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com