Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX244MELG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74LCX244MELG
Description  Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX244MELG Datasheet(HTML) 5 Page - ON Semiconductor

  MC74LCX244MELG Datasheet HTML 1Page - ON Semiconductor MC74LCX244MELG Datasheet HTML 2Page - ON Semiconductor MC74LCX244MELG Datasheet HTML 3Page - ON Semiconductor MC74LCX244MELG Datasheet HTML 4Page - ON Semiconductor MC74LCX244MELG Datasheet HTML 5Page - ON Semiconductor MC74LCX244MELG Datasheet HTML 6Page - ON Semiconductor MC74LCX244MELG Datasheet HTML 7Page - ON Semiconductor MC74LCX244MELG Datasheet HTML 8Page - ON Semiconductor MC74LCX244MELG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC74LCX244
http://onsemi.com
5
DYNAMIC SWITCHING CHARACTERISTICS
TA = +25°C
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VOLP
Dynamic LOW Peak Voltage (Note 4)
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
VCC = 2.5 V, CL = 30 pF, VIH = 2.5 V, VIL = 0 V
0.8
0.6
V
VOLV
Dynamic LOW Valley Voltage (Note 4)
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
VCC = 2.5 V, CL = 30 pF, VIH = 2.5 V, VIL = 0 V
−0.8
−0.6
V
4. Number of outputs defined as “n”. Measured with “n−1” outputs switching from HIGH−to−LOW or LOW−to−HIGH. The remaining output is
measured in the LOW state.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 3.3 V, VI = 0 V or VCC
7
pF
COUT
Output Capacitance
VCC = 3.3 V, VI = 0 V or VCC
8
pF
CPD
Power Dissipation Capacitance
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
25
pF
VCC
0 V
VOH
VOL
1Dn, 2Dn
1On, 2On
tPHL
tPLH
VCC
0 V
≈ 0 V
1OE, 2OE
1On, 2On
tPZH
≈ 3.0 V
tPHZ
tPZL
tPLZ
1On, 2On
Vmo
Vmo
Vmi
Vmi
Vmo
Vmo
Figure 3. AC Waveforms
Vmi
VCC
VOH − 0.3 V
VOL + 0.3 V
GND
WAVEFORM 1 − PROPAGATION DELAYS
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
WAVEFORM 2 − OUTPUT ENABLE AND DISABLE TIMES
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
Symbol
VCC
3.3 V
± 0.3 V
2.7 V
2.5 V
± 0.2 V
Vmi
1.5 V
1.5 V
VCC/2
Vmo
1.5 V
1.5 V
VCC/2
VHZ
VOL + 0.3 V
VOL + 0.3 V
VOL + 0.15 V
VLZ
VOH − 0.3 V
VOH − 0.3 V
VOH − 015 V
Vmi


Similar Part No. - MC74LCX244MELG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX244M MOTOROLA-MC74LCX244M Datasheet
152Kb / 8P
   Low-Voltage CMOS Octal Buffer With 5V-Tolerant Inputs and Outputs(3-State, Non-Inverting)
logo
ON Semiconductor
MC74LCX244M ONSEMI-MC74LCX244M Datasheet
152Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 3
MC74LCX244MN2TWG ONSEMI-MC74LCX244MN2TWG Datasheet
113Kb / 10P
   Low-Voltage CMOS Octal Buffer
January, 2016 ??Rev. 19
MC74LCX244MN2TWG ONSEMI-MC74LCX244MN2TWG Datasheet
112Kb / 10P
   Low-Voltage CMOS Octal Buffer
October, 2017 ??Rev. 20
MC74LCX244MNTWG ONSEMI-MC74LCX244MNTWG Datasheet
142Kb / 9P
   Low-Voltage CMOS Octal Buffer
July, 2012 ??Rev. 11
More results

Similar Description - MC74LCX244MELG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX16244 ONSEMI-MC74LCX16244 Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX244A ONSEMI-MC74LCX244A Datasheet
314Kb / 9P
   Low-Voltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
June, 2021 ??Rev. 0
MC74LCX240 ONSEMI-MC74LCX240_06 Datasheet
91Kb / 7P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
March, 2006 ??Rev. 7
MC74LCX16245 ONSEMI-MC74LCX16245 Datasheet
95Kb / 8P
   Low?뭋oltage CMOS 16?묪it Transceiver With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 7
MC74LCX125 ONSEMI-MC74LCX125_05 Datasheet
70Kb / 8P
   Low-Voltage CMOS Quad Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 5
MC74LCX16373 ONSEMI-MC74LCX16373 Datasheet
99Kb / 8P
   Low?뭋oltage CMOS 16?묪it Transparent Latch With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX541 ONSEMI-MC74LCX541_05 Datasheet
87Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
January, 2005 ??Rev. 5
MC74LCX16374 ONSEMI-MC74LCX16374 Datasheet
99Kb / 8P
   Low?뭋oltage CMOS 16?묪it D?뭈ype Flip?묯lop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX16240 ONSEMI-MC74LCX16240 Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
August, 2005 ??Rev. 7
MC74LCX374 ONSEMI-MC74LCX374_05 Datasheet
93Kb / 8P
   Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
January, 2005 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com