Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX257M Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74LCX257M
Description  Low-Voltage CMOS Quad 2-Input Multiplexer With 5.0 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX257M Datasheet(HTML) 4 Page - ON Semiconductor

  MC74LCX257M Datasheet HTML 1Page - ON Semiconductor MC74LCX257M Datasheet HTML 2Page - ON Semiconductor MC74LCX257M Datasheet HTML 3Page - ON Semiconductor MC74LCX257M Datasheet HTML 4Page - ON Semiconductor MC74LCX257M Datasheet HTML 5Page - ON Semiconductor MC74LCX257M Datasheet HTML 6Page - ON Semiconductor MC74LCX257M Datasheet HTML 7Page - ON Semiconductor MC74LCX257M Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74LCX257
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
TA = −40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
VIH
HIGH Level Input Voltage (Note 2)
2.3 V
≤ VCC ≤ 2.7 V
1.7
V
2.7 V
≤ VCC ≤ 3.6 V
2.0
VIL
LOW Level Input Voltage (Note 2)
2.3 V
≤ VCC ≤ 2.7 V
0.7
V
2.7 V
≤ VCC ≤ 3.6 V
0.8
VOH
HIGH Level Output Voltage
2.3 V
≤ VCC ≤ 3.6 V; IOH = −100 mA
VCC − 0.2
V
VCC = 2.3 V; IOH = −8 mA
1.8
VCC = 2.7 V; IOH = −12 mA
2.2
VCC = 3.0 V; IOH = −18 mA
2.4
VCC = 3.0 V; IOH = −24 mA
2.2
VOL
LOW Level Output Voltage
2.3 V
≤ VCC ≤ 3.6 V; IOL = 100 mA
0.2
V
VCC = 2.3 V; IOL = 8 mA
0.6
VCC = 2.7 V; IOL = 12 mA
0.4
VCC = 3.0 V; IOL = 16 mA
0.4
VCC = 3.0 V; IOL = 24 mA
0.55
II
Input Leakage Current
2.3 V
≤ VCC ≤ 3.6 V; 0 V ≤ VI ≤ 5.5 V
±5
mA
IOZ
3−State Output Current
2.3
≤ VCC ≤ 3.6 V; 0 V ≤ VO ≤ 5.5 V;
VI = VIH or VIL
±5
mA
IOFF
Power−Off Leakage Current
VCC = 0 V; VI or VO = 5.5 V
10
mA
ICC
Quiescent Supply Current
2.3
≤ VCC ≤ 3.6 V; VI = GND or VCC
10
mA
2.3
≤ VCC ≤ 3.6 V; 3.6 ≤ VI or VO ≤ 5.5 V
±10
DICC
Increase in ICC per Input
2.3
≤ VCC ≤ 3.6 V; VIH = VCC − 0.6 V
500
mA
2. These values of VI are used to test DC electrical characteristics only.
AC CHARACTERISTICS tR = tF = 2.5 ns; RL = 500 W
Limits
TA = −40°C to +85°C
VCC = 3.3 V ± 0.3 V
VCC = 2.7 V
VCC = 2.5 V ± 0.2 V
CL = 50 pF
CL = 50 pF
CL = 30 pF
Symbol
Parameter
Waveform
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay
1
1.5
6.0
1.5
6.5
1.5
7.2
ns
tPHL
In to Zn
1.5
6.0
1.5
6.5
1.5
7.2
tPLH
Propagation Delay
1, 2
1.5
7.0
1.5
8.5
1.5
9.1
ns
tPHL
S to Zn
1.5
7.0
1.5
8.5
1.5
9.1
tPZH
Output Enable Time to
3
1.5
7.0
1.5
8.5
1.5
9.1
ns
tPZL
High and Low Level
1.5
7.0
1.5
8.5
1.5
9.1
tPHZ
Output Disable Time From
3
1.5
5.5
1.5
6.0
1.5
6.6
ns
tPLZ
High and Low Level
1.5
5.5
1.5
6.0
1.5
6.6
tOSHL
Output−to−Output Skew
1.0
ns
tOSLH
(Note 3)
1.0
3. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.


Similar Part No. - MC74LCX257M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX257M MOTOROLA-MC74LCX257M Datasheet
155Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74LCX257M ONSEMI-MC74LCX257M Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1996 REV 0.2
More results

Similar Description - MC74LCX257M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX125 ONSEMI-MC74LCX125_05 Datasheet
70Kb / 8P
   Low-Voltage CMOS Quad Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 5
MC74LCX157 ONSEMI-MC74LCX157_05 Datasheet
85Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs (Non?묲nverting)
January, 2005 ??Rev. 4
MC74LCX157A ONSEMI-MC74LCX157A Datasheet
313Kb / 9P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs (Non?묲nverting)
June, 2021 - Rev. 0
MC74LCX258 ONSEMI-MC74LCX258 Datasheet
90Kb / 10P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
January, 2005 ??Rev. 4
MC74LCX244A ONSEMI-MC74LCX244A Datasheet
314Kb / 9P
   Low-Voltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
June, 2021 ??Rev. 0
MC74LCX244 ONSEMI-MC74LCX244_07 Datasheet
96Kb / 9P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
February, 2007 ??Rev. 7
MC74LCX16245 ONSEMI-MC74LCX16245 Datasheet
95Kb / 8P
   Low?뭋oltage CMOS 16?묪it Transceiver With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 7
MC74LCX16244 ONSEMI-MC74LCX16244 Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX374 ONSEMI-MC74LCX374_05 Datasheet
93Kb / 8P
   Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
January, 2005 ??Rev. 7
MC74LCX16373 ONSEMI-MC74LCX16373 Datasheet
99Kb / 8P
   Low?뭋oltage CMOS 16?묪it Transparent Latch With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com