Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX16244 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74LCX16244
Description  Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX16244 Datasheet(HTML) 6 Page - ON Semiconductor

  MC74LCX16244 Datasheet HTML 1Page - ON Semiconductor MC74LCX16244 Datasheet HTML 2Page - ON Semiconductor MC74LCX16244 Datasheet HTML 3Page - ON Semiconductor MC74LCX16244 Datasheet HTML 4Page - ON Semiconductor MC74LCX16244 Datasheet HTML 5Page - ON Semiconductor MC74LCX16244 Datasheet HTML 6Page - ON Semiconductor MC74LCX16244 Datasheet HTML 7Page - ON Semiconductor MC74LCX16244 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC74LCX16244
http://onsemi.com
6
WAVEFORM 1 − PROPAGATION DELAYS
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
VCC
0 V
VOH
VOL
Dn
On
tPLH
tPHL
WAVEFORM 2 − OUTPUT ENABLE AND DISABLE TIMES
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
0 V
OEn
On
tPZH
tPHZ
tPZL
tPLZ
On
Vmo
Vmo
Vmi
Vmi
Vmo
Vmo
Figure 3. AC Waveforms
Vmi
VOH
VHZ
VOL
VCC
VLZ
Table 2. AC WAVEFORMS
Symbol
VCC
3.3 V
± 0.3 V
2.7 V
2.5 V
+ 0.2 V
Vmi
1.5 V
1.5 V
VCC / 2
Vmo
1.5 V
1.5 V
VCC / 2
VHZ
VOL + 0.3 V
VOL + 0.3 V
VOL + 0.15 V
VLZ
VOH − 0.3 V
VOH − 0.3 V
VOH − 015 V
OPEN
PULSE
GENERATOR
RT
DUT
VCC
RL
R1
CL
6 V or VCC x 2
GND
Figure 4. Test Circuit
Table 3. TEST CIRCUIT
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
6 V at VCC = 3.3 0.3 V
6 V at VCC = 2.5 0.2 V
Open Collector/Drain tPLH and tPHL
6 V
tPZH, tPHZ
GND
CL = 50 pF at VCC = 3.3 0.3 V or equivalent (includes jig and probe capacitance)
CL = 30 pF at VCC = 2.5 0.2 V or equivalent (includes jig and probe capacitance)
RL = R1 = 500 W or equivalent
RT = ZOUT of pulse generator (typically 50 W)


Similar Part No. - MC74LCX16244

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX16244 MOTOROLA-MC74LCX16244 Datasheet
115Kb / 6P
   LOW-VOLTAGE CMOS 16-BIT BUFFER
logo
ON Semiconductor
MC74LCX16244 ONSEMI-MC74LCX16244 Datasheet
198Kb / 8P
   Low-Voltage CMOS 16-Bit Buffer
October, 2012?뭃ev. 11
logo
Motorola, Inc
MC74LCX16244DT MOTOROLA-MC74LCX16244DT Datasheet
115Kb / 6P
   LOW-VOLTAGE CMOS 16-BIT BUFFER
logo
ON Semiconductor
MC74LCX16244DTG ONSEMI-MC74LCX16244DTG Datasheet
134Kb / 7P
   Low-Voltage CMOS 16-Bit Buffer
July, 2012 ??Rev. 10
MC74LCX16244DTG ONSEMI-MC74LCX16244DTG Datasheet
198Kb / 8P
   Low-Voltage CMOS 16-Bit Buffer
October, 2012?뭃ev. 11
More results

Similar Description - MC74LCX16244

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX16245 ONSEMI-MC74LCX16245 Datasheet
95Kb / 8P
   Low?뭋oltage CMOS 16?묪it Transceiver With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 7
MC74LCX16373 ONSEMI-MC74LCX16373 Datasheet
99Kb / 8P
   Low?뭋oltage CMOS 16?묪it Transparent Latch With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX244 ONSEMI-MC74LCX244_07 Datasheet
96Kb / 9P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
February, 2007 ??Rev. 7
MC74LCX16240 ONSEMI-MC74LCX16240 Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
August, 2005 ??Rev. 7
MC74LCX16374 ONSEMI-MC74LCX16374 Datasheet
99Kb / 8P
   Low?뭋oltage CMOS 16?묪it D?뭈ype Flip?묯lop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX244A ONSEMI-MC74LCX244A Datasheet
314Kb / 9P
   Low-Voltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
June, 2021 ??Rev. 0
MC74LCX125 ONSEMI-MC74LCX125_05 Datasheet
70Kb / 8P
   Low-Voltage CMOS Quad Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 5
MC74LCX240 ONSEMI-MC74LCX240_06 Datasheet
91Kb / 7P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
March, 2006 ??Rev. 7
MC74LCX541 ONSEMI-MC74LCX541_05 Datasheet
87Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
January, 2005 ??Rev. 5
MC74LCX374 ONSEMI-MC74LCX374_05 Datasheet
93Kb / 8P
   Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
January, 2005 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com